Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX4558 Datasheet (PDF) - Maxim Integrated Products

MAX4558 Datasheet PDF - Maxim Integrated Products
Part # MAX4558
Download  MAX4558 Download
File Size   305.17 Kbytes
Page   16 Pages
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products
Description 짹15kV ESD-Protected, Low-Voltage, CMOS Analog Multiplexers/Switches

MAX4558 Datasheet (PDF)

Go To PDF Page Download Datasheet
MAX4558 Datasheet PDF - Maxim Integrated Products

Part # MAX4558
Download  MAX4558 Click to download

File Size   305.17 Kbytes
Page   16 Pages
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products
Description 짹15kV ESD-Protected, Low-Voltage, CMOS Analog Multiplexers/Switches

MAX4558 Datasheet (HTML) - Maxim Integrated Products


MAX4558 Product details

General Description
The MAX4558/MAX4559/MAX4560 are low-voltage, CMOS analog ICs configured as an 8-to-1 multiplexer (MAX4558), a dual 4-to-1 multiplexer (MAX4559), and a triple single-pole/double-throw (SPDT) switch (MAX4560). Each switch is protected against ±15kV electrostatic discharge (ESD) shocks, without latchup or damage.
These CMOS devices can operate continuously from dual supplies of ±2V to ±6V or from a +2V to +12V single supply. Each switch can handle Rail-to-Rail® analog signals. The off-leakage current is only 1nA at +25°C or 10nA at +85°C max.
All digital inputs have +0.8V to +2.4V logic thresholds, ensuring TTL/CMOS-logic compatibility when using a single +5V supply or dual ±5V supplies.

Features
♦ ESD-Protected X, Y, Z and X_, Y_, Z_ Pins
   ±15kV (Human Body Model)
   ±12kV (IEC 1000-4-2, Air-Gap Discharge)
   ±8kV (IEC 1000-4-2, Contact Discharge)
♦ Pin-Compatible with Industry-Standard 74HC4051/74HC4052/74HC4053
♦ Guaranteed On-Resistance
   220Ω with Single +5V Supply
   160Ω with ±5V Supply
♦ RON Match Between Channels: 2Ω (typ)
♦ Guaranteed Low leakage Currents
   1nA Off-Leakage (at +25°C)
   1nA On-Leakage (at +25°C)
♦ TTL-Compatible Inputs with +5V/±5V Supplies
♦ Low Distortion: < 0.02% (600Ω)
♦ Low Crosstalk: < -93dB (50Ω)
♦ High Off-Isolation: < -96dB (50Ω)

Applications
   Battery-Operated Equipment
   Audio and Video Signal Routing
   Low-Voltage Data-Acquisition Systems
   Communications Circuits
   High-ESD Environments




Similar Part No. - MAX4558

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX4558CEE MAXIM-MAX4558CEE Datasheet
1Mb / 16P
짹15kV ESD-Protected, Low-Voltage, CMOS Analog Multiplexers/Switches
2022
MAX4558CPE MAXIM-MAX4558CPE Datasheet
1Mb / 16P
짹15kV ESD-Protected, Low-Voltage, CMOS Analog Multiplexers/Switches
2022
MAX4558CSE MAXIM-MAX4558CSE Datasheet
1Mb / 16P
짹15kV ESD-Protected, Low-Voltage, CMOS Analog Multiplexers/Switches
2022
MAX4558 MAXIM-MAX4558_V01 Datasheet
1Mb / 16P
짹15kV ESD-Protected, Low-Voltage, CMOS Analog Multiplexers/Switches
2022
More results


Similar Description - MAX4558

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX4051 MAXIM-MAX4051 Datasheet
148Kb / 20P
Low-Voltage, CMOS Analog Multiplexers/Switches
19-0463; Rev 0; 1/96
MAX4551 MAXIM-MAX4551 Datasheet
325Kb / 16P
짹15kV ESD-Protected, Quad, Low-Voltage, SPST Analog Switches
Rev 0; 10/98
MAX4581 MAXIM-MAX4581 Datasheet
253Kb / 16P
Low-Voltage, CMOS Analog Multiplexers/Switches
Rev 1; 10/99
MAX4581L MAXIM-MAX4581L Datasheet
381Kb / 16P
Low-Voltage, CMOS Analog Multiplexers/Switches
Rev 0; 8/03
MAX4581 MAXIM-MAX4581_05 Datasheet
553Kb / 18P
Low-Voltage, CMOS Analog Multiplexers/Switches
Rev 4; 8/05
MAX4581 MAXIM-MAX4581_07 Datasheet
519Kb / 18P
Low-Voltage, CMOS Analog Multiplexers/Switches
Rev 5; 6/07
MAX4581L MAXIM-MAX4581L_07 Datasheet
304Kb / 16P
Low-Voltage, CMOS Analog Multiplexers/Switches
Rev 1; 6/07
MAX4581 MAXIM-MAX4581_12 Datasheet
198Kb / 17P
Low-Voltage, CMOS Analog Multiplexers/Switches
Rev 6; 3/12
MAX4052AESE-T MAXIM-MAX4052AESE-T Datasheet
368Kb / 19P
Low-Voltage, CMOS Analog Multiplexers/Switches
Rev 2; 10/05
MAX4558 MAXIM-MAX4558_V01 Datasheet
1Mb / 16P
짹15kV ESD-Protected, Low-Voltage, CMOS Analog Multiplexers/Switches
2022
More results




About Maxim Integrated Products


Maxim Integrated Products is a publicly traded company that designs, develops, and sells a wide range of high-performance analog and mixed-signal integrated circuits (ICs).
The company was founded in 1983 and is headquartered in San Jose, California.
Maxim Integrated Products serves customers in a variety of markets, including communications, computing, consumer, industrial, medical, and automotive.
The company offers a comprehensive portfolio of products, including data converters, amplifiers and comparators, power management ICs, microcontrollers, security and protection devices, and sensors, among others.
Maxim Integrated Products is dedicated to innovation and customer satisfaction, and is committed to delivering high-quality, reliable solutions to its customers.
With a focus on energy efficiency and sustainability, Maxim Integrated Products is at the forefront of the semiconductor industry, driving technological advancements in the fields of analog and mixed-signal ICs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com