Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX5395 Datasheet (PDF) - Maxim Integrated Products

MAX5395 Datasheet PDF - Maxim Integrated Products
Part # MAX5395
Download  MAX5395 Download
File Size   2804.11 Kbytes
Page   17 Pages
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products
Description Single, 256-Tap Volatile, I2C, Low-Voltage Linear Taper Digital Potentiometer

MAX5395 Datasheet (PDF)

Go To PDF Page Download Datasheet
MAX5395 Datasheet PDF - Maxim Integrated Products

Part # MAX5395
Download  MAX5395 Click to download

File Size   2804.11 Kbytes
Page   17 Pages
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products
Description Single, 256-Tap Volatile, I2C, Low-Voltage Linear Taper Digital Potentiometer

MAX5395 Datasheet (HTML) - Maxim Integrated Products


MAX5395 Product details

General Description
The MAX5395 single, 256-tap volatile, low-voltage linear taper digital potentiometer offers three end-toend resistance values of 10kΩ, 50kΩ, and 100kΩ. Potentiometer terminals are independent of supply for voltages up to 5.25V with single-supply operation from 1.7V to 5.5V (charge pump enabled). User-controlled shutdown modes allow the H, W, or L terminal to be opened with the wiper position set to zero-code, midcode, full-code, or the value contained in the wiper register. Ultra-low-quiescent supply current (< 1µA) can be achieved for supply voltages between 2.6V and 5.5V by disabling the internal charge pump and not allowing potentiometer terminals to exceed the supply voltage by more than 0.3V. The MAX5395 provides a low 50ppm/°C end-to-end temperature coefficient and features an I2C serial interface.

Benefits and Features
● Single Linear Taper 256-Tap Positions
● 10kΩ, 50kΩ, and 100kΩ End-to-End Resistance
● 1.7V to 5.5V Extended Single Supply
● 0 to 5.25V H, W, L Operating Voltage Independent of VDD
● 1μA (typ) Supply Current in Low-Power Mode
● ±1.0 LSB INL, ±0.5 LSB DNL (max) Wiper Accuracy
● Power-On Sets Wiper to Midscale
● 50ppm/°C End-to-End Temperature Coefficient
● 5ppm/°C Ratiometric Temperature Coefficient
● -40°C to +125°C Operating Temperature Range
● 2mm x 2mm, 8-Pin TDFN Package
● I2C-Compatible Serial Interface

Applications
● Portable Electronics
● System Calibration
● Battery-Powered Systems
● Mechanical Potentiometer Replacement




Similar Part No. - MAX5395

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX5395LEVKIT MAXIM-MAX5395LEVKIT Datasheet
733Kb / 12P
1.7V to 5.5V Wide Input Supply Range
Rev 0; 5/13
More results


Similar Description - MAX5395

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX5386 MAXIM-MAX5386 Datasheet
1Mb / 12P
Dual, 256-Tap, Volatile Low-Voltage Linear Taper Digital Potentiometers
Rev 0; 4/09
MAX5391 MAXIM-MAX5391 Datasheet
2Mb / 13P
Dual 256-Tap, Volatile, Low-Voltage Linear Taper Digital Potentiometers
Rev 0; 10/09
MAX5386 MAXIM-MAX5386_10 Datasheet
2Mb / 13P
Dual, 256-Tap, Volatile, Low-Voltage Linear Taper Digital Potentiometers
Rev 2; 1/10
MAX5387 MAXIM-MAX5387 Datasheet
2Mb / 15P
Dual, 256-Tap, Volatile, Low-Voltage Linear Taper Digital Potentiometer
Rev 1; 4/10
MAX5389 MAXIM-MAX5389 Datasheet
2Mb / 13P
Dual, 256-Tap, Volatile, Low-Voltage Linear Taper Digital Potentiometer
Rev 1; 4/10
MAX5391 MAXIM-MAX5391_10 Datasheet
2Mb / 14P
Dual 256-Tap, Volatile, Low-Voltage Linear Taper Digital Potentiometers
Rev 1; 4/10
MAX5392 MAXIM-MAX5392 Datasheet
2Mb / 16P
Dual, 256-Tap, Volatile, Low-Voltage, Linear Taper Digital Potentiometer
Rev 1; 4/10
MAX5394 MAXIM-MAX5394 Datasheet
2Mb / 15P
Single, 256-Tap Volatile, SPI, Low-Voltage Linear Taper Digital Potentiometer
Rev 1; 9/12
MAX5386 MAXIM-MAX5386_V01 Datasheet
1Mb / 13P
Dual, 256-Tap, Volatile, Low-Voltage Linear Taper Digital Potentiometers
2014
MAX5391 MAXIM-MAX5391_V01 Datasheet
1Mb / 14P
Dual 256-Tap, Volatile, Low-Voltage Linear Taper Digital Potentiometers
2014
More results




About Maxim Integrated Products


Maxim Integrated Products is a publicly traded company that designs, develops, and sells a wide range of high-performance analog and mixed-signal integrated circuits (ICs).
The company was founded in 1983 and is headquartered in San Jose, California.
Maxim Integrated Products serves customers in a variety of markets, including communications, computing, consumer, industrial, medical, and automotive.
The company offers a comprehensive portfolio of products, including data converters, amplifiers and comparators, power management ICs, microcontrollers, security and protection devices, and sensors, among others.
Maxim Integrated Products is dedicated to innovation and customer satisfaction, and is committed to delivering high-quality, reliable solutions to its customers.
With a focus on energy efficiency and sustainability, Maxim Integrated Products is at the forefront of the semiconductor industry, driving technological advancements in the fields of analog and mixed-signal ICs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com