Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX4400 Datasheet (PDF) - Maxim Integrated Products

MAX4400 Datasheet PDF - Maxim Integrated Products
Part # MAX4400
Download  MAX4400 Download
File Size   186.54 Kbytes
Page   10 Pages
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products
Description Single/Dual/Quad, Low-Cost, Single-Supply Rail-to-Rail Op Amps with Shutdown

MAX4400 Datasheet (PDF)

Go To PDF Page Download Datasheet
MAX4400 Datasheet PDF - Maxim Integrated Products

Part # MAX4400
Download  MAX4400 Click to download

File Size   186.54 Kbytes
Page   10 Pages
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products
Description Single/Dual/Quad, Low-Cost, Single-Supply Rail-to-Rail Op Amps with Shutdown

MAX4400 Datasheet (HTML) - Maxim Integrated Products


MAX4400 Product details

General Description
The MAX4400–MAX4403 low-cost, general-purpose op amps offer rail-to-rail outputs, draw only 320µA of quiescent current, and operate from a single +2.5V to +5.5V supply. For additional power conservation, the MAX4401 offers a low-power shutdown mode that reduces supply current to 1µA (max) and puts the amplifier’s output in a high-impedance state. These devices deliver ±1.4mA of output current and are unity-gain stable with a 1MHz gainbandwidth product driving capacitive loads up to 400pF. The MAX4400–MAX4403 are specified to +125°C, making them suitable for use in a variety of harsh environments, such as automotive applications.

Features
♦ Single +2.5V to +5.5V Supply Voltage Range
♦ 320µA Quiescent Current per Amplifier
♦ 1µA (max) Shutdown Mode (MAX4401)
♦ Available in Space-Saving Packages
    5-Pin SC70 (MAX4400)
    6-Pin SC70 (MAX4401)
    8-Pin SOT23/µMAX (MAX4402)
♦ 110dB AVOL with 2kΩ Load
♦ 0.015% THD with 2kΩ Load
♦ Rail-to-Rail Output Voltage Swing
♦ 1.4mA of Sink and Source Load Current
♦ Unity-Gain Stable up to CLOAD = 400pF
♦ Ground-Sensing Inputs

Applications
    Single-Supply, Zero-Crossing Detectors
    Instruments and Terminals
    Portable Communications
    Electronic Ignition Modules
    Infrared Receivers
    Sensor Signal Detection




Similar Part No. - MAX4400

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX4400 MAXIM-MAX4400 Datasheet
298Kb / 12P
Single/Dual/Quad, Low-Cost, Single-Supply, Rail-to-Rail Op Amps with Shutdown
Rev 0; 1/00
MAX4400 MAXIM-MAX4400 Datasheet
178Kb / 10P
Single/Dual/Quad, Low-Cost, Single-Supply, Rail-to-Rail Op Amps with Shutdown
Rev 4; 7/12
MAX44000 MAXIM-MAX44000 Datasheet
1Mb / 24P
Ambient and Infrared Proximity Sensor
Rev 0; 10/11
MAX44000EVSYS MAXIM-MAX44000EVSYS Datasheet
2Mb / 25P
Continuous Data Acquisition
Rev 0; 11/11
MAX44000PMB1 MAXIM-MAX44000PMB1 Datasheet
1Mb / 7P
MAX44000PMB1 Peripheral Module
Rev 0; 5/12
More results


Similar Description - MAX4400

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX4330 MAXIM-MAX4330 Datasheet
176Kb / 16P
Single/Dual/Quad, Low-Power, Single-Supply, Rail-to-Rail I/O Op Amps with Shutdown
Rev 3; 2/98
MAX4400 MAXIM-MAX4400 Datasheet
298Kb / 12P
Single/Dual/Quad, Low-Cost, Single-Supply, Rail-to-Rail Op Amps with Shutdown
Rev 0; 1/00
MAX4480 MAXIM-MAX4480 Datasheet
471Kb / 13P
Single/Dual/Quad, Low-Cost, Single-Supply, Rail-to-Rail Op Amps with Shutdown
Rev 1; 1/01
MAX4484 MAXIM-MAX4484 Datasheet
367Kb / 12P
Single/Dual/Quad, Low-Cost, Single-Supply 7MHz, Rail-to-Rail Op Amps
Rev 0; 10/00
MAX4091 MAXIM-MAX4091 Datasheet
514Kb / 16P
Single/Dual/Quad, Micropower, Single-Supply, Rail-to-Rail Op Amps
19-2272; Rev 0; 1/02
MAX4480 MAXIM-MAX4480_12 Datasheet
288Kb / 10P
Single/Dual/Quad, Low-Cost, Single-Supply, Rail-to-Rail Op Amps with Shutdown
Rev 2; 10/12
MAX4400AUK MAXIM-MAX4400AUK Datasheet
178Kb / 10P
Single/Dual/Quad, Low-Cost, Single-Supply, Rail-to-Rail Op Amps with Shutdown
Rev 4; 7/12
MAX4400 MAXIM-MAX4400_V01 Datasheet
2Mb / 13P
Single/Dual/Quad, Low-Cost, Single-Supply, Rail-to-Rail Op Amps with Shutdown
2019
MAX4480 MAXIM-MAX4480_V01 Datasheet
2Mb / 10P
Single/Dual/Quad, Low-Cost, Single-Supply, Rail-to-Rail Op Amps with Shutdown
2014
MAX4484 MAXIM-MAX4484_V01 Datasheet
1Mb / 8P
Single/Dual/Quad, Low-Cost, Single-Supply 7MHz, Rail-to-Rail Op Amps
2020
More results




About Maxim Integrated Products


Maxim Integrated Products is a publicly traded company that designs, develops, and sells a wide range of high-performance analog and mixed-signal integrated circuits (ICs).
The company was founded in 1983 and is headquartered in San Jose, California.
Maxim Integrated Products serves customers in a variety of markets, including communications, computing, consumer, industrial, medical, and automotive.
The company offers a comprehensive portfolio of products, including data converters, amplifiers and comparators, power management ICs, microcontrollers, security and protection devices, and sensors, among others.
Maxim Integrated Products is dedicated to innovation and customer satisfaction, and is committed to delivering high-quality, reliable solutions to its customers.
With a focus on energy efficiency and sustainability, Maxim Integrated Products is at the forefront of the semiconductor industry, driving technological advancements in the fields of analog and mixed-signal ICs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com