Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SL74HC164 Datasheet (PDF) - System Logic Semiconductor

SL74HC164 Datasheet PDF - System Logic Semiconductor
Part # SL74HC164
Download  SL74HC164 Download
File Size   50.75 Kbytes
Page   5 Pages
Manufacturer  SLS [System Logic Semiconductor]
Direct Link  http://www.slsemicon.co.kr/e_index.htm
Logo SLS - System Logic Semiconductor
Description 8-Bit Serial-Input/Parallel-Output8-Bit Serial-Input/Parallel-Output Shift Register

SL74HC164 Datasheet (PDF)

Go To PDF Page Download Datasheet
SL74HC164 Datasheet PDF - System Logic Semiconductor

Part # SL74HC164
Download  SL74HC164 Click to download

File Size   50.75 Kbytes
Page   5 Pages
Manufacturer  SLS [System Logic Semiconductor]
Direct Link  http://www.slsemicon.co.kr/e_index.htm
Logo SLS - System Logic Semiconductor
Description 8-Bit Serial-Input/Parallel-Output8-Bit Serial-Input/Parallel-Output Shift Register

SL74HC164 Datasheet (HTML) - System Logic Semiconductor


SL74HC164 Product details

The SL74HC164 is identical in pinout to the LS/ALS164. The device inputs are compatible with standard CMOS outputs; with pullup resistors, they are compatible with LS/ALSTTL outputs.
The SL74HC164 is an 8-bit, serial-input to parallel-output shift register. Two serial data inputs, A1 and A2, are provided so that one input may be used as a data enable. Data is entered on each rising edge of the clock. The active-low asynchronous Reset overrides theClock and Serial Data inputs.

• Outputs Directly Interface to CMOS, NMOS, and TTL
• Operating Voltage Range: 2.0 to 6.0 V
• Low Input Current: 1.0 mA
• High Noise Immunity Characteristic of CMOS Devices




Similar Part No. - SL74HC164

ManufacturerPart #DatasheetDescription
logo
System Logic Semiconduc...
SL74HC161 SLS-SL74HC161 Datasheet
85Kb / 9P
Presettable Counters
SL74HC161D SLS-SL74HC161D Datasheet
85Kb / 9P
Presettable Counters
SL74HC161N SLS-SL74HC161N Datasheet
85Kb / 9P
Presettable Counters
SL74HC163 SLS-SL74HC163 Datasheet
86Kb / 9P
Presettable Counters
SL74HC163D SLS-SL74HC163D Datasheet
86Kb / 9P
Presettable Counters
More results


Similar Description - SL74HC164

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC74HC164A ONSEMI-MC74HC164A Datasheet
195Kb / 8P
8-Bit Serial-Input/Parallel-Output Shift Register
March, 2000 ??Rev. 1
MC74HC165A ONSEMI-MC74HC165A Datasheet
112Kb / 12P
8-Bit Serial or Parallel-Input/Serial-Output Shift Register
July, 2000 ??Rev. 4
logo
System Logic Semiconduc...
SL74HC165 SLS-SL74HC165 Datasheet
67Kb / 7P
8-Bit Serial or Parallel-Input/ Serial-Output Shift Register
SL74LS164 SLS-SL74LS164 Datasheet
36Kb / 4P
8-Bit Serial-Input/Parallel-Output Shift Register
logo
Integral Corp.
IN74AC164 INTEGRAL-IN74AC164 Datasheet
168Kb / 5P
8-Bit Serial-Input/Parallel-Output Shift register
IN74ACT164 INTEGRAL-IN74ACT164 Datasheet
166Kb / 5P
8-BIT SERIAL-INPUT/PARALLEL-OUTPUT SHIFT REGISTER
logo
KODENSHI_AUK CORP.
KK74LS164 KODENSHI-KK74LS164 Datasheet
279Kb / 5P
8-Bit Serial-Input/Parallel-Output Shift Register
logo
Motorola, Inc
MC54-74HC164A MOTOROLA-MC54-74HC164A Datasheet
250Kb / 9P
8-BIT SERIAL-INPUT/PARALLEL-OUTPUT SHIFT REGISTER
logo
ON Semiconductor
MC74HC164B ONSEMI-MC74HC164B Datasheet
97Kb / 9P
8-Bit Serial-Input/Parallel- Output Shift Register
March, 2016 ??Rev. 2
MC74HC164A ONSEMI-MC74HC164A_12 Datasheet
151Kb / 11P
8-Bit Serial-Input/Parallel- Output Shift Register
July, 2012 ??Rev. 6
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com