Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IRS2980S Datasheet (PDF) - International Rectifier

IRS2980S Datasheet PDF - International Rectifier
Part # IRS2980S
Download  IRS2980S Download
File Size   339.41 Kbytes
Page   18 Pages
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier
Description LED DRIVER CONTROL IC

IRS2980S Datasheet (PDF)

Go To PDF Page Download Datasheet
IRS2980S Datasheet PDF - International Rectifier

Part # IRS2980S
Download  IRS2980S Click to download

File Size   339.41 Kbytes
Page   18 Pages
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier
Description LED DRIVER CONTROL IC

IRS2980S Datasheet (HTML) - International Rectifier


IRS2980S Product details

Description
The IRS2980S utilizes International Rectifiers control and high-voltage technologies to realize a simple, high-performance Buck LED driver solution. This solution is based on hysteretic output current regulation typically operating from 25 kHz to 120 kHz. Frequency and duty cycle vary to maintain a tightly regulated average output current over variations in line and load. Output current ripple will depend on inductor selection in conjunction with input and output voltages as well as output current and component selection. The IRS2980S uses a unique floating high side differential current sense and level shift scheme allowing hysteretic operation with a low side switching MOSFET optimizing size and cost. In addition, the IRS2980S includes a high voltage regulator able to operate up to 450V eliminating the need for an external VCC supply. A PWM dimming interface is also included that can be controlled from a 0 to 2V analog or 3.3 or 5V logic control signal able to operate up to 1kHz offering brightness control from 0 to 100%. A programmable on board PWM oscillator is used with DC dimming control.

IC Features
• Dimming LED driver controller
• Hysteretic Current Regulation
• Closed-loop LED current dimming control
• Analog/PWM Dimming Input
• Internal High Voltage Regulator
• Internal 15.6V zener clamp diode on Vcc
• Micropower startup (250μA)
• Latch immunity and ESD protection

LED Driver System Features
• Single chip dimming solution
• Simple LED current dimming control method
• No external protection circuits required (fully internal)
• Low external component count
• Easy to use for fast design cycle time
• Increased manufacturability and reliability

Typical applications
• LED incandescent/CFL replacement lamps
• LED driver module




Similar Part No. - IRS2980S

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRS2980S IRF-IRS2980S Datasheet
501Kb / 2P
High-Voltage Buck Control ICs for Constant LED Current Regulation
More results


Similar Description - IRS2980S

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LV5212VH SANYO-LV5212VH Datasheet
117Kb / 9P
Bi-CMOS IC LED Driver Control IC
logo
Princeton Technology Co...
PT6955 PTC-PT6955_10 Datasheet
586Kb / 19P
LED Driver IC
PT6961 PTC-PT6961 Datasheet
577Kb / 18P
LED Driver IC
logo
Sanyo Semicon Device
LV5027M SANYO-LV5027M Datasheet
93Kb / 5P
LED Driver IC
logo
International Rectifier
IRS2548D IRF-IRS2548D Datasheet
325Kb / 22P
SMPS/LED DRIVER PFC HALF-BRIDGE CONTROL IC
logo
Diodes Incorporated
AL9910EV5 DIODES-AL9910EV5 Datasheet
226Kb / 8P
PWM high-efficiency LED driver control IC
JUNE 2011
AL9910EV6 DIODES-AL9910EV6 Datasheet
254Kb / 12P
PWM high-efficiency LED driver control IC.
JUNE 2011
logo
Princeton Technology Co...
PT16511 PTC-PT16511 Datasheet
372Kb / 5P
LCD Control/Driver IC
logo
Shenzhen Huazhimei Semi...
HM5110 HMSEMI-HM5110 Datasheet
577Kb / 6P
Touch control three-way LED headlight driver IC
logo
Guangdong Youtai Semico...
L9110S UMW-L9110S Datasheet
521Kb / 5P
Motor control driver IC
More results




About International Rectifier


International Rectifier (IR) was an American company that specialized in the design and manufacture of power management and power control semiconductors.
The company was founded in 1947 and was headquartered in El Segundo, California.
IR provided a wide range of products including power management ICs, power MOSFETs, IGBTs, and other power control products.
The company's products were used in various applications such as computing, telecommunications, and industrial automation.
IR was known for its expertise in power management and control technology and its ability to deliver high-quality and reliable products to its customers.
In 2014, IR was acquired by Infineon Technologies, a leading provider of power management and control products and other semiconductor solutions.
The International Rectifier brand is no longer in use, but its technology and products continue to be a part of Infineon's portfolio.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com