Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SL74HC251 Datasheet (PDF) - System Logic Semiconductor

SL74HC251 Datasheet PDF - System Logic Semiconductor
Part # SL74HC251
Download  SL74HC251 Download
File Size   52.69 Kbytes
Page   5 Pages
Manufacturer  SLS [System Logic Semiconductor]
Direct Link  http://www.slsemicon.co.kr/e_index.htm
Logo SLS - System Logic Semiconductor
Description 8-Input Data Selector/Multiplexer with 3-State Outputs

SL74HC251 Datasheet (PDF)

Go To PDF Page Download Datasheet
SL74HC251 Datasheet PDF - System Logic Semiconductor

Part # SL74HC251
Download  SL74HC251 Click to download

File Size   52.69 Kbytes
Page   5 Pages
Manufacturer  SLS [System Logic Semiconductor]
Direct Link  http://www.slsemicon.co.kr/e_index.htm
Logo SLS - System Logic Semiconductor
Description 8-Input Data Selector/Multiplexer with 3-State Outputs

SL74HC251 Datasheet (HTML) - System Logic Semiconductor


SL74HC251 Product details

8-Input Data Selector/Multiplexer with 3-State Outputs
High-Performance Silicon-Gate CMOS

The SL74HC251 is identical in pinout to the LS/ALS251. The device inputs are compatible with standard CMOS outputs; with pullup resistors, they are compatible with LS/ALSTTL outputs.
The device selects one of the eight binary Data Inputs, as determined by the Address Inputs. The Output Enable pin must be at a low level for the selected data to appear at the outputs. If Output Enable is high, the Y and the Y outputs are in the high-impedance state. This 3-State feature allows the IN74HC251 to be used in bus-oriented systems.

 • Outputs Directly Interface to CMOS, NMOS, and TTL
 • Operating Voltage Range: 2.0 to 6.0 V
 • Low Input Current: 1.0 μA
 • High Noise Immunity Characteristic of CMOS Devices




Similar Part No. - SL74HC251

ManufacturerPart #DatasheetDescription
logo
System Logic Semiconduc...
SL74HC253 SLS-SL74HC253 Datasheet
49Kb / 5P
Dual 4-Input Data Selector/Multiplexer with 3-State Otputs
SL74HC253D SLS-SL74HC253D Datasheet
49Kb / 5P
Dual 4-Input Data Selector/Multiplexer with 3-State Otputs
SL74HC253N SLS-SL74HC253N Datasheet
49Kb / 5P
Dual 4-Input Data Selector/Multiplexer with 3-State Otputs
SL74HC257 SLS-SL74HC257 Datasheet
47Kb / 5P
Quad 2-Input Data Selector/Multiplexer with 3-State Outputs
SL74HC257D SLS-SL74HC257D Datasheet
47Kb / 5P
Quad 2-Input Data Selector/Multiplexer with 3-State Outputs
More results


Similar Description - SL74HC251

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MC54-74HC251 MOTOROLA-MC54-74HC251 Datasheet
213Kb / 7P
8-Input Data Selector/Multiplexer with 3-State Outputs
MC54-74HC354 MOTOROLA-MC54-74HC354 Datasheet
206Kb / 9P
8-Input Data Selector/Multiplexer With Data and Address Latches and 3-State Outputs
logo
System Logic Semiconduc...
SL74HC257 SLS-SL74HC257 Datasheet
47Kb / 5P
Quad 2-Input Data Selector/Multiplexer with 3-State Outputs
logo
Integral Corp.
IN74HC251A INTEGRAL-IN74HC251A Datasheet
148Kb / 5P
8-INPUT DATA SELECTOR/MULTIPLEXER WITH 3-STATE OUTPUTS
IN74ACT251 INTEGRAL-IN74ACT251 Datasheet
192Kb / 5P
8-INPUT DATA SELECTOR/MULTIPLEXER WITH 3-STATE OUTPUTS
IN74ACT257 INTEGRAL-IN74ACT257 Datasheet
176Kb / 5P
QUAD 2-INPUT DATA SELECTOR/MULTIPLEXER WITH 3-STATE OUTPUTS
IN74ACT258 INTEGRAL-IN74ACT258 Datasheet
176Kb / 5P
QUAD 2-INPUT DATA SELECTOR/MULTIPLEXER WITH 3-STATE OUTPUTS
IN74AC251 INTEGRAL-IN74AC251 Datasheet
158Kb / 5P
8-Input Data Selector/Multiplexer with 3-State Outputs High-Speed Silicon-Gate CMOS
logo
KODENSHI_AUK CORP.
KK74AC251 KODENSHI-KK74AC251 Datasheet
648Kb / 6P
8-Input Data Selector/Multiplexer with 3-State Outputs High-Speed Silicon-Gate CMOS
KK74ACT251 KODENSHI-KK74ACT251 Datasheet
293Kb / 6P
8-Input Data Selector/Multiplexer with 3-State Outputs High-Speed Silicon-Gate CMOS
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com