Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HC253 Datasheet (PDF) - System Logic Semiconductor

HC253 Datasheet PDF - System Logic Semiconductor
Part # HC253
Download  HC253 Download
File Size   49.85 Kbytes
Page   5 Pages
Manufacturer  SLS [System Logic Semiconductor]
Direct Link  http://www.slsemicon.co.kr/e_index.htm
Logo SLS - System Logic Semiconductor
Description Dual 4-Input Data Selector/Multiplexer with 3-State Otputs

HC253 Datasheet (PDF)

Go To PDF Page Download Datasheet
HC253 Datasheet PDF - System Logic Semiconductor

Part # HC253
Download  HC253 Click to download

File Size   49.85 Kbytes
Page   5 Pages
Manufacturer  SLS [System Logic Semiconductor]
Direct Link  http://www.slsemicon.co.kr/e_index.htm
Logo SLS - System Logic Semiconductor
Description Dual 4-Input Data Selector/Multiplexer with 3-State Otputs

HC253 Datasheet (HTML) - System Logic Semiconductor


HC253 Product details

The SL74HC253 is identical in pinout to the LS/ALS253. The device inputs are compatible with standard CMOS outputs; with pullup resistors, they are compatible with LS/ALSTTL outputs.
The Address Inputs select one of four Data Inputs from each multiplexer. Each multiplexer has an active-low Output Enable control and a three-state noninverting output.

• Outputs Directly Interface to CMOS, NMOS, and TTL
• Operating Voltage Range: 2.0 to 6.0 V
• Low Input Current: 1.0 μA
• High Noise Immunity Characteristic of CMOS Devices




Similar Part No. - HC253

ManufacturerPart #DatasheetDescription
logo
Yantel Corporation
HC2500A03 YANTEL-HC2500A03 Datasheet
1Mb / 9P
Hybrid Coupler 3 dB, 90o
HC2500E03 YANTEL-HC2500E03 Datasheet
1Mb / 9P
Hybrid Coupler 3 dB, 90o
HC2500P03 YANTEL-HC2500P03 Datasheet
1Mb / 9P
Hybrid Coupler 3 dB, 90o
HC2500S03 YANTEL-HC2500S03 Datasheet
1Mb / 9P
Hybrid Coupler 3 dB, 90o
HC2500U03-050 YANTEL-HC2500U03-050 Datasheet
746Kb / 4P
90 Degree Hybrid 2.30 GHz-2.65 GHz
More results


Similar Description - HC253

ManufacturerPart #DatasheetDescription
logo
System Logic Semiconduc...
SL74HC153 SLS-SL74HC153 Datasheet
52Kb / 5P
Dual 4-Input Data Selector/Multiplexer
logo
Integral Corp.
IN74ACT253 INTEGRAL-IN74ACT253 Datasheet
220Kb / 5P
DUAL 4-INPUT DATA SELECTOR/MULTIPLEXER WITH 3-STATE OTPUTS
IN74AC253 INTEGRAL-IN74AC253 Datasheet
196Kb / 5P
Dual 4-Input Data Selector/Multiplexer with 3-State Otputs High-Speed Silicon-Gate CMOS
logo
Motorola, Inc
MC74HC153 MOTOROLA-MC74HC153 Datasheet
180Kb / 5P
Dual 4-Input Data Selector/Multiplexer
logo
KODENSHI_AUK CORP.
KK74AC253 KODENSHI-KK74AC253 Datasheet
329Kb / 6P
Dual 4-Input Data Selector/Multiplexer with 3-State Otputs High-Speed Silicon-Gate CMOS
KK74ACT253 KODENSHI-KK74ACT253 Datasheet
326Kb / 6P
Dual 4-Input Data Selector/Multiplexer with 3-State Otputs High-Speed Silicon-Gate CMOS
KK74HC253A KODENSHI-KK74HC253A Datasheet
240Kb / 6P
Dual 4-Input Data Selector/Multiplexer with 3-State Otputs High-Performance Silicon-Gate CMOS
logo
IK Semicon Co., Ltd
IN74HC253A IKSEMICON-IN74HC253A Datasheet
221Kb / 6P
Dual 4-Input Data Selector/Multiplexer with 3-State Otputs High-Performance Silicon-Gate CMOS
IN74AC253 IKSEMICON-IN74AC253 Datasheet
235Kb / 6P
Dual 4-Input Data Selector/Multiplexer with 3-State Otputs High-Speed Silicon-Gate CMOS
IN74ACT253 IKSEMICON-IN74ACT253 Datasheet
315Kb / 6P
Dual 4-Input Data Selector/Multiplexer with 3-State Otputs High-Speed Silicon-Gate CMOS
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com