Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HC4094 Datasheet (PDF) - System Logic Semiconductor

HC4094 Datasheet PDF - System Logic Semiconductor
Part # HC4094
Download  HC4094 Download
File Size   315.91 Kbytes
Page   7 Pages
Manufacturer  SLS [System Logic Semiconductor]
Direct Link  http://www.slsemicon.co.kr/e_index.htm
Logo SLS - System Logic Semiconductor
Description 8-Bit Serial-Input Shift Register With Latched 3-State Outputs(High-Performance Silicon-Gate CMOS)

HC4094 Datasheet (PDF)

Go To PDF Page Download Datasheet
HC4094 Datasheet PDF - System Logic Semiconductor

Part # HC4094
Download  HC4094 Click to download

File Size   315.91 Kbytes
Page   7 Pages
Manufacturer  SLS [System Logic Semiconductor]
Direct Link  http://www.slsemicon.co.kr/e_index.htm
Logo SLS - System Logic Semiconductor
Description 8-Bit Serial-Input Shift Register With Latched 3-State Outputs(High-Performance Silicon-Gate CMOS)

HC4094 Datasheet (HTML) - System Logic Semiconductor


HC4094 Product details

8-Bit Serial-Input Shift Register With Latched 3-State Outputs
High-Performance Silicon-Gate CMOS

The SL74HC4094 is identical in pinout to the LS/ALS4094. The device inputs are compatible with standard CMOS outputs; with pullup resistors, they are compatible with LS/ALSTTL outputs.
This device consists of an 8-bit shift register and 8-bit D-type latch with three-state parallel outputs. Data is shifted serially through the shift register on the positive going transition of the clock input signal. The output of the last stage SQH can be used to cascade several devices.
Data on the SQH output is transferred to a second output (SQH’) on the following negative transition of the clock input signal. The data of each stage of the shift register is provided with a latch, which latches data on the negative going transition of the Strobe input signal. When the Strobe input is held high, data propagates through the latch to a 3-state output buffer.

This buffer is enabled when Output Enable input is taken high.
 • Outputs Directly Interface to CMOS, NMOS, and TTL
 • Operating Voltage Range: 2.0 to 6.0 V
 • Low Input Current: 1.0 μA
 • High Noise Immunity Characteristic of CMOS Devices




Similar Part No. - HC4094

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
HC4020 TI2-HC4020 Datasheet
919Kb / 21P
CDx4HC4020, CDx4HCT4020 CDHigh-Speed CMOS Logic 14-Stage Binary Counter
REVISED AUGUST 2022
logo
auris-GmbH
HC4025 AURIS-HC4025 Datasheet
110Kb / 1P
Quartz SMD, Ceramic
HC4025 AURIS-HC4025 Datasheet
496Kb / 1P
Quartz SMD, Ceramic
HC4025/4 AURIS-HC4025/4 Datasheet
496Kb / 1P
Quartz SMD, Ceramic
HC4025 AURIS-HC4025_1 Datasheet
496Kb / 1P
Quartz SMD, Ceramic
More results


Similar Description - HC4094

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC74HC595A ONSEMI-MC74HC595A Datasheet
248Kb / 12P
8-Bit Serial-Input/Serial or Parallel-Output Shift Register with Latched 3-State Outputs
March, 2000 ??Rev. 8
logo
System Logic Semiconduc...
SL74HC595 SLS-SL74HC595 Datasheet
81Kb / 10P
8-Bit Serial-Input/Serial or Parallel-Output Shift Register with Latched 3-State Outputs
logo
Integral Corp.
IN74HC595A INTEGRAL-IN74HC595A Datasheet
156Kb / 9P
8-Bit Serial-Input/Serial or Parallel-Output Shift Register with Latched 3-State Outputs
IN74HC4094 INTEGRAL-IN74HC4094 Datasheet
181Kb / 7P
8-Bit Serial-Input Shift Register With Latched 3-State Outputs High-Performance Silicon-Gate CMOS
logo
ON Semiconductor
MC74HC595A ONSEMI-MC74HC595A_05 Datasheet
124Kb / 12P
8-Bit Serial-Input/Serial or Parallel-Output Shift Register with Latched 3-State Outputs High?뭁erformance Silicon?묰ate CMOS
April, 2005 ??Rev. 9
logo
KODENSHI_AUK CORP.
KK74HC595A KODENSHI-KK74HC595A Datasheet
319Kb / 10P
8-Bit Serial-Input/Serial or Parallel-Output Shift Register with Latched 3-State Outputs High-Performance Silicon-Gate CMOS
KK74HC4094A KODENSHI-KK74HC4094A Datasheet
312Kb / 8P
8-Bit Serial-Input Shift Register With Latched 3-State Outputs High-Performance Silicon-Gate CMOS
logo
IK Semicon Co., Ltd
IN74HC595A IKSEMICON-IN74HC595A Datasheet
199Kb / 10P
8-Bit Serial-Input/Serial or Parallel-Output Shift Register with Latched 3-State Outputs High-Performance Silicon-Gate CMOS
IN74HC4094A IKSEMICON-IN74HC4094A Datasheet
215Kb / 8P
8-Bit Serial-Input Shift Register With Latched 3-State Outputs High-Performance Silicon-Gate CMOS
logo
ON Semiconductor
MC74HC595ADTG ONSEMI-MC74HC595ADTG Datasheet
158Kb / 12P
8-Bit Serial-Input/Serial or Parallel-Output Shift Register with Latched 3-State Outputs
July, 2013 ??Rev. 15
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com