Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SL74HCU04 Datasheet (PDF) - System Logic Semiconductor

SL74HCU04 Datasheet PDF - System Logic Semiconductor
Part # SL74HCU04
Download  SL74HCU04 Download
File Size   31.9 Kbytes
Page   4 Pages
Manufacturer  SLS [System Logic Semiconductor]
Direct Link  http://www.slsemicon.co.kr/e_index.htm
Logo SLS - System Logic Semiconductor
Description Hex Unbuffered Inverters(High-Performance Silicon-Gate CMOS)

SL74HCU04 Datasheet (PDF)

Go To PDF Page Download Datasheet
SL74HCU04 Datasheet PDF - System Logic Semiconductor

Part # SL74HCU04
Download  SL74HCU04 Click to download

File Size   31.9 Kbytes
Page   4 Pages
Manufacturer  SLS [System Logic Semiconductor]
Direct Link  http://www.slsemicon.co.kr/e_index.htm
Logo SLS - System Logic Semiconductor
Description Hex Unbuffered Inverters(High-Performance Silicon-Gate CMOS)

SL74HCU04 Datasheet (HTML) - System Logic Semiconductor


SL74HCU04 Product details

Hex Unbuffered Inverters
High-Performance Silicon-Gate CMOS

The SL74HCU04 is identical in pinout to the 74LS04. This contain six independent unbuffered inverters. These inverters are well suited for use as oscillators, pulse shapers and in many other applications requiring a high-input impedance amplifier.
This device is characterized for over wide temperature ranges to meet industry and ation over military specifications.

 • Low Power consumption characteristic of CMOS devices
 • Output drive capability: 10 LS TTL Loads Min.
 • Operating speed superior to LS TTL
 • Wide operating voltage range: 2.0 to 6.0 V
 • Low input current: 1.0 μA Max.
 • Low quiescent current: 20μA Max.
 • High noise immunity characteristic of CMOS
 • Diode protection on all inputs




Similar Part No. - SL74HCU04

ManufacturerPart #DatasheetDescription
logo
System Logic Semiconduc...
SL74HC SLS-SL74HC Datasheet
40Kb / 4P
Quad 2-Input NAND Gate
SL74HC SLS-SL74HC Datasheet
47Kb / 5P
Octal 3-State Noninverting Buffer/Line Driver/Line Receiver
SL74HC SLS-SL74HC Datasheet
81Kb / 10P
8-Bit Serial-Input/Serial or Parallel-Output Shift Register with Latched 3-State Outputs
SL74HC00 SLS-SL74HC00 Datasheet
40Kb / 4P
Quad 2-Input NAND Gate
SL74HC00D SLS-SL74HC00D Datasheet
40Kb / 4P
Quad 2-Input NAND Gate
More results


Similar Description - SL74HCU04

ManufacturerPart #DatasheetDescription
logo
System Logic Semiconduc...
SL74HCT04 SLS-SL74HCT04 Datasheet
33Kb / 4P
Hex Inverter(High-Performance Silicon-Gate CMOS)
logo
Integral Corp.
IN74HCT04A INTEGRAL-IN74HCT04A Datasheet
70Kb / 4P
Hex Inverter High-Performance Silicon-Gate CMOS
IN74HC04A INTEGRAL-IN74HC04A Datasheet
70Kb / 4P
Hex Inverter High-Performance Silicon-Gate CMOS
IN74HCU04A INTEGRAL-IN74HCU04A Datasheet
200Kb / 6P
Hex Unbuffered Inverters
IN74HCU04 INTEGRAL-IN74HCU04 Datasheet
60Kb / 6P
Hex Unbuffered Inverter High-Performance Silicon-Gate CMOS
logo
KODENSHI_AUK CORP.
KK74HC04A KODENSHI-KK74HC04A Datasheet
251Kb / 5P
Hex Inverter High-Performance Silicon-Gate CMOS
KK74HCT04A KODENSHI-KK74HCT04A Datasheet
194Kb / 5P
Hex Inverter High-Performance Silicon-Gate CMOS
KK74HCU04A KODENSHI-KK74HCU04A Datasheet
214Kb / 6P
Hex Unbuffered Inverters High-Performance Silicon-Gate CMOS
logo
Diodes Incorporated
74HCU04 DIODES-74HCU04 Datasheet
229Kb / 9P
UNBUFFERED HEX INVERTERS
Rev 3
74AHCU04 DIODES-74AHCU04 Datasheet
239Kb / 8P
UNBUFFERED HEX INVERTERS
Rev 3
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com