Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCM72CF32 Datasheet (PDF) - Motorola, Inc

MCM72CF32 Datasheet PDF - Motorola, Inc
Part # MCM72CF32
Download  MCM72CF32 Download
File Size   259.19 Kbytes
Page   14 Pages
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc
Description 256KB and 512KB BurstRAM Secondary Cache Module for Pentium

MCM72CF32 Datasheet (PDF)

Go To PDF Page Download Datasheet
MCM72CF32 Datasheet PDF - Motorola, Inc

Part # MCM72CF32
Download  MCM72CF32 Click to download

File Size   259.19 Kbytes
Page   14 Pages
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc
Description 256KB and 512KB BurstRAM Secondary Cache Module for Pentium

MCM72CF32 Datasheet (HTML) - Motorola, Inc


MCM72CF32 Product details

256KB and 512KB BurstRAM Secondary Cache Module for Pentium

The MCM72CF32SG and MCM72CF64SG are designed to provide a burstable, high performance, 256K/512K L2 cache for the Pentium microprocessor. The modules are configured as 32K x 72 and 64K x 72 bits in a 160 pin card edge memory module. The module uses four of Motorola’s MCM67C518 or MCM67C618 BiCMOS BurstRAMs.

• Pentium–style Burst Counter on Board
• Pipelined Data Out
• 160 Pin Card Edge Module
• Single 5 V ± 5% Power Supply
• All Inputs and Outputs are TTL Compatible
• Three State Outputs
• Byte Parity
• Byte Write Capability
• Fast Module Clock Rates: 66 MHz
• Decoupling Capacitors for each Fast Static RAM
• High Quality Multi–Layer FR4 PWB With Separate Power and Ground Planes
• I/Os are 3.3 V Compatible
• Burndy Connector, Part Number: CELP2X80SC3Z48
• Series 20Ω Resistors for Noise Immunity




Similar Part No. - MCM72CF32

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MCM72CB32 MOTOROLA-MCM72CB32 Datasheet
260Kb / 14P
256KB and 512KB BurstRAM Secondary Cache Module for Pentium
MCM72CB32SG100 MOTOROLA-MCM72CB32SG100 Datasheet
260Kb / 14P
256KB and 512KB BurstRAM Secondary Cache Module for Pentium
MCM72CB32SG66 MOTOROLA-MCM72CB32SG66 Datasheet
260Kb / 14P
256KB and 512KB BurstRAM Secondary Cache Module for Pentium
MCM72CB32SG80 MOTOROLA-MCM72CB32SG80 Datasheet
260Kb / 14P
256KB and 512KB BurstRAM Secondary Cache Module for Pentium
MCM72CB64SG100 MOTOROLA-MCM72CB64SG100 Datasheet
260Kb / 14P
256KB and 512KB BurstRAM Secondary Cache Module for Pentium
More results


Similar Description - MCM72CF32

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MCM64PC32 MOTOROLA-MCM64PC32 Datasheet
180Kb / 16P
256K/512K Pipelined BurstRAM Secondary Cache Module for Pentium
MCM72BA32 MOTOROLA-MCM72BA32 Datasheet
237Kb / 14P
256KB and 512KB BurstRAM Secondary Cache Module for Pentium
MCM72BB32 MOTOROLA-MCM72BB32 Datasheet
252Kb / 14P
256KB and 512KB BurstRAM Secondary Cache Module for Pentium
MCM72BF32 MOTOROLA-MCM72BF32 Datasheet
253Kb / 14P
256KB and 512KB BurstRAM Secondary Cache Module for Pentium
MCM72CB32 MOTOROLA-MCM72CB32 Datasheet
260Kb / 14P
256KB and 512KB BurstRAM Secondary Cache Module for Pentium
MCM72JG32 MOTOROLA-MCM72JG32 Datasheet
296Kb / 16P
256KB and 512KB Pipelined BurstRAM Secondary Cache Module for Pentium
MPC2002 MOTOROLA-MPC2002 Datasheet
234Kb / 14P
256KB and 512KB BurstRAM Secondary Cache Module for PowerPC - Based Systems
MPC2004 MOTOROLA-MPC2004 Datasheet
84Kb / 6P
256KB and 512KB BurstRAM Secondary Cache Modules for PowerPC PReP/CHRP Platforms
MPC2104 MOTOROLA-MPC2104 Datasheet
228Kb / 24P
256KB and 512KB BurstRAM Secondary Cache Modules for PowerPC PReP/CHRP Platforms
MPC2104P MOTOROLA-MPC2104P Datasheet
158Kb / 16P
256KB/512KB BurstRAM Secondary Cache Modules for PowerPC PReP/CHRP Platforms
More results




About Motorola, Inc


Motorola, Inc. was an American multinational telecommunications company that was founded in 1928. It was headquartered in Schaumburg, Illinois and was one of the largest providers of mobile phones, telecommunication equipment, and semiconductors. Throughout its history, Motorola was known for its innovation in the field of telecommunications, including the development of the world's first commercially available cellular telephone, the DynaTAC, and the world's first two-way pager, the Pageboy.

In 2011, Motorola split into two separate companies: Motorola Mobility and Motorola Solutions. Motorola Mobility was later acquired by Google in 2012, and is now a subsidiary of Lenovo. Motorola Solutions focuses on public safety and commercial and industrial communication solutions. The company provides a wide range of products including two-way radios, mobile computing devices, and network infrastructure equipment.

Motorola was one of the pioneers of the mobile phone industry and has a rich history of innovation and technological advancements. The company's legacy continues through its subsidiaries and its technology and products continue to be used around the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com