Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MMA8452Q Datasheet (PDF) - Freescale Semiconductor, Inc

MMA8452Q Datasheet PDF - Freescale Semiconductor, Inc
Part # MMA8452Q
Download  MMA8452Q Download
File Size   494.98 Kbytes
Page   47 Pages
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc
Description 3-Axis, 12-bit/8-bit Digital Accelerometer

MMA8452Q Datasheet (PDF)

Go To PDF Page Download Datasheet
MMA8452Q Datasheet PDF - Freescale Semiconductor, Inc

Part # MMA8452Q
Download  MMA8452Q Click to download

File Size   494.98 Kbytes
Page   47 Pages
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc
Description 3-Axis, 12-bit/8-bit Digital Accelerometer

MMA8452Q Datasheet (HTML) - Freescale Semiconductor, Inc


MMA8452Q Product details

3-Axis, 12-bit/8-bit Digital Accelerometer



The MMA8452Q is a smart low-power, three-axis, capacitive micromachined accelerometer with 12 bits of resolution.This accelerometer is packed with embedded functions with flexible user programmable options, configurable to two interrupt pins. Embedded interrupt functions allow for overall power savings relieving the host processor from continuously polling data.



Features

• 1.95V to 3.6V supply voltage

• 1.6V to 3.6V interface voltage

• ±2g/±4g/±8g dynamically selectable full-scale

• Output Data Rates (ODR) from 1.56 Hz to 800 Hz

• 99 μg/√Hz noise

• 12-bit and 8-bit digital output

•I2Cdigital output interface

• Two programmable interrupt pins for six interrupt sources

• Three embedded channels of motion detection

  — Freefall or Motion Detection: 1 channel

  — Pulse Detection: 1 channel

  — Transient Detection: 1 channel

      – Orientation (Portrait/Landscape)detection with set hysteresis

      – Automatic ODR change for Auto-WAKE and return to SLEEP

      – High-Pass Filter Data available real-time

      –Self-Test

      – RoHS compliant

      – Current Consumption: 6 μA – 165 μA



Typical Applications

• eCompass applications

• Static orientation detection (Portrait/Landscape, Up/Down, Left/Right, Back/Front position identification)

• Notebook, eReader and Laptop Tumble and Freefall Detection

• Real-time orientation detection (virtual reality and gaming 3D user position feedback)

• Real-time activity analysis (pedometer step counting, freefall drop detection for HDD, dead-reckoning GPS backup)

• Motion detection for portable product power saving (Auto-SLEEP and Auto-WAKE for cell phone, PDA, GPS, gaming)

• Shock and vibration monitoring (mechatronic compensation, shipping and warranty usage logging)

• User interface (menu scrolling by orientation change, pulse detection for button replacement)




Similar Part No. - MMA8452Q

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
MMA8452Q NXP-MMA8452Q Datasheet
446Kb / 54P
MMA8452Q, 3-axis, 12-bit/8-bit digital accelerometer
Rev. 10, 04/2016
MMA8452QR1 NXP-MMA8452QR1 Datasheet
446Kb / 54P
MMA8452Q, 3-axis, 12-bit/8-bit digital accelerometer
Rev. 10, 04/2016
MMA8452QT NXP-MMA8452QT Datasheet
446Kb / 54P
MMA8452Q, 3-axis, 12-bit/8-bit digital accelerometer
Rev. 10, 04/2016
MMA8452Q NXP-MMA8452Q_V01 Datasheet
446Kb / 54P
MMA8452Q, 3-axis, 12-bit/8-bit digital accelerometer
Rev. 10, 04/2016
More results


Similar Description - MMA8452Q

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
MMA8450Q FREESCALE-MMA8450Q Datasheet
628Kb / 57P
3-Axis, 8-bit/12-bit Digital Accelerometer
MMA8451Q FREESCALE-MMA8451Q Datasheet
654Kb / 53P
3-Axis, 14-bit/8-bit Digital Accelerometer
MMA8451Q FREESCALE-MMA8451Q_12 Datasheet
447Kb / 52P
3-Axis, 14-bit 8-bit Digital Accelerometer
MMA8652FC FREESCALE-MMA8652FC Datasheet
2Mb / 77P
Xtrinsic MMA8652FC 3-Axis, 12-bit Digital Accelerometer
MMA8653FC FREESCALE-MMA8653FC Datasheet
1Mb / 56P
Xtrinsic MMA8653FC 3-Axis, 10-bit Digital Accelerometer
MMA8450Q FREESCALE-MMA8450Q_12 Datasheet
399Kb / 57P
3-Axis, 8-bit/12-bit Digital Accelerometer
MMA8453QR1 FREESCALE-MMA8453QR1 Datasheet
1Mb / 47P
Xtrinsic MMA8453Q 3-Axis, 10-bit/8-bit Digital Accelerometer
logo
NXP Semiconductors
MMA8450Q NXP-MMA8450Q Datasheet
670Kb / 57P
3-Axis, 8-bit/12-bit Digital Accelerometer
Rev. 9.1, 04/2012
MMA8491Q NXP-MMA8491Q Datasheet
659Kb / 28P
3-Axis Multifunction Digital Accelerometer
Rev. 2.1-26 April 2016
MMA8652FC NXP-MMA8652FC Datasheet
787Kb / 65P
MMA8652FC, 3-Axis, 12-bit, Digital Accelerometer
Rev. 3.3, 10/2015
More results




About Freescale Semiconductor, Inc


Freescale Semiconductor was an American semiconductor company that was founded in 1948.
The company was a leading provider of microcontrollers, sensors, and other semiconductor products for various applications in the automotive, industrial, and consumer markets.
Freescale's products were known for their high performance, low power consumption, and small form factor.
The company was acquired by NXP Semiconductors in 2015, and its products and technologies continue to be developed and sold under the NXP brand.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com