Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCM72F10 Datasheet (PDF) - Motorola, Inc

MCM72F10 Datasheet PDF - Motorola, Inc
Part # MCM72F10
Download  MCM72F10 Download
File Size   138.58 Kbytes
Page   11 Pages
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc
Description 8MB Synchronous Fast Static RAM Module

MCM72F10 Datasheet (PDF)

Go To PDF Page Download Datasheet
MCM72F10 Datasheet PDF - Motorola, Inc

Part # MCM72F10
Download  MCM72F10 Click to download

File Size   138.58 Kbytes
Page   11 Pages
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc
Description 8MB Synchronous Fast Static RAM Module

MCM72F10 Datasheet (HTML) - Motorola, Inc


MCM72F10 Product details

8MB Synchronous Fast Static RAM Module

The MCM72F10 (2MB) is configured as 1M x 72 bits. It is packaged in a 168–pin dual–in–line memory module DIMM. The module uses Motorola’s 3.3 V, 256K x 18 bit flow–through BurstRAMs.
Address (A), data inputs (DQ, DP), and all control signals except output enable (G) are clock (K) controlled through positive–edge–triggered noninverting registers.
Write cycles are internally self–timed and initiated by the rising edge of the clock (K) input. This feature provides increased timing flexibility for incoming signals. Synchronous byte write (W) allows writes to either individual bytes or to both bytes.

• Single 3.3 V + 10%, – 5% Power Supply
• Plug and Pin Compatibility with 1MB, 2MB, and 4MB
• Multiple Clock Pins for Reduced Loading
• All Inputs and Outputs are LVTTL Compatible
• Byte Write Capability
• Fast SRAM Access Times: 8/9/12 ns
• High Quality Multi–Layer FR4 PWB With Separate Power and Ground Planes
• Amp Connector, Part Number: 390064–4
• 168–Pin DIMM Module




Similar Part No. - MCM72F10

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MCM72F6 MOTOROLA-MCM72F6 Datasheet
160Kb / 10P
512KB and 1MB Synchronous Fast Static RAM Module
MCM72F6A MOTOROLA-MCM72F6A Datasheet
160Kb / 10P
512KB and 1MB Synchronous Fast Static RAM Module
MCM72F6ADG10 MOTOROLA-MCM72F6ADG10 Datasheet
160Kb / 10P
512KB and 1MB Synchronous Fast Static RAM Module
MCM72F6ADG12 MOTOROLA-MCM72F6ADG12 Datasheet
160Kb / 10P
512KB and 1MB Synchronous Fast Static RAM Module
MCM72F6ADG9 MOTOROLA-MCM72F6ADG9 Datasheet
160Kb / 10P
512KB and 1MB Synchronous Fast Static RAM Module
More results


Similar Description - MCM72F10

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MCM36F6 MOTOROLA-MCM36F6 Datasheet
118Kb / 10P
256KB and 512KB Synchronous Fast Static RAM Module
MCM36F8 MOTOROLA-MCM36F8 Datasheet
123Kb / 11P
1MB and 2MB Synchronous Fast Static RAM Module
MCM67C618B MOTOROLA-MCM67C618B Datasheet
201Kb / 12P
64K x 18 Bit BurstRAM Synchronous Fast Static RAM
MCM67M518 MOTOROLA-MCM67M518 Datasheet
205Kb / 12P
32K x 18 Bit BurstRAM Synchronous Fast Static RAM
MCM67M618B MOTOROLA-MCM67M618B Datasheet
166Kb / 12P
64K x 18 Bit BurstRAM Synchronous Fast Static RAM
MCM72F6 MOTOROLA-MCM72F6 Datasheet
160Kb / 10P
512KB and 1MB Synchronous Fast Static RAM Module
MCM72F6A MOTOROLA-MCM72F6A Datasheet
160Kb / 10P
512KB and 1MB Synchronous Fast Static RAM Module
MCM72F8 MOTOROLA-MCM72F8 Datasheet
167Kb / 12P
2MB and 4MB Synchronous Fast Static RAM Module
logo
Weida Semiconductor, In...
WCMC8016V9X WEIDA-WCMC8016V9X Datasheet
219Kb / 12P
8Mb (512K x 16) Pseudo Static RAM
logo
Integrated Silicon Solu...
IS61LV632A ISSI-IS61LV632A Datasheet
122Kb / 16P
32K x 32 SYNCHRONOUS FAST STATIC RAM
More results




About Motorola, Inc


Motorola, Inc. was an American multinational telecommunications company that was founded in 1928. It was headquartered in Schaumburg, Illinois and was one of the largest providers of mobile phones, telecommunication equipment, and semiconductors. Throughout its history, Motorola was known for its innovation in the field of telecommunications, including the development of the world's first commercially available cellular telephone, the DynaTAC, and the world's first two-way pager, the Pageboy.

In 2011, Motorola split into two separate companies: Motorola Mobility and Motorola Solutions. Motorola Mobility was later acquired by Google in 2012, and is now a subsidiary of Lenovo. Motorola Solutions focuses on public safety and commercial and industrial communication solutions. The company provides a wide range of products including two-way radios, mobile computing devices, and network infrastructure equipment.

Motorola was one of the pioneers of the mobile phone industry and has a rich history of innovation and technological advancements. The company's legacy continues through its subsidiaries and its technology and products continue to be used around the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com