Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SL75232 Datasheet (PDF) - System Logic Semiconductor

SL75232 Datasheet PDF - System Logic Semiconductor
Part # SL75232
Download  SL75232 Download
File Size   46.64 Kbytes
Page   5 Pages
Manufacturer  SLS [System Logic Semiconductor]
Direct Link  http://www.slsemicon.co.kr/e_index.htm
Logo SLS - System Logic Semiconductor
Description Line Driver / Receiver

SL75232 Datasheet (PDF)

Go To PDF Page Download Datasheet
SL75232 Datasheet PDF - System Logic Semiconductor

Part # SL75232
Download  SL75232 Click to download

File Size   46.64 Kbytes
Page   5 Pages
Manufacturer  SLS [System Logic Semiconductor]
Direct Link  http://www.slsemicon.co.kr/e_index.htm
Logo SLS - System Logic Semiconductor
Description Line Driver / Receiver

SL75232 Datasheet (HTML) - System Logic Semiconductor


SL75232 Product details

Description

The SL75232N, SL75232D are monolithic device containing 3 independent drives and 5 receivers. These are designed to interface between date terminal equipment and date communication equipment as designed by EIA-232-D.



Features

· Meets standard EIA-232-D (Revision of RS-232-C)

· Drivers

  - Current Limited Output 10 mA Typical

  - Power-off Output Impedance 300 W Min

  - Slew Rate Control by Load Capacitor

   - Flexible Supply Voltage Range

   - Input Compatible with Most TTL and DTL Circuits

· Receivers

   - Input Resistance 3 kW to 7 kW

   - Input Signal Range ± 30 V

   - Built-in Input Hysteresis (Double Threshold)

· 20 DIP/SO20: ÌS-001AD (SL75232N) / ÌS-013AÑ (SL75232D)




Similar Part No. - SL75232

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
SL7-100-L-RG-24LED ETC2-SL7-100-L-RG-24LED Datasheet
186Kb / 3P
Complete24-V LED RG
SL7-100-L-RYG-24LED ETC2-SL7-100-L-RYG-24LED Datasheet
183Kb / 3P
Complete 24-VLED 100-mm base
SL7-AP24 ETC2-SL7-AP24 Datasheet
269Kb / 3P
Acoustic device,
SL7-AP24-E ETC2-SL7-AP24-E Datasheet
236Kb / 3P
Acoustic device
SL7-AP24-M ETC2-SL7-AP24-M Datasheet
426Kb / 3P
Acoustic device,
More results


Similar Description - SL75232

ManufacturerPart #DatasheetDescription
logo
New Japan Radio
NJU6401B NJRC-NJU6401B Datasheet
223Kb / 7P
RS232C LINE DRIVER/RECEIVER
NJU6402B NJRC-NJU6402B Datasheet
222Kb / 7P
RS232C LINE DRIVER/RECEIVER?
logo
Texas Instruments
SN751730 TI-SN751730 Datasheet
127Kb / 8P
TRIPLE LINE DRIVER/RECEIVER
logo
Elantec Semiconductor
EL1501C ELANTEC-EL1501C Datasheet
139Kb / 2P
Differential Line Driver/Receiver
logo
Microsemi Corporation
TSC396 MICROSEMI-TSC396 Datasheet
1Mb / 6P
Line Driver/Receiver
logo
Texas Instruments
SN751701 TI-SN751701 Datasheet
237Kb / 14P
LINE DRIVER AND RECEIVER
SN751701PSRG4 TI-SN751701PSRG4 Datasheet
395Kb / 16P
LINE DRIVER AND RECEIVER
logo
Analog Devices
ADM3232E AD-ADM3232E_15 Datasheet
232Kb / 12P
Line Driver/Receiver
REV. B
logo
Texas Instruments
SN75155 TI1-SN75155_14 Datasheet
479Kb / 17P
LINE DRIVER AND RECEIVER
logo
Unisonic Technologies
UT3221 UTC-UT3221 Datasheet
267Kb / 10P
LINE DRIVER/RECEIVER
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com