Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

D2425D Datasheet (PDF) - Crydom Inc.,

D2425D Datasheet PDF - Crydom Inc.,
Part # D2425D
Download  D2425D Download
File Size   1264.69 Kbytes
Page   20 Pages
Manufacturer  CRYDOM [Crydom Inc.,]
Direct Link  http://www.crydom.com/en/index.shtml
Logo CRYDOM - Crydom Inc.,
Description THE GLOBAL EXPERT IN SOLID STATE RELAY TECHNOLOGY

D2425D Datasheet (PDF)

Go To PDF Page Download Datasheet
D2425D Datasheet PDF - Crydom Inc.,

Part # D2425D
Download  D2425D Click to download

File Size   1264.69 Kbytes
Page   20 Pages
Manufacturer  CRYDOM [Crydom Inc.,]
Direct Link  http://www.crydom.com/en/index.shtml
Logo CRYDOM - Crydom Inc.,
Description THE GLOBAL EXPERT IN SOLID STATE RELAY TECHNOLOGY

D2425D Datasheet (HTML) - Crydom Inc.,


D2425D Product details

DPA Series

• 16 Pin DIP SSR
• Ratings to 1A @ 280 VAC
• SCR output
• Voltage or current-control input
• Zero-crossing (resistive loads) output




Similar Part No. - D2425D

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
D2425D ETC1-D2425D Datasheet
37Kb / 2P
25-40Amp 120/240, 480 Vac AC OUTPUT
logo
Crydom Inc.,
D2425D CRYDOM-D2425D Datasheet
775Kb / 5P
panel mount
D2425D CRYDOM-D2425D Datasheet
785Kb / 5P
Independently controlled dual output solid-state relay
logo
Sensata Technologies, I...
D2425D SENSATA-D2425D Datasheet
264Kb / 5P
PANEL MOUNT SOLID STATE RELAYS
Rev:07/02/2024
logo
List of Unclassifed Man...
D2425DE ETC1-D2425DE Datasheet
37Kb / 2P
25-40Amp 120/240, 480 Vac AC OUTPUT
More results


Similar Description - D2425D

ManufacturerPart #DatasheetDescription
logo
COSMO Electronics Corp...
KSD215AC8 COSMO-KSD215AC8 Datasheet
303Kb / 2P
SOLID STATE RELAY
KSD240AC3 COSMO-KSD240AC3 Datasheet
281Kb / 2P
SOLID STATE RELAY
logo
Vishay Siliconix
LH1500AT VISHAY-LH1500AT Datasheet
73Kb / 6P
Solid State Relay
06-March-02
logo
COSMO Electronics Corp...
KSD215AC3 COSMO-KSD215AC3 Datasheet
281Kb / 2P
SOLID STATE RELAY
KSA440AC8 COSMO-KSA440AC8 Datasheet
384Kb / 3P
SOLID STATE RELAY
KSD205AC3 COSMO-KSD205AC3 Datasheet
197Kb / 2P
SOLID STATE RELAY
logo
Hongfa Technology
HFS41 HONGFA-HFS41 Datasheet
58Kb / 3P
SOLID STATE RELAY
logo
Omron Electronics LLC
G3TBOA202PZDC524 OMRON-G3TBOA202PZDC524 Datasheet
395Kb / 8P
Solid State Relay
logo
BRIGHT LED ELECTRONICS ...
DAP4119 BRIGHT-DAP4119 Datasheet
1Mb / 20P
THE GLOBAL EXPERT IN SOLID STATE RELAY TECHNOLOGY
logo
Gennum Corporation
2357NQ GENNUM-2357NQ Datasheet
995Kb / 8P
Solid-state technology
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com