Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PJA94N03 Datasheet (PDF) - Pan Jit International Inc.

PJA94N03 Datasheet PDF - Pan Jit International Inc.
Part # PJA94N03
Download  PJA94N03 Download
File Size   209.14 Kbytes
Page   6 Pages
Manufacturer  PANJIT [Pan Jit International Inc.]
Direct Link  http://www.panjit.com.tw
Logo PANJIT - Pan Jit International Inc.
Description 30V N-CHANNEL ENHANCEMENT MODE MOSFET

PJA94N03 Datasheet (PDF)

Go To PDF Page Download Datasheet
PJA94N03 Datasheet PDF - Pan Jit International Inc.

Part # PJA94N03
Download  PJA94N03 Click to download

File Size   209.14 Kbytes
Page   6 Pages
Manufacturer  PANJIT [Pan Jit International Inc.]
Direct Link  http://www.panjit.com.tw
Logo PANJIT - Pan Jit International Inc.
Description 30V N-CHANNEL ENHANCEMENT MODE MOSFET

PJA94N03 Datasheet (HTML) - Pan Jit International Inc.


PJA94N03 Product details

FEATURES
• RDS(ON), VGS@10V,ID@3.1A< 57 mΩ
• RDS(ON), VGS@4.5V,ID@2.8A< 94 mΩ
• Advanced Trench Process Technology
• High Density Cell Design For Ultra Low On-Resistance
• Specially Designed for DC/DC Converters
• Low Gate Charge
• Lead free in comply with EU RoHS 2002/95/EC directives.
• Green molding compound as per IEC61249 Std. . (Halogen Free)




Similar Part No. - PJA94N03

ManufacturerPart #DatasheetDescription
logo
COSEL CO., LTD.
PJA COSEL-PJA Datasheet
2Mb / 16P
AC-DC Power Supplies Enclosed Type
June 25, 2020
PJA1000F COSEL-PJA1000F Datasheet
2Mb / 16P
AC-DC Power Supplies Enclosed Type
June 25, 2020
PJA1000F-24 COSEL-PJA1000F-24 Datasheet
2Mb / 16P
AC-DC Power Supplies Enclosed Type
June 25, 2020
PJA1000F-48 COSEL-PJA1000F-48 Datasheet
2Mb / 16P
AC-DC Power Supplies Enclosed Type
June 25, 2020
PJA100F COSEL-PJA100F Datasheet
2Mb / 16P
AC-DC Power Supplies Enclosed Type
June 25, 2020
More results


Similar Description - PJA94N03

ManufacturerPart #DatasheetDescription
logo
Zetex Semiconductors
ZXMN3A01E6 ZETEX-ZXMN3A01E6 Datasheet
1Mb / 7P
30V N-CHANNEL ENHANCEMENT MODE MOSFET
ZXMN3A01F ZETEX-ZXMN3A01F Datasheet
1Mb / 7P
30V N-CHANNEL ENHANCEMENT MODE MOSFET
ZXMN3A14F ZETEX-ZXMN3A14F Datasheet
209Kb / 7P
30V N-CHANNEL ENHANCEMENT MODE MOSFET
logo
Cystech Electonics Corp...
MTN3400N3 CYSTEKEC-MTN3400N3 Datasheet
657Kb / 7P
30V N-CHANNEL Enhancement Mode MOSFET
logo
Diodes Incorporated
DMN3024LSS DIODES-DMN3024LSS Datasheet
311Kb / 8P
30V N-CHANNEL ENHANCEMENT MODE MOSFET
logo
Cystech Electonics Corp...
MTN3K14N3 CYSTEKEC-MTN3K14N3 Datasheet
625Kb / 7P
30V N-CHANNEL Enhancement Mode MOSFET
MTN3K16N3 CYSTEKEC-MTN3K16N3 Datasheet
518Kb / 7P
30V N-CHANNEL Enhancement Mode MOSFET
MTN351AN3 CYSTEKEC-MTN351AN3 Datasheet
474Kb / 5P
30V N-CHANNEL Enhancement Mode MOSFET
MTN3K01N3 CYSTEKEC-MTN3K01N3 Datasheet
319Kb / 8P
30V N-CHANNEL Enhancement Mode MOSFET
logo
Diodes Incorporated
ZXM64N03X DIODES-ZXM64N03X Datasheet
337Kb / 7P
30V N-CHANNEL ENHANCEMENT MODE MOSFET
OCTOBER 2005
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com