Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SN6B000 Datasheet (PDF) - SONiX Technology Company

SN6B000 Datasheet PDF - SONiX Technology Company
Part # SN6B000
Download  SN6B000 Download
File Size   498.0 Kbytes
Page   13 Pages
Manufacturer  SONIX [SONiX Technology Company]
Direct Link  http://www.sonix.com.tw
Logo SONIX - SONiX Technology Company
Description Hi-Density LCD Driver with 8-bit Controller

SN6B000 Datasheet (PDF)

Go To PDF Page Download Datasheet
SN6B000 Datasheet PDF - SONiX Technology Company

Part # SN6B000
Download  SN6B000 Click to download

File Size   498.0 Kbytes
Page   13 Pages
Manufacturer  SONIX [SONiX Technology Company]
Direct Link  http://www.sonix.com.tw
Logo SONIX - SONiX Technology Company
Description Hi-Density LCD Driver with 8-bit Controller

SN6B000 Datasheet (HTML) - SONiX Technology Company


SN6B000 Product details

GENERAL DESCRIPTIONS
SN6B000 is a 8-bit micro controller series with hi-density LCD driver. Combined with one or more SN6BS00 (64-segment drivers), SN6B000 can form one 1024/ 2048/ 4096/ 6144/ 8192 dots LCD system. A dual-tone melody and a voice synthesizer are included in SN6B000. Also, a 7-bit current-type DAC and the PWM circuit are built in SN6B000, so that makes users easily choose a speaker (DA), or a buzzer (PWM) for their applications.

FEATURES
♦ ROM space: 512K words (=219*16=220*8); Program Space: 256K*16
    − MC mode:128K words in SN6B000
    − MP mode: along with SN6B400 to 256K words
♦ RAM Size:
    − 256 bytes in SN6B000
    − 4*256 bytes in SN6BS00 (2*256 bytes LCD RAM, 2*256 bytes normal RAM)
♦ I/O Port : There are Port0 and Port1 (total 16 pins I/O)
    − All ports are I/O-type and P0.7 can be modulated with a carry signal
    − Each port can be set as “H”, ”L”, floating, and high-resistance “H” (150K@5V )
    − Every port can wake up chip when chip is in power-down mode
♦ 60 instructions
♦ 8 levels stack buffer supports interrupt and call subroutine
♦ System Clock:
    − 2MHz RC oscillator
    − 2M/ 4M(3.58M) crystal
♦ Low speed clock: Register option, 32768 crystal or RC
♦ Three different operation modes can be selected:
    − Normal mode (both High/Low osc. On).
    − Slow mode (High osc. Off, Low osc. On).
    − Stop mode (both High and Low osc. Off).
♦ LCD: 1/16 duty (for 1024) or 1/32 duty, frame rate=64 or 128 Hz.
♦ A voltage regulator and double voltage circuit is included in SN6BS000
♦ 8 interrupt sources :
    − 5 internal interrupts: T0, TC0, TC1, TW, SPEECH (non-maskable).
    − 3 external interrupts: INTP0.0 ~ INTP0.2
    − ISR entry location: Reset: 0000, SPEECH: 0018h, and the others: 0008h
♦ Voice:
    − Built-in voice synthesizer
    − Sampling rate from 4K to 40Khz
    − Dual tone melody with 4 octaves
    − 7-bit DA converter (maximum 3mA)
    − PWM output for Buzzer




Similar Part No. - SN6B000

ManufacturerPart #DatasheetDescription
logo
Gamewell-FCI by Honeywe...
SN600-PTR GAMEWELL-FCI-SN600-PTR Datasheet
135Kb / 2P
Network parallel printer, 120 VAC power
logo
ML Accessories Limited....
SN6000 KNIGHTSBRIDGE-SN6000 Datasheet
168Kb / 1P
13A Fused Spur Unit
25/03/2024
SN6000-3A KNIGHTSBRIDGE-SN6000-3A Datasheet
168Kb / 1P
13A Fused Spur Unit with 3A Fuse Fitted
25/03/2024
SN6000N KNIGHTSBRIDGE-SN6000N Datasheet
183Kb / 1P
13A Fused Spur Unit with Neon
25/03/2024
logo
List of Unclassifed Man...
SN60PB40 ETC2-SN60PB40 Datasheet
150Kb / 2P
Product Information 44
More results


Similar Description - SN6B000

ManufacturerPart #DatasheetDescription
logo
Megawin Technology Co.,...
MLC510A MEGAWIN-MLC510A Datasheet
33Kb / 1P
8-bit micro-controller with 160 dots LCD driver
MLC510PA MEGAWIN-MLC510PA Datasheet
181Kb / 1P
8-bit micro-controller with 160 dots LCD driver
MLC605A MEGAWIN-MLC605A Datasheet
23Kb / 2P
8-bit micro-controller with 260 dots LCD driver
MLC610A MEGAWIN-MLC610A Datasheet
25Kb / 2P
8-bit micro-controller with 320 dots LCD driver
MLC650A MEGAWIN-MLC650A Datasheet
27Kb / 2P
8-bit micro-controller with 512 dots LCD driver
MLC822A MEGAWIN-MLC822A Datasheet
35Kb / 2P
8-Bit micro-controller with 660 dots LCD Driver
MLC852A MEGAWIN-MLC852A Datasheet
35Kb / 2P
8-Bit micro-controller with 1120 dots LCD driver
logo
Finechips
MC96F6832 FINECHIPS-MC96F6832 Datasheet
85Kb / 1P
8-bit Microcontroller with LCD Driver
logo
Generalplus Technology ...
GPLB62P200UA1 GENERALPLUS-GPLB62P200UA1 Datasheet
952Kb / 23P
8--Bit LCD Controller//Driver with SPU
GPLB62X GENERALPLUS-GPLB62X Datasheet
844Kb / 21P
8--bit LCD Controller/Driver with SPU
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com