Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SN8P021X Datasheet (PDF) - SONiX Technology Company

SN8P021X Datasheet PDF - SONiX Technology Company
Part # SN8P021X
Download  SN8P021X Download
File Size   142.87 Kbytes
Page   3 Pages
Manufacturer  SONIX [SONiX Technology Company]
Direct Link  http://www.sonix.com.tw
Logo SONIX - SONiX Technology Company
Description 8-bit microcontroller

SN8P021X Datasheet (PDF)

Go To PDF Page Download Datasheet
SN8P021X Datasheet PDF - SONiX Technology Company

Part # SN8P021X
Download  SN8P021X Click to download

File Size   142.87 Kbytes
Page   3 Pages
Manufacturer  SONIX [SONiX Technology Company]
Direct Link  http://www.sonix.com.tw
Logo SONIX - SONiX Technology Company
Description 8-bit microcontroller

SN8P021X Datasheet (HTML) - SONiX Technology Company


SN8P021X Product details

GENERAL DESCRIPTION
The SN8P021X/8P011X is an 8-bit micro-controller utilized with CMOS technology fabrication and featured with low power consumption and high performance by its unique electronic structure. This chip is designed with the excellent IC structure, including the program memory up to 2K/1K-word OTP ROM, 64 bytes of the data memory, one 8-bit T0 basic timer, one 8-bit timer/event counter, a watch dog timer, three interrupt sources (T0, TC0, INT0), 13 I/O pins and 8 levels stack buffer. Besides, the user can choose desired oscillator configurations for the controller. There are three oscillator configurations to select for generating system clock, including high-performing crystal, ceramic resonator or cost-saving RC.

FEATURES
♦ Memory configuration
    OTP ROM size : 2048 * 16 bits for SN8P021X series
    OTP ROM size : 1024 * 16 bits for SN8P011X series
    RAM size : 64 * 8 bits.
♦ I/O pin configuration (Total 13 pins)
    One input port : 1 pin with wakeup function.
    Two Input/output ports : 12 pins.
♦ 56 powerful instructions
    All of instructions are 1 word with 1 or 2 cycles execution.
    Execution time : 1 cycle uses 4 clocks of oscillator.
    All ROM area JMP instruction.
    All ROM area Subroutine CALL instruction.
    All ROM area lookup table function. (MOVC instruction)
♦ Three interrupt sources :
    Two internal interrupts : T0, TC0
    One external interrupt : INT0
♦ Eight levels stack buffer
♦ An 8-bit basic timer.
♦ An 8-bit timer/event counter.
♦ A watchdog timer.
♦ Acceptable oscillator type :
    Crystal or ceramic resonator up to 8MHz
    RC oscillator up to 2 MHz
♦ Package :
    PDIP : 16, 18, 20




Similar Part No. - SN8P021X

ManufacturerPart #DatasheetDescription
logo
SONiX Technology Compan...
SN8P0403S SONIX-SN8P0403S Datasheet
989Kb / 66P
OPT ROM:4096 16bits , RAM:128 8bits
SN8P0404K SONIX-SN8P0404K Datasheet
989Kb / 66P
OPT ROM:4096 16bits , RAM:128 8bits
SN8P0406P SONIX-SN8P0406P Datasheet
989Kb / 66P
OPT ROM:4096 16bits , RAM:128 8bits
SN8P0434S SONIX-SN8P0434S Datasheet
989Kb / 66P
OPT ROM:4096 16bits , RAM:128 8bits
SN8P0443S SONIX-SN8P0443S Datasheet
989Kb / 66P
OPT ROM:4096 16bits , RAM:128 8bits
More results


Similar Description - SN8P021X

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TMP88CH41UG TOSHIBA-TMP88CH41UG Datasheet
1Mb / 186P
8 Bit Microcontroller
TMP88CS43FG TOSHIBA-TMP88CS43FG Datasheet
2Mb / 218P
8 Bit Microcontroller
TMP86P202PG TOSHIBA-TMP86P202PG Datasheet
1Mb / 108P
8 Bit Microcontroller
TMP86FS49BUG TOSHIBA-TMP86FS49BUG Datasheet
2Mb / 294P
8 Bit Microcontroller
TMP86CH47IUG TOSHIBA-TMP86CH47IUG Datasheet
1Mb / 160P
8 Bit Microcontroller
TMP86CM23AUG TOSHIBA-TMP86CM23AUG Datasheet
2Mb / 204P
8 Bit Microcontroller
TMP86CS44UG TOSHIBA-TMP86CS44UG Datasheet
1Mb / 172P
8 Bit Microcontroller
TMP86CS49UG TOSHIBA-TMP86CS49UG Datasheet
2Mb / 252P
8 Bit Microcontroller
TMP86FH46ANG TOSHIBA-TMP86FH46ANG Datasheet
2Mb / 214P
8 Bit Microcontroller
TMP86FS23UG TOSHIBA-TMP86FS23UG Datasheet
1Mb / 252P
8 Bit Microcontroller
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com