Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

B82721A Datasheet (PDF) - EPCOS

B82721A Datasheet PDF - EPCOS
Part # B82721A
Download  B82721A Download
File Size   207.8 Kbytes
Page   8 Pages
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS
Description Current-compensated ring core double chokes

B82721A Datasheet (PDF)

Go To PDF Page Download Datasheet
B82721A Datasheet PDF - EPCOS

Part # B82721A
Download  B82721A Click to download

File Size   207.8 Kbytes
Page   8 Pages
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS
Description Current-compensated ring core double chokes

B82721A Datasheet (HTML) - EPCOS


B82721A Product details

Power line chokes
Current-compensated ring core double chokes

Rated voltage 250 V AC
Rated current 0.3 A to 6 A
Rated inductance 0.2 mH to 47 mH

Features
■ High resonance frequency due to special winding technique
■ Approx. 1% stray inductance for symmetrical interference suppression
■ Suitable for wave soldering
■ Design complies with EN 60938-2 (VDE 0565-2)
■ UL and/or VDE approvals
■ RoHS-compatible

Applications
■ Suppression of common-mode interferences
■ Electronic ballasts in lamps
■ Switch-mode power supplies




Similar Part No. - B82721A

ManufacturerPart #DatasheetDescription
logo
EPCOS
B82721A2122N020 EPCOS-B82721A2122N020 Datasheet
207Kb / 8P
Power line chokes
logo
TDK Electronics
B82721A2122N020 TDK-B82721A2122N020 Datasheet
286Kb / 9P
Current-compensated ring core double chokes
logo
EPCOS
B82721A2152N001 EPCOS-B82721A2152N001 Datasheet
207Kb / 8P
Power line chokes
logo
TDK Electronics
B82721A2152N001 TDK-B82721A2152N001 Datasheet
286Kb / 9P
Current-compensated ring core double chokes
logo
EPCOS
B82721A2202N001 EPCOS-B82721A2202N001 Datasheet
207Kb / 8P
Power line chokes
More results


Similar Description - B82721A

ManufacturerPart #DatasheetDescription
logo
EPCOS
B82720S2102N40 EPCOS-B82720S2102N40 Datasheet
694Kb / 8P
Current-compensated ring core double chokes
B82721K2401N20 EPCOS-B82721K2401N20 Datasheet
282Kb / 10P
Current-Compensated Ring Core Double Chokes
B82724J2402N1 EPCOS-B82724J2402N1 Datasheet
282Kb / 10P
Current-Compensated Ring Core Double Chokes
logo
TDK Electronics
B82722A2102N001 TDK-B82722A2102N001 Datasheet
762Kb / 8P
Current-compensated ring core double chokes
B82723A2102N001 TDK-B82723A2102N001 Datasheet
530Kb / 7P
Current-compensated ring core double chokes
B82725A2102N001 TDK-B82725A2102N001 Datasheet
749Kb / 7P
Current-compensated ring core double chokes
B82725J2602N020 TDK-B82725J2602N020 Datasheet
707Kb / 6P
Current-compensated ring core double chokes
B82726S2163N002 TDK-B82726S2163N002 Datasheet
372Kb / 6P
Current-compensated ring core double chokes
B82727E6223A040 TDK-B82727E6223A040 Datasheet
782Kb / 9P
Current-compensated ring core double chokes
B82791G2251N020 TDK-B82791G2251N020 Datasheet
770Kb / 7P
Current-compensated ring core double chokes
More results




About EPCOS


EPCOS AG (now TDK Electronics AG) was a German company that specialized in the design and manufacture of electronic components, including capacitors, inductors, and EMI filters.

The company was founded in 1919 and had its headquarters in Munich, Germany.

EPCOS was known for its high-quality products and innovative solutions, and it had a strong reputation in the electronics industry.

In 2009, EPCOS became a subsidiary of TDK Corporation, a multinational electronics company based in Japan.

Today, EPCOS operates as TDK Electronics and continues to provide a wide range of electronic components and solutions for use in a variety of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com