Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SNC533 Datasheet (PDF) - SONiX Technology Company

SNC533 Datasheet PDF - SONiX Technology Company
Part # SNC533
Download  SNC533 Download
File Size   425.21 Kbytes
Page   12 Pages
Manufacturer  SONIX [SONiX Technology Company]
Direct Link  http://www.sonix.com.tw
Logo SONIX - SONiX Technology Company
Description Two Channel Direct Drive Speech Controller?

SNC533 Datasheet (PDF)

Go To PDF Page Download Datasheet
SNC533 Datasheet PDF - SONiX Technology Company

Part # SNC533
Download  SNC533 Click to download

File Size   425.21 Kbytes
Page   12 Pages
Manufacturer  SONIX [SONiX Technology Company]
Direct Link  http://www.sonix.com.tw
Logo SONIX - SONiX Technology Company
Description Two Channel Direct Drive Speech Controller?

SNC533 Datasheet (HTML) - SONiX Technology Company


SNC533 Product details

INTRODUCTION
SNC533 is a two-channel voice synthesizer IC with PWM direct drive circuit. It built-in a 4-bit tiny controller with one 4-bit input port and two 4-bit I/O ports. By programming through the tiny controller in SNC533, user’s varied applications including voice section combination, key trigger arrangement, output control, and other logic functions can be easily implemented.

FEATURES
♦ Single power supply 2.4V – 5.5V
♦ 13 seconds voice capacity are provided(@6KHZ sample rate)
♦ Built in a 4-bit tiny controller
♦ One 4-bit input port and two 4-bit I/O ports are provided
♦ 128*4 bits RAM are provided
♦ 40K*10 ROM size are provided for voice data and program
♦ Maximum 16k program ROM is provided
♦ Readable ROM code data
♦ IR carrier signal is provided
♦ Built in a high quality speech synthesizer
♦ Adaptive playing speed from 2.5k-20kHz is provided
♦ Two independent voice channels (Channel 1 + Channel 2→Buo1,Buo2)
♦ Built in a PWM Direct Drive circuit and a fixed current D/A output
♦ System clock : 2MHz
♦ Low Power Reset




Similar Part No. - SNC533

ManufacturerPart #DatasheetDescription
logo
SONiX Technology Compan...
SNC532 SONIX-SNC532 Datasheet
432Kb / 11P
Two Channel Direct Drive Speech Controller
SNC532 SONIX-SNC532 Datasheet
417Kb / 11P
Two Channel Direct Drive Speech Controller
SNC532 SONIX-SNC532_05 Datasheet
417Kb / 11P
Two Channel Direct Drive Speech Controller
SNC538 SONIX-SNC538 Datasheet
418Kb / 11P
Two Channel Direct Drive Speech Controller?
SNC538 SONIX-SNC538 Datasheet
406Kb / 11P
Two Channel Direct Drive Speech Controller
More results


Similar Description - SNC533

ManufacturerPart #DatasheetDescription
logo
SONiX Technology Compan...
SNC539 SONIX-SNC539 Datasheet
437Kb / 12P
Two Channel Direct Drive Speech Controller?
SNC549 SONIX-SNC549 Datasheet
437Kb / 12P
Two Channel Direct Drive Speech Controller?
SNC562 SONIX-SNC562 Datasheet
430Kb / 11P
Two Channel Direct Drive Speech Controller?
SNC563 SONIX-SNC563 Datasheet
424Kb / 12P
Two Channel Direct Drive Speech Controller?
SNC588 SONIX-SNC588 Datasheet
420Kb / 11P
Two Channel Direct Drive Speech Controller?
SNC5A4 SONIX-SNC5A4 Datasheet
403Kb / 11P
Two Channel Direct Drive Speech Controller?
SNC532 SONIX-SNC532_05 Datasheet
417Kb / 11P
Two Channel Direct Drive Speech Controller
SNC538 SONIX-SNC538_05 Datasheet
406Kb / 11P
Two Channel Direct Drive Speech Controller
SNC558 SONIX-SNC558_05 Datasheet
414Kb / 11P
Two Channel Direct Drive Speech Controller
SNC572 SONIX-SNC572_05 Datasheet
418Kb / 11P
Two Channel Direct Drive Speech Controller
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com