Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SNC678 Datasheet (PDF) - SONiX Technology Company

SNC678 Datasheet PDF - SONiX Technology Company
Part # SNC678
Download  SNC678 Download
File Size   429.33 Kbytes
Page   14 Pages
Manufacturer  SONIX [SONiX Technology Company]
Direct Link  http://www.sonix.com.tw
Logo SONIX - SONiX Technology Company
Description 4-Channel Speech Controller?

SNC678 Datasheet (PDF)

Go To PDF Page Download Datasheet
SNC678 Datasheet PDF - SONiX Technology Company

Part # SNC678
Download  SNC678 Click to download

File Size   429.33 Kbytes
Page   14 Pages
Manufacturer  SONIX [SONiX Technology Company]
Direct Link  http://www.sonix.com.tw
Logo SONIX - SONiX Technology Company
Description 4-Channel Speech Controller?

SNC678 Datasheet (HTML) - SONiX Technology Company


SNC678 Product details

INTRODUCTION
SNC678 is a 61 seconds single chip 4-channel voice synthesizer IC which contains 24
I/O pins and a tiny controller. By programming through the tiny controller, users’
applications including section combination, trigger modes, output status, high
performance melody, multiple voices, and other logic functions can be implemented.

FEATURES
◆ Single power supply 2.4V – 5.5V
◆ Built in a tiny controller
◆ 42 seconds voice capacity are provided
◆ Six 4-bit I/O ports are provided
◆ 256*4 bits RAM are provided
◆ Maximum 64k program ROM is provided
◆ 132K *12 ROM size is provided for voice data and program
◆ Readable ROM code data
◆ Built in a high quality speech synthesizer
◆ Four independent voice channels
◆ Adaptive playing speed from 4k-40kHz is provided for all 4 channels individually
◆ Automatic repetition for every channel
◆ A 6-bit*8-bit Multiplier is embed to modulate the volume of synthesized voices
◆ Two digital mixers (with saturation control) are provided
◆ Built in a PWM Direct Drive circuit and a current output DA converters.
◆ Built in 15 levels PWM output volume control.
◆ System clock: 8M Hz ( RC-type or Crystal Option)
◆ Low Voltage Reset




Similar Part No. - SNC678

ManufacturerPart #DatasheetDescription
logo
SONiX Technology Compan...
SNC678 SONIX-SNC678 Datasheet
421Kb / 14P
4-Channel Speech Controller
SNC678 SONIX-SNC678_05 Datasheet
421Kb / 14P
4-Channel Speech Controller
More results


Similar Description - SNC678

ManufacturerPart #DatasheetDescription
logo
SONiX Technology Compan...
SN66012 SONIX-SN66012 Datasheet
132Kb / 5P
4-Channel Speech Controller
SN66021 SONIX-SN66021 Datasheet
130Kb / 5P
4-Channel Speech Controller
SN56030 SONIX-SN56030 Datasheet
378Kb / 11P
4-Channel Speech Controller
SN56085 SONIX-SN56085 Datasheet
378Kb / 11P
4-Channel Speech Controller
SN56340 SONIX-SN56340 Datasheet
378Kb / 11P
4-Channel Speech Controller
SN66020B SONIX-SN66020B Datasheet
303Kb / 11P
4-Channel Speech Controller
SN66060B SONIX-SN66060B Datasheet
302Kb / 11P
4-Channel Speech Controller
SN66085B SONIX-SN66085B Datasheet
302Kb / 11P
4-Channel Speech Controller
SNC678 SONIX-SNC678_05 Datasheet
421Kb / 14P
4-Channel Speech Controller
SNC688 SONIX-SNC688_05 Datasheet
421Kb / 14P
4-Channel Speech Controller
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com