Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SNC745 Datasheet (PDF) - SONiX Technology Company

SNC745 Datasheet PDF - SONiX Technology Company
Part # SNC745
Download  SNC745 Download
File Size   231.14 Kbytes
Page   15 Pages
Manufacturer  SONIX [SONiX Technology Company]
Direct Link  http://www.sonix.com.tw
Logo SONIX - SONiX Technology Company
Description 16-bit Voice Processor

SNC745 Datasheet (PDF)

Go To PDF Page Download Datasheet
SNC745 Datasheet PDF - SONiX Technology Company

Part # SNC745
Download  SNC745 Click to download

File Size   231.14 Kbytes
Page   15 Pages
Manufacturer  SONIX [SONiX Technology Company]
Direct Link  http://www.sonix.com.tw
Logo SONIX - SONiX Technology Company
Description 16-bit Voice Processor

SNC745 Datasheet (HTML) - SONiX Technology Company


SNC745 Product details

1. INTRODUCTION

SNC745 is a 64mins two-channel speech/melody and 4-channel wave-table melody voice chip. It based on reduced 16-bit fixed-point DSP architecture. SNC745 provides user some necessary and efficient DSP instructions. Furthermore, SNC745 provide one 10-bit PWM and one 10-bit DA converter to driving speaker for speech/melody output. User can select PWM or DA by programming DA/PWM control register, and only one function can be active at the same time.



2. FEATURES

♦ Power supply: 2.4V ~ 3.6V (for 2 battery application)

                     3.6V ~ 5.1V (for 3 battery application)

♦ Built-in a 16-bit DSP (Very Light Structure)

♦ Software-based voice/melody processing

♦ Rich Function Instruction Set

♦ System Clock

   − 16MHz crystal or R-C type oscillator for system clock

   − 0.25s real time clock is form 32768Hz crystal

♦ 8 MIPS CPU performance

♦ I/O Ports:

   − 16 I/O pins (P0.0~P0.15) and 8 input pins (P1.0~P1.7)

   − P0.15 with IR carrier signal

♦ RAM size: 2K*16 bits

♦ High performance program ROM: 32K*16 bits

♦ Data ROM size: 480K*16 bits

♦ Total ROM size: 512K*16 bits

♦ Maximum program size: 64K word

♦ 8 Interrupt Sources

   − 4 for Internal Timer (timer0, 1, 2 and RTC)

   − 4 for External (P0.0~P0.3)

♦ Two voice/melody channels

♦ Three 8-bit timer with auto-reload function

♦ Built in a 10-bit PWM Direct Drive circuit and a fixed current D/A output

♦ Sampling Rate: 8KHz ~16KHz

♦ Built-in software voice synthesizer (multiple bit-rate solution 2Kbps, 2.8Kbps, 3.6Kbps, 8Kbps, 10Kbps, 12Kbps, 14Kbps, 16Kbps, 20Kbps, 24Kbps, and 29Kbps @8K, 10K, 12K, 14K, 16K sampling rate)

♦ Built-in software melody synthesizer includes the dual-tone melody and 4-ch wave-table melody.

♦ Low Voltage Reset



 




Similar Part No. - SNC745

ManufacturerPart #DatasheetDescription
logo
SONiX Technology Compan...
SNC745 SONIX-SNC745_05 Datasheet
264Kb / 15P
16-bit Voice Processor
More results


Similar Description - SNC745

ManufacturerPart #DatasheetDescription
logo
SONiX Technology Compan...
SNC710 SONIX-SNC710 Datasheet
499Kb / 16P
16-bit Voice Engine
SNC725 SONIX-SNC725 Datasheet
231Kb / 15P
16-bit Voice Processor
SNC735 SONIX-SNC735 Datasheet
231Kb / 15P
16-bit Voice Processor
SNC729 SONIX-SNC729 Datasheet
164Kb / 16P
16-bit Voice Processor
SNC739 SONIX-SNC739 Datasheet
164Kb / 16P
16-bit Voice Processor
SNC745 SONIX-SNC745_05 Datasheet
264Kb / 15P
16-bit Voice Processor
SNC749 SONIX-SNC749 Datasheet
146Kb / 16P
16-bit Voice Processor
SNC759 SONIX-SNC759 Datasheet
163Kb / 16P
16-bit Voice Processor
logo
List of Unclassifed Man...
N571P032 ETC2-N571P032 Datasheet
649Kb / 19P
32-BIT VOICE PROCESSOR
logo
Nuvoton Technology Corp...
N571P032 NUVOTON-N571P032 Datasheet
649Kb / 19P
32-BIT VOICE PROCESSOR
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com