Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

1N5820 Datasheet (PDF) - Shanghai Sunrise Electronics

1N5820 Datasheet PDF - Shanghai Sunrise Electronics
Part # 1N5820
Download  1N5820 Download
File Size   13.77 Kbytes
Page   1 Pages
Manufacturer  SSE [Shanghai Sunrise Electronics]
Direct Link  
Logo SSE - Shanghai Sunrise Electronics
Description SCHOTTKY BARRIER RECTIFIER

1N5820 Datasheet (PDF)

Go To PDF Page Download Datasheet
1N5820 Datasheet PDF - Shanghai Sunrise Electronics

Part # 1N5820
Download  1N5820 Click to download

File Size   13.77 Kbytes
Page   1 Pages
Manufacturer  SSE [Shanghai Sunrise Electronics]
Direct Link  
Logo SSE - Shanghai Sunrise Electronics
Description SCHOTTKY BARRIER RECTIFIER

1N5820 Datasheet (HTML) - Shanghai Sunrise Electronics


1N5820 Product details

VOLTAGE: 20 TO 40V CURRENT: 3.0A

FEATURES
• Epitaxial construction for chip
• High current capability
• Low forward voltage drop
• Low power loss, high efficiency
• High surge capability
• High temperature soldering guaranteed:
   250°C/10sec/0.375"(9.5mm) lead length
   at 5 lbs tension




Similar Part No. - 1N5820

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
1N5820 MOTOROLA-1N5820 Datasheet
168Kb / 6P
SCHOTTKY BARRIER RECTIFIERS 3.0 AMPERES 20, 30, 40 VOLTS
logo
Pan Jit International I...
1N5820 PANJIT-1N5820 Datasheet
55Kb / 2P
3 AMPERE SCHOTTKY BARRIER RECTIFIER(VOLTAGE - 20 to 40 Volts CURRENT - 3.0 Amperes)
logo
STMicroelectronics
1N5820 STMICROELECTRONICS-1N5820 Datasheet
63Kb / 5P
LOW DROP POWER SCHOTTKY RECTIFIER
Jul-1999
logo
Surge Components
1N5820 SURGE-1N5820 Datasheet
76Kb / 2P
3 AMPERE SCHOTTKY BARRIER RECTIFIERS VOLTAGE - 20 to 40 Volts CURRENT - 3.0 Ampere???
logo
Transys Electronics
1N5820 TRSYS-1N5820 Datasheet
159Kb / 2P
3 AMPERE SCHOTTKY BARRIER RECTIFIER
More results


Similar Description - 1N5820

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
BYS1190 VISHAY-BYS1190 Datasheet
51Kb / 4P
Schottky Barrier Rectifier
24-Jun-98
logo
Shanghai Sunrise Electr...
SB820 SSE-SB820 Datasheet
23Kb / 1P
SCHOTTKY BARRIER RECTIFIER
logo
Fairchild Semiconductor
FYP2004DN FAIRCHILD-FYP2004DN Datasheet
46Kb / 4P
SCHOTTKY BARRIER RECTIFIER
FYPF1010DN FAIRCHILD-FYPF1010DN Datasheet
50Kb / 4P
SCHOTTKY BARRIER RECTIFIER
FYPF2004DN FAIRCHILD-FYPF2004DN Datasheet
46Kb / 4P
SCHOTTKY BARRIER RECTIFIER
FYV0704S FAIRCHILD-FYV0704S Datasheet
40Kb / 4P
SCHOTTKY BARRIER RECTIFIER
logo
Shanghai Lunsure Electr...
SR820 CHENYI-SR820 Datasheet
153Kb / 2P
SCHOTTKY BARRIER RECTIFIER
SRF1620 CHENYI-SRF1620 Datasheet
138Kb / 2P
SCHOTTKY BARRIER RECTIFIER
SRF735 CHENYI-SRF735 Datasheet
178Kb / 2P
SCHOTTKY BARRIER RECTIFIER
logo
Toshiba Semiconductor
CRS14 TOSHIBA-CRS14 Datasheet
191Kb / 6P
Schottky Barrier Rectifier Schottky Barrier Type
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com