Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DB3 Datasheet (PDF) - Shanghai Sunrise Electronics

DB3 Datasheet PDF - Shanghai Sunrise Electronics
Part # DB3
Download  DB3 Download
File Size   15.2 Kbytes
Page   1 Pages
Manufacturer  SSE [Shanghai Sunrise Electronics]
Direct Link  
Logo SSE - Shanghai Sunrise Electronics
Description BIDIRECTIONAL TRIGGER DIODE

DB3 Datasheet (PDF)

Go To PDF Page Download Datasheet
DB3 Datasheet PDF - Shanghai Sunrise Electronics

Part # DB3
Download  DB3 Click to download

File Size   15.2 Kbytes
Page   1 Pages
Manufacturer  SSE [Shanghai Sunrise Electronics]
Direct Link  
Logo SSE - Shanghai Sunrise Electronics
Description BIDIRECTIONAL TRIGGER DIODE

DB3 Datasheet (HTML) - Shanghai Sunrise Electronics


DB3 Product details

FEATURES
• VBO: 26 ~ 36V version
• Low breakover current
• High temperature soldering guaranteed: 250°C/10S/9.5mm lead length at 5 lbs tension




Similar Part No. - DB3

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
DB3 STMICROELECTRONICS-DB3 Datasheet
43Kb / 4P
TRIGGER DIODES
Apr-1995
logo
Shanghai Lunsure Electr...
DB3 CHENYI-DB3 Datasheet
108Kb / 2P
SILICON BIDIRECTIONAL DIAC
logo
Dc Components
DB3 DCCOM-DB3 Datasheet
167Kb / 2P
TECHNICAL SPECIFICATIONS OF BIDIRECTIONAL DIODE THYRISTORS (DIACS)
logo
Hi-Sincerity Mocroelect...
DB3 HSMC-DB3 Datasheet
18Kb / 2P
TRIGGER DIODES
logo
Diotec Semiconductor
DB3 DIOTEC-DB3 Datasheet
251Kb / 2P
Bidirectional Si-Trigger-Diodes (DIAC)
More results


Similar Description - DB3

ManufacturerPart #DatasheetDescription
logo
Diotech Company.
DB3 DIOTECH-DB3 Datasheet
1Mb / 3P
BIDIRECTIONAL TRIGGER DIODE
DB4 DIOTECH-DB4 Datasheet
1Mb / 3P
BIDIRECTIONAL TRIGGER DIODE
LLDB3 DIOTECH-LLDB3 Datasheet
1Mb / 3P
BIDIRECTIONAL TRIGGER DIODE
logo
Microdiode Semiconducto...
DB3 CHENDA-DB3 Datasheet
591Kb / 2P
BIDIRECTIONAL TRIGGER DIODE
SMADB3 CHENDA-SMADB3 Datasheet
550Kb / 2P
BIDIRECTIONAL TRIGGER DIODE
SODDB3 CHENDA-SODDB3 Datasheet
557Kb / 2P
BIDIRECTIONAL TRIGGER DIODE
DB3 CHENDA-DB3_17 Datasheet
646Kb / 2P
BIDIRECTIONAL TRIGGER DIODE
SODDB3 CHENDA-SODDB3_17 Datasheet
597Kb / 2P
BIDIRECTIONAL TRIGGER DIODE
SMADB3 CHENDA-SMADB3_17 Datasheet
601Kb / 2P
BIDIRECTIONAL TRIGGER DIODE
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com