Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IN4148 Datasheet (PDF) - Shanghai Sunrise Electronics

IN4148 Datasheet PDF - Shanghai Sunrise Electronics
Part # IN4148
Download  IN4148 Download
File Size   15.85 Kbytes
Page   1 Pages
Manufacturer  SSE [Shanghai Sunrise Electronics]
Direct Link  
Logo SSE - Shanghai Sunrise Electronics
Description SILICON EPITAXIAL PLANAR SWITCHING DIODE

IN4148 Datasheet (PDF)

Go To PDF Page Download Datasheet
IN4148 Datasheet PDF - Shanghai Sunrise Electronics

Part # IN4148
Download  IN4148 Click to download

File Size   15.85 Kbytes
Page   1 Pages
Manufacturer  SSE [Shanghai Sunrise Electronics]
Direct Link  
Logo SSE - Shanghai Sunrise Electronics
Description SILICON EPITAXIAL PLANAR SWITCHING DIODE

IN4148 Datasheet (HTML) - Shanghai Sunrise Electronics


IN4148 Product details

REVERSE VOLTAGE: 75V
FORWARD CURRENT: 150mA

FEATURES
• Small glass structure ensures high reliability
• Fast switching
• Low leakage
• High temperature soldering guaranteed: 250°C/10S/9.5mm lead length at 5 lbs tension




Similar Part No. - IN4148

ManufacturerPart #DatasheetDescription
logo
Compensated Deuices Inc...
IN4148-1 CDI-DIODE-IN4148-1 Datasheet
34Kb / 2P
SWITCHING DIODE
logo
Microdiode Semiconducto...
IN4148WS CHENDA-IN4148WS Datasheet
571Kb / 2P
FAST SWITCHING DIODES
More results


Similar Description - IN4148

ManufacturerPart #DatasheetDescription
logo
SEMTECH ELECTRONICS LTD...
BAV70W SEMTECH_ELEC-BAV70W Datasheet
287Kb / 2P
SILICON EPITAXIAL PLANAR SWITCHING DIODE
logo
Zowie Technology Corpor...
1N4148WSGH ZOWIE-1N4148WSGH_11 Datasheet
140Kb / 3P
Silicon Epitaxial Planar Switching Diode
logo
Olitech Electronics Co....
BAS35 OLITECH-BAS35 Datasheet
515Kb / 3P
Silicon Epitaxial Planar Switching Diode
logo
Nanjing International G...
MMBD914 DGNJDZ-MMBD914 Datasheet
277Kb / 2P
Silicon Epitaxial Planar Switching Diode
MMBD4148 DGNJDZ-MMBD4148 Datasheet
98Kb / 2P
Silicon Epitaxial Planar Switching Diode
logo
Dongguan Pingjingsemi T...
1SS355 PJSEMI-1SS355 Datasheet
407Kb / 3P
Silicon Epitaxial Planar Switching Diode
MMBD7000 PJSEMI-MMBD7000 Datasheet
590Kb / 3P
Silicon Epitaxial Planar Switching Diode
logo
DONGGUAN YOU FENG WEI E...
BAV70DW YFWDIODE-BAV70DW Datasheet
342Kb / 3P
Silicon Epitaxial Planar Switching Diode
logo
SHIKUES Electronics
1SS352 SKTECHNOLGY-1SS352 Datasheet
398Kb / 3P
Silicon Epitaxial Planar Switching Diode
KDS160 SKTECHNOLGY-KDS160 Datasheet
1Mb / 3P
Silicon Epitaxial Planar Switching Diode
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com