Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

KBL401 Datasheet (PDF) - Shanghai Sunrise Electronics

KBL401 Datasheet PDF - Shanghai Sunrise Electronics
Part # KBL401
Download  KBL401 Download
File Size   15.25 Kbytes
Page   1 Pages
Manufacturer  SSE [Shanghai Sunrise Electronics]
Direct Link  
Logo SSE - Shanghai Sunrise Electronics
Description SINGLE PHASE SILICON BRIDGE RECTIFIER

KBL401 Datasheet (PDF)

Go To PDF Page Download Datasheet
KBL401 Datasheet PDF - Shanghai Sunrise Electronics

Part # KBL401
Download  KBL401 Click to download

File Size   15.25 Kbytes
Page   1 Pages
Manufacturer  SSE [Shanghai Sunrise Electronics]
Direct Link  
Logo SSE - Shanghai Sunrise Electronics
Description SINGLE PHASE SILICON BRIDGE RECTIFIER

KBL401 Datasheet (HTML) - Shanghai Sunrise Electronics


KBL401 Product details

FEATURES
• Ideal for printed circuit board
• Surge overload rating: 200 A peak
• High case dielectric strength
• High temperature soldering guaranteed: 250°C/10sec/0.375"(9.5mm) lead length at 5 lbs tension




Similar Part No. - KBL401

ManufacturerPart #DatasheetDescription
logo
Surge Components
KBL401 SURGE-KBL401 Datasheet
115Kb / 2P
Single Phase 4.0 AMPS. Silicon Bridge Rectifiers
logo
Won-Top Electronics
KBL401 WTE-KBL401 Datasheet
33Kb / 3P
4.0A BRIDGE RECTIFIER
logo
Jinan Gude Electronic D...
KBL401 JGD-KBL401 Datasheet
137Kb / 2P
SINGLE PHASE 4.0 AMPS. SILICON BRIDGE RECTIFIERS
logo
EIC discrete Semiconduc...
KBL401 EIC-KBL401 Datasheet
19Kb / 2P
SILICON BRIDGE RECTIFIERS
logo
Leshan Radio Company
KBL401 LRC-KBL401 Datasheet
50Kb / 2P
4.0A BRIDGE RECTIFIERS
More results


Similar Description - KBL401

ManufacturerPart #DatasheetDescription
logo
Rectron Semiconductor
BR605 RECTRON-BR605 Datasheet
22Kb / 2P
SINGLE-PHASE SILICON BRIDGE RECTIFIER
logo
Shanghai Lunsure Electr...
KBPC35005 CHENYI-KBPC35005 Datasheet
182Kb / 2P
SINGLE PHASE SILICON BRIDGE RECTIFIER
logo
Rectron Semiconductor
BR1505 RECTRON-BR1505 Datasheet
276Kb / 3P
SINGLE-PHASE SILICON BRIDGE RECTIFIER SINGLE-PHASE SILICON BRIDGE RECTIFIER
logo
Shenzhen Luguang Electr...
BR3505 LUGUANG-BR3505 Datasheet
291Kb / 2P
Single-phase Silicon Bridge Rectifier
logo
GeneSiC Semiconductor, ...
BR106 GENESIC-BR106_16 Datasheet
289Kb / 3P
Single Phase Silicon Bridge Rectifier
KBPC25005TW GENESIC-KBPC25005TW_16 Datasheet
338Kb / 3P
Single Phase Silicon Bridge Rectifier
KBU10005 GENESIC-KBU10005_16 Datasheet
297Kb / 3P
Single Phase Silicon Bridge Rectifier
BR86 GENESIC-BR86_18 Datasheet
409Kb / 3P
Single Phase Silicon Bridge Rectifier
KBPC1506T GENESIC-KBPC1506T Datasheet
597Kb / 3P
Single Phase Silicon Bridge Rectifier
KBPC15005T GENESIC-KBPC15005T Datasheet
597Kb / 3P
Single Phase Silicon Bridge Rectifier
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com