Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RS1G Datasheet (PDF) - Shanghai Sunrise Electronics

RS1G Datasheet PDF - Shanghai Sunrise Electronics
Part # RS1G
Download  RS1G Download
File Size   17.17 Kbytes
Page   1 Pages
Manufacturer  SSE [Shanghai Sunrise Electronics]
Direct Link  
Logo SSE - Shanghai Sunrise Electronics
Description SURFACE MOUNT FAST SWITCHING RECTIFIER

RS1G Datasheet (PDF)

Go To PDF Page Download Datasheet
RS1G Datasheet PDF - Shanghai Sunrise Electronics

Part # RS1G
Download  RS1G Click to download

File Size   17.17 Kbytes
Page   1 Pages
Manufacturer  SSE [Shanghai Sunrise Electronics]
Direct Link  
Logo SSE - Shanghai Sunrise Electronics
Description SURFACE MOUNT FAST SWITCHING RECTIFIER

RS1G Datasheet (HTML) - Shanghai Sunrise Electronics


RS1G Product details

VOLTAGE: 50 TO 1000V CURRENT: 1.0A

FEATURES
• Ideal for surface mount pick and
   place application
• Low profile package
• Built-in strain relief
• High surge capability
• Glass passivated chip
• Fast recovery for high efficiency
• High temperature soldering guaranteed:
   260°C/10sec/at terminal




Similar Part No. - RS1G

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
RS1G PANJIT-RS1G Datasheet
60Kb / 2P
SURFACE MOUNT FAST SWITCHING RECTIFIER(VOLTAGE - 50 to 800 Volts CURRENT - 1.0 Ampere)
logo
NXP Semiconductors
RS1G PHILIPS-RS1G Datasheet
60Kb / 12P
SMA fast soft-recovery controlled avalanche rectifiers
2000 Feb 14
logo
Surge Components
RS1G SURGE-RS1G Datasheet
78Kb / 2P
SURFACE MOUNT FAST SWITCHING RECTIFIER VOLTAGE - 50 TO 800 Volts CURRENT - 1.0 Ampere?
logo
Transys Electronics
RS1G TRSYS-RS1G Datasheet
172Kb / 2P
SURFACE MOUNT FAST SWITCHING RECTIFIER
logo
Fairchild Semiconductor
RS1G FAIRCHILD-RS1G Datasheet
38Kb / 3P
1.0 Ampere Fast Recovery Rectifiers
More results


Similar Description - RS1G

ManufacturerPart #DatasheetDescription
logo
Transys Electronics
FR1A TRSYS-FR1A Datasheet
183Kb / 3P
SURFACE MOUNT FAST SWITCHING RECTIFIER
logo
General Semiconductor
RS3A GE-RS3A Datasheet
75Kb / 2P
SURFACE MOUNT FAST SWITCHING RECTIFIER
logo
GOOD-ARK Electronics
GR1A GOOD-ARK-GR1A Datasheet
168Kb / 2P
SURFACE MOUNT FAST SWITCHING RECTIFIER
SR26 GOOD-ARK-SR26 Datasheet
185Kb / 2P
SURFACE MOUNT FAST SWITCHING RECTIFIER
SR36 GOOD-ARK-SR36 Datasheet
171Kb / 2P
SURFACE MOUNT FAST SWITCHING RECTIFIER
logo
TAITRON Components Inco...
RS1A TAITRON-RS1A Datasheet
641Kb / 4P
Surface Mount Fast Switching Rectifier
logo
Vishay Siliconix
RS1A VISHAY-RS1A Datasheet
80Kb / 4P
Surface Mount Fast Switching Rectifier
19-Apr-11
RS3K-E3 VISHAY-RS3K-E3 Datasheet
84Kb / 4P
Surface Mount Fast Switching Rectifier
25-Apr-14
logo
First Silicon Co., Ltd
GR1A FS-GR1A Datasheet
498Kb / 2P
Surface Mount FAST SWITCHING RECTIFIER
logo
Vishay Siliconix
RS3A VISHAY-RS3A_V01 Datasheet
96Kb / 4P
Surface-Mount Fast Switching Rectifier
25-Feb-2020
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com