Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SS23 Datasheet (PDF) - Shanghai Sunrise Electronics

SS23 Datasheet PDF - Shanghai Sunrise Electronics
Part # SS23
Download  SS23 Download
File Size   16.78 Kbytes
Page   1 Pages
Manufacturer  SSE [Shanghai Sunrise Electronics]
Direct Link  
Logo SSE - Shanghai Sunrise Electronics
Description SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER

SS23 Datasheet (PDF)

Go To PDF Page Download Datasheet
SS23 Datasheet PDF - Shanghai Sunrise Electronics

Part # SS23
Download  SS23 Click to download

File Size   16.78 Kbytes
Page   1 Pages
Manufacturer  SSE [Shanghai Sunrise Electronics]
Direct Link  
Logo SSE - Shanghai Sunrise Electronics
Description SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER

SS23 Datasheet (HTML) - Shanghai Sunrise Electronics


SS23 Product details

VOLTAGE: 20 TO 60V CURRENT: 2.0A



FEATURES

• Ideal for surface mount pick and place application

• Low profile package

• Low power loss, high efficiency

• High current capability,low VF

• High surge capability

• High temperature soldering guaranteed: 260°C/10sec/at terminal



 




Similar Part No. - SS23

ManufacturerPart #DatasheetDescription
logo
Zowie Technology Corpor...
SS23 ZOWIE-SS23 Datasheet
51Kb / 2P
SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
logo
Jinan Gude Electronic D...
SS23 JGD-SS23 Datasheet
159Kb / 2P
2.0 AMPS. SURFACE MOUNT SCHOTTKY BARRIER RECTIFIERS
logo
General Semiconductor
SS23 GE-SS23 Datasheet
85Kb / 2P
SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
logo
Micro Commercial Compon...
SS23 MCC-SS23 Datasheet
625Kb / 3P
2 Amp Schottky Rectifier 20 to 100 Volts
logo
Fairchild Semiconductor
SS23 FAIRCHILD-SS23 Datasheet
49Kb / 3P
Schottky Rectifiers
More results


Similar Description - SS23

ManufacturerPart #DatasheetDescription
logo
General Semiconductor
SS22 GE-SS22 Datasheet
85Kb / 2P
SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
logo
GOOD-ARK Electronics
SK22 GOOD-ARK-SK22 Datasheet
182Kb / 2P
SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
logo
Comchip Technology
CDBV120 COMCHIP-CDBV120 Datasheet
217Kb / 2P
Surface Mount Schottky Barrier Rectifier
logo
SeCoS Halbleitertechnol...
SCS402D SECOS-SCS402D Datasheet
324Kb / 2P
Surface Mount Schottky Barrier Rectifier
logo
Shenzhen Taychipst Elec...
S510B TAYCHIPST-S510B Datasheet
8Mb / 2P
SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
SR502 TAYCHIPST-SR502 Datasheet
9Mb / 2P
SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
logo
Pan Jit International I...
MB18F PANJIT-MB18F Datasheet
237Kb / 5P
SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
logo
Zowie Technology Corpor...
SC32 ZOWIE-SC32 Datasheet
135Kb / 2P
SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
logo
Rectron Semiconductor
2SS20L RECTRON-2SS20L_09 Datasheet
370Kb / 6P
SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
logo
Microdiode Semiconducto...
SK102 CHENDA-SK102 Datasheet
155Kb / 3P
SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com