Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

US2AA Datasheet (PDF) - Shanghai Sunrise Electronics

US2AA Datasheet PDF - Shanghai Sunrise Electronics
Part # US2AA
Download  US2AA Download
File Size   17.11 Kbytes
Page   1 Pages
Manufacturer  SSE [Shanghai Sunrise Electronics]
Direct Link  
Logo SSE - Shanghai Sunrise Electronics
Description SURFACE MOUNT ULTRA FAST SWITCHING RECTIFIER

US2AA Datasheet (PDF)

Go To PDF Page Download Datasheet
US2AA Datasheet PDF - Shanghai Sunrise Electronics

Part # US2AA
Download  US2AA Click to download

File Size   17.11 Kbytes
Page   1 Pages
Manufacturer  SSE [Shanghai Sunrise Electronics]
Direct Link  
Logo SSE - Shanghai Sunrise Electronics
Description SURFACE MOUNT ULTRA FAST SWITCHING RECTIFIER

US2AA Datasheet (HTML) - Shanghai Sunrise Electronics


US2AA Product details

VOLTAGE: 50 TO 1000V

CURRENT: 2.0A



FEATURES

• Ideal for surface mount pick and

place application

• Low profile package

• Built-in strain relief

• High surge capability

• Glass passivated chip

• Ultra fast recovery for high efficiency

• High temperature soldering guaranteed: 260°C/10sec/at terminal




Similar Part No. - US2AA

ManufacturerPart #DatasheetDescription
logo
PACELEADER INDUSTRIAL
US2AA PACELEADER-US2AA Datasheet
158Kb / 2P
SURFACE MOUNT REVERSE VOLTAGE 50 TO 1000 VOLTS
logo
Shenzhen Luguang Electr...
US2AA LUGUANG-US2AA Datasheet
180Kb / 2P
Surface Mount Rectifiers
logo
Shenzhen Taychipst Elec...
US2AA TAYCHIPST-US2AA Datasheet
3Mb / 2P
Surface Mount Ultrafast Rectifiers
logo
Microdiode Semiconducto...
US2AA CHENDA-US2AA Datasheet
394Kb / 2P
SURFACE MOUNT ULTRA FAST RECTIFIER
logo
Diode Semiconductor Kor...
US2AA DSK-US2AA Datasheet
93Kb / 2P
SURFACE MOUNT RECTIFIERS
More results


Similar Description - US2AA

ManufacturerPart #DatasheetDescription
logo
Shanghai Sunrise Electr...
UF1A SSE-UF1A Datasheet
17Kb / 1P
SURFACE MOUNT ULTRA FAST SWITCHING RECTIFIER
US1A SSE-US1A Datasheet
17Kb / 1P
SURFACE MOUNT ULTRA FAST SWITCHING RECTIFIER
US1AB SSE-US1AB Datasheet
17Kb / 1P
SURFACE MOUNT ULTRA FAST SWITCHING RECTIFIER
US2A SSE-US2A Datasheet
17Kb / 1P
SURFACE MOUNT ULTRA FAST SWITCHING RECTIFIER
US3A SSE-US3A Datasheet
17Kb / 1P
SURFACE MOUNT ULTRA FAST SWITCHING RECTIFIER
logo
MAKO SEMICONDUCTOR CO.,...
US1A MAKOSEMI-US1A Datasheet
89Kb / 1P
SURFACE MOUNT ULTRA FAST SWITCHING RECTIFIER
logo
Microdiode Semiconducto...
US2ABF CHENDA-US2ABF_V01 Datasheet
847Kb / 3P
SURFACE MOUNT ULTRA FAST RECTIFIER
US3AB CHENDA-US3AB Datasheet
747Kb / 3P
SURFACE MOUNT ULTRA FAST RECTIFIER
US3ABF CHENDA-US3ABF_V01 Datasheet
1Mb / 3P
SURFACE MOUNT ULTRA FAST RECTIFIER
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com