Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SST39LF100 Datasheet (PDF) - Silicon Storage Technology, Inc

SST39LF100 Datasheet PDF - Silicon Storage Technology, Inc
Part # SST39LF100
Download  SST39LF100 Download
File Size   262.9 Kbytes
Page   22 Pages
Manufacturer  SST [Silicon Storage Technology, Inc]
Direct Link  http://www.sst.com/
Logo SST - Silicon Storage Technology, Inc
Description 1 Mbit (64K x16) Multi-Purpose Flash

SST39LF100 Datasheet (PDF)

Go To PDF Page Download Datasheet
SST39LF100 Datasheet PDF - Silicon Storage Technology, Inc

Part # SST39LF100
Download  SST39LF100 Click to download

File Size   262.9 Kbytes
Page   22 Pages
Manufacturer  SST [Silicon Storage Technology, Inc]
Direct Link  http://www.sst.com/
Logo SST - Silicon Storage Technology, Inc
Description 1 Mbit (64K x16) Multi-Purpose Flash

SST39LF100 Datasheet (HTML) - Silicon Storage Technology, Inc


SST39LF100 Product details

PRODUCT DESCRIPTION

The SST39LF/VF100 devices are 64K x16 CMOS Multi Purpose Flash (MPF) manufactured with SST’s proprietary, high performance CMOS SuperFlash technology. The split-gate cell design and thick oxide tunneling injector attain better reliability and manufacturability compared with alternate approaches. The SST39LF100 and SST39VF100 write (Program or Erase) with a single voltage power supply of 3.0-3.6V and 2.7-3.6V, respectively.



FEATURES:

• Organized as 64K x16

• Single Voltage Read and Write Operations

– 3.0-3.6V for SST39LF100

– 2.7-3.6V for SST39VF100

• Superior Reliability

– Endurance: 100,000 Cycles (typical)

– Greater than 100 years Data Retention

• Low Power Consumption

– Active Current: 20 mA (typical)

– Standby Current: 3 µA (typical)

• Sector-Erase Capability

– Uniform 2 KWord sectors

• Fast Read Access Time

– 45 ns for SST39LF100

– 70 ns for SST39VF100

• Latched Address and Data

• Fast Erase and Word-Program

– Sector-Erase Time: 18 ms (typical)

– Chip-Erase Time: 70 ms (typical)

– Word-Program Time: 14 µs (typical)

– Chip Rewrite Time: 1 second (typical)

• Automatic Write Timing

– Internal VPPGeneration

• End-of-Write Detection

– Toggle Bit

– Data# Polling

• CMOS I/O Compatibility

• JEDEC Standard Command Sets

• Packages Available

– 40-lead TSOP (10mm x 14mm)

– 48-ball TFBGA (6mm x 8mm)




Similar Part No. - SST39LF100

ManufacturerPart #DatasheetDescription
logo
Silicon Storage Technol...
SST39LF160 SST-SST39LF160 Datasheet
306Kb / 26P
16 Mbit (x16) Multi-Purpose Flash
SST39LF160-55-4C-B3K SST-SST39LF160-55-4C-B3K Datasheet
306Kb / 26P
16 Mbit (x16) Multi-Purpose Flash
SST39LF160-55-4C-EK SST-SST39LF160-55-4C-EK Datasheet
306Kb / 26P
16 Mbit (x16) Multi-Purpose Flash
SST39LF160-55-4I-B3K SST-SST39LF160-55-4I-B3K Datasheet
306Kb / 26P
16 Mbit (x16) Multi-Purpose Flash
SST39LF160-55-4I-EK SST-SST39LF160-55-4I-EK Datasheet
306Kb / 26P
16 Mbit (x16) Multi-Purpose Flash
More results


Similar Description - SST39LF100

ManufacturerPart #DatasheetDescription
logo
Silicon Storage Technol...
SST39LF160 SST-SST39LF160 Datasheet
306Kb / 26P
16 Mbit (x16) Multi-Purpose Flash
SST39WF800A SST-SST39WF800A Datasheet
444Kb / 25P
8 Mbit (x16) Multi-Purpose Flash
SST39VF6401B SST-SST39VF6401B Datasheet
476Kb / 30P
64 Mbit (x16) Multi-Purpose Flash Plus
SST39WF400A SST-SST39WF400A Datasheet
462Kb / 26P
4 Mbit (x16) Multi-Purpose Flash
SST39VF320 SST-SST39VF320 Datasheet
384Kb / 24P
32 Mbit (x16) Multi-Purpose Flash
SST39WF800B SST-SST39WF800B Datasheet
861Kb / 26P
8 Mbit (x16) Multi-Purpose Flash
SST39WF800A SST-SST39WF800A_07 Datasheet
659Kb / 27P
8 Mbit (x16) Multi-Purpose Flash
SST39WF400A SST-SST39WF400A_03 Datasheet
415Kb / 26P
4 Mbit (x16) Multi-Purpose Flash
logo
Microchip Technology
SST39LF200A MICROCHIP-SST39LF200A_11 Datasheet
4Mb / 37P
Mbit / 4 Mbit / 8 Mbit (x16) Multi-Purpose Flash
2011 Silicon
logo
Silicon Storage Technol...
SST39VF801C-70-4C-B3KE SST-SST39VF801C-70-4C-B3KE Datasheet
378Kb / 38P
8 Mbit (x16) Multi-Purpose Flash Plus
More results




About Silicon Storage Technology, Inc


Silicon Storage Technology, Inc. (SST) was an American technology company that specialized in the design and manufacture of non-volatile memory solutions, including flash memory and microcontrollers.
The company was founded in 1991 and had its headquarters in Sunnyvale, California.
SST was known for its innovative technology and high-quality products, and it had a strong reputation in the memory and storage industry.
In 2010, SST was acquired by Microchip Technology Inc., a leading provider of microcontroller and analog semiconductors.
Today, SST operates as a subsidiary of Microchip and continues to provide non-volatile memory solutions for a variety of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com