Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HZ2C Datasheet (PDF) - Shenzhen Luguang Electronic Technology Co., Ltd

HZ2C Datasheet PDF - Shenzhen Luguang Electronic Technology Co., Ltd
Part # HZ2C
Download  HZ2C Download
File Size   130.3 Kbytes
Page   2 Pages
Manufacturer  LUGUANG [Shenzhen Luguang Electronic Technology Co., Ltd]
Direct Link  http://www.luguang.cn/web_en/index.html
Logo LUGUANG - Shenzhen Luguang Electronic Technology Co., Ltd
Description Zener Diodes

HZ2C Datasheet (PDF)

Go To PDF Page Download Datasheet
HZ2C Datasheet PDF - Shenzhen Luguang Electronic Technology Co., Ltd

Part # HZ2C
Download  HZ2C Click to download

File Size   130.3 Kbytes
Page   2 Pages
Manufacturer  LUGUANG [Shenzhen Luguang Electronic Technology Co., Ltd]
Direct Link  http://www.luguang.cn/web_en/index.html
Logo LUGUANG - Shenzhen Luguang Electronic Technology Co., Ltd
Description Zener Diodes

HZ2C Datasheet (HTML) - Shenzhen Luguang Electronic Technology Co., Ltd


HZ2C Product details

Zener Diodes

VZ : 2.0 - 36V PD : 500mW



Features

Low leakage, low zener impedance

Maximum power dissipation of 500 mW

Ideally suitedfor stabilized power supply, etc.

Pb/ RoHS Free



Case: DO-35 Glass Case

Weight: approx. 0.13g

Mechanical Data

—

—

—

—




Similar Part No. - HZ2C

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
HZ2C1 RENESAS-HZ2C1 Datasheet
55Kb / 7P
Silicon Epitaxial Planar Zener Diode for Stabilized Power Supply
Rev.3.00, Mar.11.2004,
logo
Hitachi Semiconductor
HZ2C1 HITACHI-HZ2C1 Datasheet
45Kb / 8P
Silicon Epitaxial Planar Zener Diode for Stabilized Power Supply
logo
SeCoS Halbleitertechnol...
HZ2C1 SECOS-HZ2C1 Datasheet
751Kb / 5P
Silicon Planar Zener Diode for Stabilized Power Supply
logo
SEMTECH ELECTRONICS LTD...
HZ2C1 SEMTECH_ELEC-HZ2C1 Datasheet
261Kb / 4P
SILICON EPITAXIAL PLANER ZENER DIODES
logo
Nanjing International G...
HZ2C1 DGNJDZ-HZ2C1 Datasheet
92Kb / 4P
Silicon Epitaxial Planar Zener Diodes
More results


Similar Description - HZ2C

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
RZ39A STMICROELECTRONICS-RZ39A Datasheet
555Kb / 3P
ZENER DIODES DIODES ZENER
logo
EIC discrete Semiconduc...
1N4728CG EIC-1N4728CG Datasheet
33Kb / 2P
ZENER DIODES
HZ6L EIC-HZ6L Datasheet
30Kb / 2P
ZENER DIODES
logo
Fairchild Semiconductor
FLZ2V2_0609 FAIRCHILD-FLZ2V2_0609 Datasheet
625Kb / 8P
Zener Diodes
logo
Galaxy Semi-Conductor H...
BZG03C BILIN-BZG03C Datasheet
106Kb / 3P
ZENER DIODES
DL4728 BILIN-DL4728 Datasheet
195Kb / 3P
ZENER DIODES
BZY97 BILIN-BZY97 Datasheet
239Kb / 5P
ZENER DIODES
U1ZB6.8 BILIN-U1ZB6.8 Datasheet
155Kb / 3P
ZENER DIODES
logo
GOOD-ARK Electronics
ZPD1 GOOD-ARK-ZPD1 Datasheet
414Kb / 9P
Zener Diodes
logo
Sangdest Microelectroni...
1N5225 SMC-1N5225 Datasheet
205Kb / 5P
ZENER DIODES Diodes
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com