Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SST45VF512 Datasheet (PDF) - Silicon Storage Technology, Inc

SST45VF512 Datasheet PDF - Silicon Storage Technology, Inc
Part # SST45VF512
Download  SST45VF512 Download
File Size   170.64 Kbytes
Page   16 Pages
Manufacturer  SST [Silicon Storage Technology, Inc]
Direct Link  http://www.sst.com/
Logo SST - Silicon Storage Technology, Inc
Description 512 Kbit / 1 Mbit / 2 Mbit Serial Flash

SST45VF512 Datasheet (PDF)

Go To PDF Page Download Datasheet
SST45VF512 Datasheet PDF - Silicon Storage Technology, Inc

Part # SST45VF512
Download  SST45VF512 Click to download

File Size   170.64 Kbytes
Page   16 Pages
Manufacturer  SST [Silicon Storage Technology, Inc]
Direct Link  http://www.sst.com/
Logo SST - Silicon Storage Technology, Inc
Description 512 Kbit / 1 Mbit / 2 Mbit Serial Flash

SST45VF512 Datasheet (HTML) - Silicon Storage Technology, Inc


SST45VF512 Product details

PRODUCT DESCRIPTION

The SST45VF512, SST45VF010 and SST45VF020 are manufactured with SST’s proprietary, high performance CMOS SuperFlash technology. The Serial Flash is organized as 16 sectors of 4096 Bytes for SST45VF512, 32 sectors of 4096 Bytes for the SST45VF010 and 64 sectors of 4096 Bytes for the SST45VF020. The memory is accessed for Read or Erase/Program by the SPI bus compatible serial protocol. The bus signals are: serial data input (SI), serial data output (SO), serial clock (SCK), write protect (WP#), chip enable (CE#), and hardware reset (RESET#).

The SST45VFxxx devices are offered in 8-pin SOIC package. See Figure 1 for the pinout.



FEATURES:

• Single 2.7-3.6V Read and Write Operations

• Serial Interface Architecture

   – SPI Compatible: Mode 0 and Mode 3

• Byte Serial Read with Single Command

• Superior Reliability

   – Endurance: 100,000 Cycles (typical)

   – Greater than 100 years Data Retention

• Low Power Consumption:

   – Active Current: 20 mA (typical)

   – Standby Current: 10 µA (typical)

• Sector or Chip-Erase Capability

   – Uniform 4 KByte sectors

• Fast Erase and Byte-Program:

   – Chip-Erase Time: 70 ms (typical)

   – Sector-Erase Time: 18 ms (typical)

   – Byte-Program Time: 14 µs (typical)

• Automatic Write Timing

   – Internal VPP Generation

• End-of-Write Detection

   – Software Status

• 10 MHz Max Clock Frequency

• Hardware Reset Pin (RESET#)

   – Resets the device to Standby Mode

• CMOS I/O Compatibility

• Hardware Data Protection

   – Protects and unprotects the device from Write operation

• Packages Available

   – 8-Pin SOIC (4.9mm x 6mm)



 




Similar Part No. - SST45VF512

ManufacturerPart #DatasheetDescription
logo
Silicon Storage Technol...
SST45LF010 SST-SST45LF010 Datasheet
181Kb / 14P
1 Megabit Serial Flash
SST45LF010 SST-SST45LF010 Datasheet
201Kb / 16P
1 Mbit Serial Flash
SST45LF010-10-4C-QA SST-SST45LF010-10-4C-QA Datasheet
181Kb / 14P
1 Megabit Serial Flash
SST45LF010-10-4C-QA SST-SST45LF010-10-4C-QA Datasheet
201Kb / 16P
1 Mbit Serial Flash
SST45LF010-10-4C-SA SST-SST45LF010-10-4C-SA Datasheet
181Kb / 14P
1 Megabit Serial Flash
More results


Similar Description - SST45VF512

ManufacturerPart #DatasheetDescription
logo
Silicon Storage Technol...
SST27SF256 SST-SST27SF256 Datasheet
268Kb / 26P
256 Kbit / 512 Kbit / 1 Mbit / 2 Mbit (x8) Many-Time Programmable Flash
SST29SF512 SST-SST29SF512 Datasheet
290Kb / 24P
512 Kbit / 1 Mbit / 2 Mbit / 4 Mbit (x8) Small-Sector Flash
SST39LF512 SST-SST39LF512 Datasheet
284Kb / 24P
512 Kbit / 1 Mbit / 2 Mbit / 4 Mbit (x8) Multi-Purpose Flash
SST39LF512 SST-SST39LF512_06 Datasheet
454Kb / 25P
512 Kbit / 1 Mbit / 2 Mbit / 4 Mbit (x8) Multi-Purpose Flash
SST37VF512 SST-SST37VF512_06 Datasheet
215Kb / 18P
512 Kbit / 1 Mbit / 2 Mbit / 4 Mbit (x8) Many-Time Programmable Flash
SST27SF512 SST-SST27SF512_05 Datasheet
326Kb / 23P
512 Kbit / 1 Mbit / 2 Mbit (x8) Many-Time Programmable Flash
SST25WF512 SST-SST25WF512 Datasheet
826Kb / 29P
512 Kbit / 1 Mbit / 2 Mbit 1.8V SPI Serial Flash
SST25WF512 SST-SST25WF512_10 Datasheet
887Kb / 32P
512 Kbit / 1 Mbit / 2 Mbit / 4Mbit 1.8V SPI Serial Flash
SST39LF512 SST-SST39LF512_10 Datasheet
640Kb / 24P
512 Kbit / 1 Mbit / 2 Mbit / 4 Mbit (x8) Multi-Purpose Flash
logo
Microchip Technology
SST25WF512 MICROCHIP-SST25WF512 Datasheet
252Kb / 36P
512 Kbit / 1 Mbit / 2 Mbit / 4 Mbit 1.8V SPI Serial Flash
11/14
More results




About Silicon Storage Technology, Inc


Silicon Storage Technology, Inc. (SST) was an American technology company that specialized in the design and manufacture of non-volatile memory solutions, including flash memory and microcontrollers.
The company was founded in 1991 and had its headquarters in Sunnyvale, California.
SST was known for its innovative technology and high-quality products, and it had a strong reputation in the memory and storage industry.
In 2010, SST was acquired by Microchip Technology Inc., a leading provider of microcontroller and analog semiconductors.
Today, SST operates as a subsidiary of Microchip and continues to provide non-volatile memory solutions for a variety of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com