Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SST89C54 Datasheet (PDF) - Silicon Storage Technology, Inc

SST89C54 Datasheet PDF - Silicon Storage Technology, Inc
Part # SST89C54
Download  SST89C54 Download
File Size   413.62 Kbytes
Page   50 Pages
Manufacturer  SST [Silicon Storage Technology, Inc]
Direct Link  http://www.sst.com/
Logo SST - Silicon Storage Technology, Inc
Description FlashFlex51 MCU

SST89C54 Datasheet (PDF)

Go To PDF Page Download Datasheet
SST89C54 Datasheet PDF - Silicon Storage Technology, Inc

Part # SST89C54
Download  SST89C54 Click to download

File Size   413.62 Kbytes
Page   50 Pages
Manufacturer  SST [Silicon Storage Technology, Inc]
Direct Link  http://www.sst.com/
Logo SST - Silicon Storage Technology, Inc
Description FlashFlex51 MCU

SST89C54 Datasheet (HTML) - Silicon Storage Technology, Inc


SST89C54 Product details

PRODUCT DESCRIPTION
SST89C54 and SST89C58 are members of the FlashFlex51 family of 8-bit microcontrollers. The FlashFlex51 family is a family of embedded microcontroller products designed and manufactured on the state-of-the-art SuperFlash CMOS semiconductor process technology.

FEATURES:
• Multi-Purpose 8-bit 8051 Family Compatible Microcontroller Unit (MCU) with Embedded SuperFlash Memory
• Fully Software and Development Toolset Compatible as well as Pin-For-Pin Package Compatible with Standard 8xC5x Microcontrollers
• 256 Bytes Register/Data RAM
• 20/36 KByte Embedded High Performance Flexible SuperFlash EEPROM
    – One 16/32 KByte block (128-Byte sector size)
    – One 4 KByte block (64-Byte sector size)
    – Individual Block Security Lock with Softlock™ feature
    – 87C5x Programmer Compatible
    – Concurrent Operation during In-Application Programming™(IAP™)
    – Memory Re-Mapping for Interrupt Support during IAP
• Support External Address Range up to 64 KByte of Program and Data Memory
• High Current Drive on Port 1 (5, 6, 7) pins
• Three 16-bit Timer/Counter
• Programmable Serial Port (UART)
• Six Interrupt Sources at 2 Priority Levels
• Selectable Watchdog Timer (WDT)
• Four 8-bit I/O Ports (32 I/O Pins)
• TTL- and CMOS-Compatible Logic Levels
• Extended Power-Saving Modes
    – Idle Mode
    – Power Down Mode with External Interrupt Wake-up
    – Standby (Stop Clock) Mode
• High Speed Operation at 5 Volts (0 to 33MHz)
• Low Voltage (2.7V) Operation (0 to 12MHz)
• PDIP-40, PLCC-44 and TQFP-44 Packages
• Temperature Ranges:
    – Commercial (0°C to +70°C)
    – Industrial (-40°C to +85°C)




Similar Part No. - SST89C54

ManufacturerPart #DatasheetDescription
logo
Silicon Storage Technol...
SST89C54 SST-SST89C54 Datasheet
3Mb / 45P
FlashFlex51 MCU
SST89C54-33-AC-NI SST-SST89C54-33-AC-NI Datasheet
3Mb / 45P
FlashFlex51 MCU
SST89C54-33-AC-NJ SST-SST89C54-33-AC-NJ Datasheet
3Mb / 45P
FlashFlex51 MCU
SST89C54-33-AC-PI SST-SST89C54-33-AC-PI Datasheet
3Mb / 45P
FlashFlex51 MCU
SST89C54-33-AC-PJ SST-SST89C54-33-AC-PJ Datasheet
3Mb / 45P
FlashFlex51 MCU
More results


Similar Description - SST89C54

ManufacturerPart #DatasheetDescription
logo
Silicon Storage Technol...
SST89E564 SST-SST89E564 Datasheet
634Kb / 58P
FlashFlex51 MCU
SST89E564RD SST-SST89E564RD Datasheet
680Kb / 62P
FlashFlex51 MCU
SST89C59 SST-SST89C59 Datasheet
3Mb / 45P
FlashFlex51 MCU
SST89E58RD2 SST-SST89E58RD2 Datasheet
984Kb / 91P
FlashFlex51 MCU
logo
Renesas Technology Corp
R8C2C RENESAS-R8C2C Datasheet
476Kb / 58P
MCU
logo
Silicon Storage Technol...
SST89E52RD2 SST-SST89E52RD2_06 Datasheet
937Kb / 81P
FlashFlex51 MCU
SST89E564RD SST-SST89E564RD_03 Datasheet
1Mb / 86P
FlashFlex51 MCU
SST89E52RD2-RD SST-SST89E52RD2-RD Datasheet
937Kb / 81P
FlashFlex51 MCU
logo
Renesas Technology Corp
R8C-2C RENESAS-R8C-2C Datasheet
481Kb / 60P
MCU
R8C-32A RENESAS-R8C-32A Datasheet
455Kb / 55P
MCU
More results




About Silicon Storage Technology, Inc


Silicon Storage Technology, Inc. (SST) was an American technology company that specialized in the design and manufacture of non-volatile memory solutions, including flash memory and microcontrollers.
The company was founded in 1991 and had its headquarters in Sunnyvale, California.
SST was known for its innovative technology and high-quality products, and it had a strong reputation in the memory and storage industry.
In 2010, SST was acquired by Microchip Technology Inc., a leading provider of microcontroller and analog semiconductors.
Today, SST operates as a subsidiary of Microchip and continues to provide non-volatile memory solutions for a variety of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com