Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

1T362A Datasheet (PDF) - Sony Corporation

1T362A Datasheet PDF - Sony Corporation
Part # 1T362A
Download  1T362A Download
File Size   52.75 Kbytes
Page   4 Pages
Manufacturer  SONY [Sony Corporation]
Direct Link  http://www.sony.co.jp
Logo SONY - Sony Corporation
Description Silicon Variable Capacitance Diode

1T362A Datasheet (PDF)

Go To PDF Page Download Datasheet
1T362A Datasheet PDF - Sony Corporation

Part # 1T362A
Download  1T362A Click to download

File Size   52.75 Kbytes
Page   4 Pages
Manufacturer  SONY [Sony Corporation]
Direct Link  http://www.sony.co.jp
Logo SONY - Sony Corporation
Description Silicon Variable Capacitance Diode

1T362A Datasheet (HTML) - Sony Corporation


1T362A Product details

Description
The 1T362A is a variable capacitance diode designed for electronic tuning of TV tuners and the super-miniature package allows the tuner miniaturization.

Features
• Super miniature package
• Low series resistance 0.65 Ω Max. (f=470 MHz)
• Large capacitance ratio 6.5 Typ. (C2/C25)
• Small leakage current 10 nA Max. (VR=28 V)
• Capacitance deviation within 2 %

Applications
   Electronic tuning of TV and CATV




Similar Part No. - 1T362A

ManufacturerPart #DatasheetDescription
logo
Sony Corporation
1T362 SONY-1T362 Datasheet
44Kb / 4P
Silicon Variable Capacitance Diode
More results


Similar Description - 1T362A

ManufacturerPart #DatasheetDescription
logo
Sony Corporation
1T363A SONY-1T363A Datasheet
57Kb / 5P
Silicon Variable Capacitance Diode
1T365 SONY-1T365 Datasheet
47Kb / 4P
Silicon Variable Capacitance Diode
1T369 SONY-1T369 Datasheet
44Kb / 4P
Silicon Variable Capacitance Diode
logo
Leshan Radio Company
BB535 LRC-BB535 Datasheet
83Kb / 3P
Silicon Variable Capacitance Diode
logo
Infineon Technologies A...
BB679 INFINEON-BB679 Datasheet
404Kb / 4P
Silicon Variable Capacitance Diode
Oct-25-2002
BB804 INFINEON-BB804 Datasheet
408Kb / 3P
Silicon Variable Capacitance Diode
Nov-07-2002
BB914 INFINEON-BB914 Datasheet
395Kb / 3P
Silicon Variable Capacitance Diode
Dec-04-2002
BB659E6805 INFINEON-BB659E6805 Datasheet
59Kb / 6P
Silicon Variable Capacitance Diode
2005-10-19
BB439 INFINEON-BB439_07 Datasheet
55Kb / 5P
Silicon Variable Capacitance Diode
2007-04-20
BB640 INFINEON-BB640_07 Datasheet
56Kb / 5P
Silicon Variable Capacitance Diode
2007-04-20
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com