Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ACX302 Datasheet (PDF) - Sony Corporation

ACX302 Datasheet PDF - Sony Corporation
Part # ACX302
Download  ACX302 Download
File Size   365.33 Kbytes
Page   24 Pages
Manufacturer  SONY [Sony Corporation]
Direct Link  http://www.sony.co.jp
Logo SONY - Sony Corporation
Description 8.80cm (3.5 Type) NTSC/PAL Color LCD Panel

ACX302 Datasheet (PDF)

Go To PDF Page Download Datasheet
ACX302 Datasheet PDF - Sony Corporation

Part # ACX302
Download  ACX302 Click to download

File Size   365.33 Kbytes
Page   24 Pages
Manufacturer  SONY [Sony Corporation]
Direct Link  http://www.sony.co.jp
Logo SONY - Sony Corporation
Description 8.80cm (3.5 Type) NTSC/PAL Color LCD Panel

ACX302 Datasheet (HTML) - Sony Corporation


ACX302 Product details

Description

The ACX302AK is a 8.80cm diagonal active matrix TFT-LCD panel addressed by low temperature polycrystalline silicon transistors with built-in peripheral driving circuitry. This panel provides full color representation for NTSC and PAL systems. In addition, RGB dots are arranged in a delta pattern that provides smooth picture quality without fixed color patterns compared to vertical stripe and mosaic patterns



Features

• Number of active dots: 200,000, 8.80cm (3.5 Type) in diagonal

• Horizontal resolution: 440 TV lines

• Optical transmittance: 8.2% (typ.)

• High contrast ratio with normally white mode: 200 (typ.)

• Built-in H and V driving circuitry (built-in input level conversion circuit, 3V drive possible)

• Low voltage, low power consumption 12V drive: 60mW (typ.)

• Smooth pictures with a RGB delta arrangement

• Supports NTSC/PAL

• Built-in picture quality improvement circuit

• Up/down and/or right/left inverse display function

• 16:9 screen display function

• AR (anti-reflectance) surface treatment provides an easy-to-see display even outdoors

• Dirt-resistant surface treatment

• Narrow frame

• High color reproductivity



Element Structure

• Active matrix TFT-LCD panel with built-in peripheral driving circuitry using low temperature polycrystalline silicon transistors

• Number of pixels

   Total number of dots : 884 (H) × 230 (V) = 203,320

   Number of active dots : 880 (H) × 228 (V) = 200,640

• Panel dimensions

   Package dimensions : 78.8 (W) × 63.3 (D) × 2.2 (H) (mm)

   Effective display dimensions : 70.400 (H) × 52.725 (V) (mm)



Applications

  LCD monitors, etc.



 




Similar Part No. - ACX302

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
ACX302AK ETC-ACX302AK Datasheet
39Kb / 2P
Low-temperature Polysilicon TFT LCDs
More results


Similar Description - ACX302

ManufacturerPart #DatasheetDescription
logo
Sony Corporation
ACX306AK SONY-ACX306AK Datasheet
381Kb / 23P
3.86cm (1.5 Type) NTSC/PAL Color LCD Panel
LCX024AK SONY-LCX024AK Datasheet
212Kb / 24P
1.4cm (0.55-inch) NTSC/PAL Color LCD Panel
LCX024AKB SONY-LCX024AKB Datasheet
213Kb / 24P
1.4cm (0.55-inch) NTSC/PAL Color LCD Panel
LCX027AK SONY-LCX027AK Datasheet
202Kb / 23P
1.4cm (0.55-inch) NTSC/PAL Color LCD Panel
LCX032AK SONY-LCX032AK Datasheet
279Kb / 23P
1.4cm (0.44 Type) NTSC/PAL Color LCD Panel
LCX032AKB SONY-LCX032AKB Datasheet
264Kb / 23P
1.4cm (0.44 Type) NTSC/PAL Color LCD Panel
LCX033AK SONY-LCX033AK Datasheet
277Kb / 23P
1.1cm (0.44 Type) NTSC/PAL Color LCD Panel
LCX033AKB SONY-LCX033AKB Datasheet
260Kb / 23P
1.1cm (0.44 Type) NTSC/PAL Color LCD Panel
LCX033ANB SONY-LCX033ANB Datasheet
189Kb / 23P
1.4cm (0.44 Type) NTSC/PAL Color LCD Panel
LCX032ANB SONY-LCX032ANB Datasheet
540Kb / 23P
1.1cm (0.44 Type) NTSC/PAL Color LCD Panel
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com