Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CXA1488R Datasheet (PDF) - Sony Corporation

CXA1488R Datasheet PDF - Sony Corporation
Part # CXA1488R
Download  CXA1488R Download
File Size   365.23 Kbytes
Page   20 Pages
Manufacturer  SONY [Sony Corporation]
Direct Link  http://www.sony.co.jp
Logo SONY - Sony Corporation
Description 8 mm VCR AFM SIGNAL PROCESSOR

CXA1488R Datasheet (PDF)

Go To PDF Page Download Datasheet
CXA1488R Datasheet PDF - Sony Corporation

Part # CXA1488R
Download  CXA1488R Click to download

File Size   365.23 Kbytes
Page   20 Pages
Manufacturer  SONY [Sony Corporation]
Direct Link  http://www.sony.co.jp
Logo SONY - Sony Corporation
Description 8 mm VCR AFM SIGNAL PROCESSOR

CXA1488R Datasheet (HTML) - Sony Corporation


CXA1488R Product details

Description
The CXA1488R is an IC designed for recoreding and playback FM audio signal processing for an 8 mm VCR. In combination with a CXA1536Q device it offers an effective implementation of an AFM audio stereo system.

Features
● Built-in filter (1.5 MHz bandpass filter)
● Requires no adjustment of FM modulator central frequency
● Low current consumption (standby 24 mA, recording 27 mA, playback 1 (band-pass filter on) 31 mA, playback 2 (band-pass filter off) 27 mA)
● PAL/NTSC selectable
● Stereo compatible
● Very few external part




Similar Part No. - CXA1488R

ManufacturerPart #DatasheetDescription
logo
Sony Corporation
CXA1488R SONY-CXA1488R Datasheet
308Kb / 16P
8 mm VCR AFM STEREO MATRIX
More results


Similar Description - CXA1488R

ManufacturerPart #DatasheetDescription
logo
Rohm
BA7795LS ROHM-BA7795LS Datasheet
163Kb / 12P
VCR standard audio signal processor
BA7796FS ROHM-BA7796FS Datasheet
128Kb / 10P
VCR standard audio signal processor
BA7797F ROHM-BA7797F Datasheet
108Kb / 8P
VCR standard audio signal processor
logo
Sanyo Semicon Device
LA7316A-N SANYO-LA7316A-N Datasheet
127Kb / 5P
VCR VHS Chroma Signal Processor
logo
Sony Corporation
CXA1207AR SONY-CXA1207AR Datasheet
1Mb / 45P
8 mm VCR LUMINANCE SIGNAL PROCESSING
CXA1208R SONY-CXA1208R Datasheet
948Kb / 38P
8 mm VCR COLOR SIGNAL PROCESSING
CXA1536Q SONY-CXA1536Q Datasheet
308Kb / 16P
8 mm VCR AFM STEREO MATRIX
CXA1737R SONY-CXA1737R Datasheet
513Kb / 36P
AFM Stereo Signal Processor for 8 mm VCR
CXA2038R SONY-CXA2038R Datasheet
472Kb / 28P
AFM Monaural Signal Processor for 8 mm VCR
logo
Panasonic Semiconductor
AN3248NK PANASONIC-AN3248NK Datasheet
68Kb / 1P
Luminance signal processor ic for vcr
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com