Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FMBSS84 Datasheet (PDF) - Formosa MS

FMBSS84 Datasheet PDF - Formosa MS
Part # FMBSS84
Download  FMBSS84 Download
File Size   101.75 Kbytes
Page   8 Pages
Manufacturer  FORMOSA [Formosa MS]
Direct Link  http://www.formosams.com
Logo FORMOSA - Formosa MS
Description 50V P-Channel Enhancement Mode Power MOSFET

FMBSS84 Datasheet (PDF)

Go To PDF Page Download Datasheet
FMBSS84 Datasheet PDF - Formosa MS

Part # FMBSS84
Download  FMBSS84 Click to download

File Size   101.75 Kbytes
Page   8 Pages
Manufacturer  FORMOSA [Formosa MS]
Direct Link  http://www.formosams.com
Logo FORMOSA - Formosa MS
Description 50V P-Channel Enhancement Mode Power MOSFET

FMBSS84 Datasheet (HTML) - Formosa MS


FMBSS84 Product details

Features
• Low on-resistance RDS(ON) = 10Ω
• Low input capacitance : 30pF
• Fast switching speed : 2.5ns
• Low output capacitance : 10pF
• Low threshole : 2.0V
• In compliance with EU RoHS 2002/95/EC directives
• Suffix "-H" indicates Halogen-free part, ex.FMBSS84-H

 Case : Molded plastic, SOT-23




Similar Part No. - FMBSS84

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FMBS2383 FAIRCHILD-FMBS2383 Datasheet
255Kb / 5P
NPN Epitaxial Silicon Transistor
logo
ON Semiconductor
FMBS2383 ONSEMI-FMBS2383 Datasheet
319Kb / 7P
NPN Epitaxial Silicon Transistor
April 2011 Rev. A0
logo
Fairchild Semiconductor
FMBS5401 FAIRCHILD-FMBS5401 Datasheet
95Kb / 6P
PNP General Purpose Amplifier
FMBS549 FAIRCHILD-FMBS549 Datasheet
204Kb / 6P
PNP Low Saturation Transistor
FMBS549 FAIRCHILD-FMBS549 Datasheet
178Kb / 5P
PNP Low Saturation Transistor
More results


Similar Description - FMBSS84

ManufacturerPart #DatasheetDescription
logo
GTM CORPORATION
G2U4407 GTM-G2U4407 Datasheet
298Kb / 4P
P-CHANNEL ENHANCEMENT MODE POWER MOSFET
G3J14 GTM-G3J14 Datasheet
377Kb / 4P
P-CHANNEL ENHANCEMENT MODE POWER MOSFET
G1333 GTM-G1333 Datasheet
352Kb / 4P
P-CHANNEL ENHANCEMENT MODE POWER MOSFET
G2301 GTM-G2301 Datasheet
391Kb / 4P
P-CHANNEL ENHANCEMENT MODE POWER MOSFET
G2303 GTM-G2303 Datasheet
393Kb / 4P
P-CHANNEL ENHANCEMENT MODE POWER MOSFET
logo
SeCoS Halbleitertechnol...
SSF84W SECOS-SSF84W Datasheet
1Mb / 4P
-0.13A , -50V , RDS(ON) 10 P-Channel Enhancement Mode Power MOSFET
logo
Cystech Electonics Corp...
MTP3J15N3 CYSTEKEC-MTP3J15N3 Datasheet
309Kb / 8P
50V P-CHANNEL Enhancement Mode MOSFET
MTP3J15Y3 CYSTEKEC-MTP3J15Y3 Datasheet
342Kb / 8P
50V P-CHANNEL Enhancement Mode MOSFET
BSS84KS3 CYSTEKEC-BSS84KS3 Datasheet
312Kb / 8P
50V P-CHANNEL Enhancement Mode MOSFET
BSS84N3 CYSTEKEC-BSS84N3 Datasheet
308Kb / 8P
50V P-CHANNEL Enhancement Mode MOSFET
More results




About Formosa MS


Formosa MS is a Taiwanese semiconductor company that specializes in the design and manufacture of integrated circuits (ICs) and semiconductor devices for a wide range of applications. The company was founded in 1979 and is based in Taipei, Taiwan.

Formosa MS's product portfolio includes analog and mixed-signal ICs, power management ICs, LED lighting ICs, and automotive ICs, among others. The company's products are used in various industries, such as automotive, industrial, consumer electronics, and communications.

Formosa MS is committed to quality and reliability, and it has obtained various certifications, including ISO 9001, ISO 14001, and IATF 16949. The company's manufacturing facilities use advanced production equipment and quality control processes to ensure the highest levels of product performance and reliability.

Today, Formosa MS is recognized as a leading semiconductor company in Taiwan, with a strong reputation for providing high-quality and innovative solutions to its customers. The company continues to invest in research and development to stay at the forefront of new technologies and applications in the semiconductor industry.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com