Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FMBT2222A Datasheet (PDF) - Formosa MS

FMBT2222A Datasheet PDF - Formosa MS
Part # FMBT2222A
Download  FMBT2222A Download
File Size   601.37 Kbytes
Page   9 Pages
Manufacturer  FORMOSA [Formosa MS]
Direct Link  http://www.formosams.com
Logo FORMOSA - Formosa MS
Description 600mA Silicon NPN Epitaxial Planar Transistor

FMBT2222A Datasheet (PDF)

Go To PDF Page Download Datasheet
FMBT2222A Datasheet PDF - Formosa MS

Part # FMBT2222A
Download  FMBT2222A Click to download

File Size   601.37 Kbytes
Page   9 Pages
Manufacturer  FORMOSA [Formosa MS]
Direct Link  http://www.formosams.com
Logo FORMOSA - Formosa MS
Description 600mA Silicon NPN Epitaxial Planar Transistor

FMBT2222A Datasheet (HTML) - Formosa MS


FMBT2222A Product details

600mA Silicon NPN Epitaxial Planar Transistor

Features
• High collector-emitterbreakdien voltage.
   (BVCEO = 40V@IC =10mA)
• Small load switch transistor with high gain and low
   stauration voltage, is designed for general purpose
   amflifier and switching applications at collector current.
• Capable of 225mW power dissipation.
• Lead-free parts for green partner, exceeds environmental
   standards of MIL-STD-19500 /228
• Suffix "-H" indicates Halogen-free part, ex.FMBT2222-H.




Similar Part No. - FMBT2222A

ManufacturerPart #DatasheetDescription
logo
First Components Intern...
FMBT2222A FCI-FMBT2222A Datasheet
715Kb / 3P
FMBT2222A NPN Bipolar Transistor Epitaxial planar die construction
logo
Formosa MS
FMBT2222A FORMOSA-FMBT2222A Datasheet
434Kb / 9P
SMD NPN Transistor
FMBT2222ADW1 FORMOSA-FMBT2222ADW1 Datasheet
130Kb / 10P
Dual NPN Epitaxial Planar Transistor
FMBT2222AW FORMOSA-FMBT2222AW Datasheet
91Kb / 10P
SMD NPN Transistor
More results


Similar Description - FMBT2222A

ManufacturerPart #DatasheetDescription
logo
AUK corp
SUR519J AUK-SUR519J Datasheet
226Kb / 3P
Epitaxial planar NPN silicon transistor
SUR523H AUK-SUR523H Datasheet
227Kb / 3P
Epitaxial planar NPN silicon transistor
logo
Unisonic Technologies
2SD1060 UTC-2SD1060 Datasheet
134Kb / 3P
NPN EPITAXIAL PLANAR SILICON TRANSISTOR
logo
GTM CORPORATION
GJSD1802 GTM-GJSD1802 Datasheet
491Kb / 3P
NPN EPITAXIAL PLANAR SILICON TRANSISTOR
logo
Galaxy Semi-Conductor H...
2SC4226W BILIN-2SC4226W Datasheet
178Kb / 4P
NPN Silicon Epitaxial Planar Transistor
Rev.A
KTC3879 BILIN-KTC3879 Datasheet
222Kb / 4P
NPN Silicon Epitaxial Planar Transistor
KTC4075 BILIN-KTC4075 Datasheet
233Kb / 4P
NPN Silicon Epitaxial Planar Transistor
logo
Formosa MS
FMBT4401 FORMOSA-FMBT4401 Datasheet
168Kb / 10P
600mA Silicon NPN Epitaxial Planar Transistor
FMBT4403 FORMOSA-FMBT4403 Datasheet
233Kb / 10P
600mA Silicon PNP Epitaxial Planar Transistor
FMBT5550 FORMOSA-FMBT5550 Datasheet
409Kb / 8P
600mA Silicon NPN Epitaxial Planar Transistor
More results




About Formosa MS


Formosa MS is a Taiwanese semiconductor company that specializes in the design and manufacture of integrated circuits (ICs) and semiconductor devices for a wide range of applications. The company was founded in 1979 and is based in Taipei, Taiwan.

Formosa MS's product portfolio includes analog and mixed-signal ICs, power management ICs, LED lighting ICs, and automotive ICs, among others. The company's products are used in various industries, such as automotive, industrial, consumer electronics, and communications.

Formosa MS is committed to quality and reliability, and it has obtained various certifications, including ISO 9001, ISO 14001, and IATF 16949. The company's manufacturing facilities use advanced production equipment and quality control processes to ensure the highest levels of product performance and reliability.

Today, Formosa MS is recognized as a leading semiconductor company in Taiwan, with a strong reputation for providing high-quality and innovative solutions to its customers. The company continues to invest in research and development to stay at the forefront of new technologies and applications in the semiconductor industry.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com