Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FMBT2907 Datasheet (PDF) - Formosa MS

FMBT2907 Datasheet PDF - Formosa MS
Part # FMBT2907
Download  FMBT2907 Download
File Size   616.1 Kbytes
Page   9 Pages
Manufacturer  FORMOSA [Formosa MS]
Direct Link  http://www.formosams.com
Logo FORMOSA - Formosa MS
Description 600mA General Purpose PNP Epitaxial Planar Transistor

FMBT2907 Datasheet (PDF)

Go To PDF Page Download Datasheet
FMBT2907 Datasheet PDF - Formosa MS

Part # FMBT2907
Download  FMBT2907 Click to download

File Size   616.1 Kbytes
Page   9 Pages
Manufacturer  FORMOSA [Formosa MS]
Direct Link  http://www.formosams.com
Logo FORMOSA - Formosa MS
Description 600mA General Purpose PNP Epitaxial Planar Transistor

FMBT2907 Datasheet (HTML) - Formosa MS


FMBT2907 Product details

600mA General Purpose PNP Epitaxial Planar Transistor

Features
• High collector-emitterbreakdien voltage.
   (BVCEO = -60V@IC=-10mA)
• PNP silicon epitaxial planar transistor, is designed for general
   purpose and amplifier applications.
• As complementary type, the NPN transistor FMBT2222/
   FMBT2222A is recommended.
• Capable of 225mW power dissipation.
• Lead-free parts for green partner, exceeds environmental
   standards of MIL-STD-19500 /228
• Suffix "-H" indicates Halogen-free part, ex.FMBT2907-H.




Similar Part No. - FMBT2907

ManufacturerPart #DatasheetDescription
logo
Formosa MS
FMBT2907AW FORMOSA-FMBT2907AW Datasheet
71Kb / 9P
PNP SMD Transistor
More results


Similar Description - FMBT2907

ManufacturerPart #DatasheetDescription
logo
KEC(Korea Electronics)
KTA1042D KEC-KTA1042D Datasheet
395Kb / 2P
EPITAXIAL PLANAR PNP TRANSISTOR (GENERAL PURPOSE)
KTA1276 KEC-KTA1276 Datasheet
121Kb / 1P
EPITAXIAL PLANAR PNP TRANSISTOR (GENERAL PURPOSE)
logo
Cystech Electonics Corp...
BTA733A3 CYSTEKEC-BTA733A3 Datasheet
177Kb / 5P
General Purpose PNP Epitaxial Planar Transistor
BTA1579S3 CYSTEKEC-BTA1579S3 Datasheet
165Kb / 4P
General Purpose PNP Epitaxial Planar Transistor
BTP2907AN3 CYSTEKEC-BTP2907AN3 Datasheet
168Kb / 4P
General Purpose PNP Epitaxial Planar Transistor
BTP3906N3 CYSTEKEC-BTP3906N3 Datasheet
181Kb / 4P
General Purpose PNP Epitaxial Planar Transistor
BTA1514N3 CYSTEKEC-BTA1514N3_06 Datasheet
259Kb / 5P
General Purpose PNP Epitaxial Planar Transistor
BTA9012A3 CYSTEKEC-BTA9012A3 Datasheet
326Kb / 8P
General Purpose PNP Epitaxial Planar Transistor
BTB1198M3 CYSTEKEC-BTB1198M3 Datasheet
297Kb / 6P
General Purpose PNP Epitaxial Planar Transistor
BTP1207A3 CYSTEKEC-BTP1207A3 Datasheet
301Kb / 6P
General Purpose PNP Epitaxial Planar Transistor
More results




About Formosa MS


Formosa MS is a Taiwanese semiconductor company that specializes in the design and manufacture of integrated circuits (ICs) and semiconductor devices for a wide range of applications. The company was founded in 1979 and is based in Taipei, Taiwan.

Formosa MS's product portfolio includes analog and mixed-signal ICs, power management ICs, LED lighting ICs, and automotive ICs, among others. The company's products are used in various industries, such as automotive, industrial, consumer electronics, and communications.

Formosa MS is committed to quality and reliability, and it has obtained various certifications, including ISO 9001, ISO 14001, and IATF 16949. The company's manufacturing facilities use advanced production equipment and quality control processes to ensure the highest levels of product performance and reliability.

Today, Formosa MS is recognized as a leading semiconductor company in Taiwan, with a strong reputation for providing high-quality and innovative solutions to its customers. The company continues to invest in research and development to stay at the forefront of new technologies and applications in the semiconductor industry.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com