Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ALD4301DB Datasheet (PDF) - Advanced Linear Devices

ALD4301DB Datasheet PDF - Advanced Linear Devices
Part # ALD4301DB
Download  ALD4301DB Download
File Size   82.54 Kbytes
Page   9 Pages
Manufacturer  ALD [Advanced Linear Devices]
Direct Link  http://www.aldinc.com
Logo ALD - Advanced Linear Devices
Description QUAD PRECISION CMOS VOLTAGE COMPARATOR WITH OPEN DRAIN DRIVER

ALD4301DB Datasheet (PDF)

Go To PDF Page Download Datasheet
ALD4301DB Datasheet PDF - Advanced Linear Devices

Part # ALD4301DB
Download  ALD4301DB Click to download

File Size   82.54 Kbytes
Page   9 Pages
Manufacturer  ALD [Advanced Linear Devices]
Direct Link  http://www.aldinc.com
Logo ALD - Advanced Linear Devices
Description QUAD PRECISION CMOS VOLTAGE COMPARATOR WITH OPEN DRAIN DRIVER

ALD4301DB Datasheet (HTML) - Advanced Linear Devices


ALD4301DB Product details

GENERAL DESCRIPTION
The ALD4301A/ALD4301 is a monolithic high performance quad voltage comparator built with advanced silicon gate CMOS technology. It features very high typical input impedance of 1012Ω; low input bias current of 10pA; fast response time of 300ns; very low power dissipation of 55µA per comparator; high output drive and single (+5V) or dual (±5V) power supply operation.

FEATURES
• Fanout of 30LS TTL loads
• Low supply current of 55µA/comparator typical
• Pinout/Functional equivalent to LM393 types
• Extremely low input bias currents -- typically 10pA
• Virtually eliminates source impedance effects
• Low operating supply voltage of 3V to 10V
• Single (+5V) and dual supply (±5V) operation
• High speed for both large signal and low level signals -- 300ns typical for TTL inputs
• CMOS, NMOS and TTL compatible
• Wired-OR open drain outputs
• High output sinking current -- typically 60mA
• Low supply current spikes
• High gain

APPLICATIONS
• High source impedance voltage comparison circuits
• Dual/Quad limit window comparator
• Power supply voltage monitor
• Photo-detector sensor circuit
• Relay or LED driver
• Oscillators
• Battery operated instruments
• Remote signal detection




Similar Part No. - ALD4301DB

ManufacturerPart #DatasheetDescription
logo
Advanced Linear Devices
ALD4302 ALD-ALD4302 Datasheet
57Kb / 6P
QUAD PRECISION CMOS VOLTAGE COMPARATOR WITH PUSH-PULL DRIVER
ALD4302 ALD-ALD4302 Datasheet
59Kb / 6P
QUAD PRECISION MICROPOWER CMOS VOLTAGE COMPARATOR WITH DRIVER
ALD4302 ALD-ALD4302 Datasheet
47Kb / 6P
QUAD PRECISION CMOS VOLTAGE COMPARATOR WITH PUSH-PULL DRIVER
ALD4302A ALD-ALD4302A Datasheet
57Kb / 6P
QUAD PRECISION CMOS VOLTAGE COMPARATOR WITH PUSH-PULL DRIVER
ALD4302A ALD-ALD4302A Datasheet
47Kb / 6P
QUAD PRECISION CMOS VOLTAGE COMPARATOR WITH PUSH-PULL DRIVER
More results


Similar Description - ALD4301DB

ManufacturerPart #DatasheetDescription
logo
Advanced Linear Devices
ALD2301A ALD-ALD2301A Datasheet
40Kb / 4P
DUAL PRECISION CMOS VOLTAGE COMPARATOR WITH OPEN DRAIN DRIVER
ALD2303A ALD-ALD2303A Datasheet
65Kb / 6P
DUAL PRECISION MICROPOWER CMOS VOLTAGE COMPARATOR WITH DRIVER
ALD4302A ALD-ALD4302A Datasheet
57Kb / 6P
QUAD PRECISION CMOS VOLTAGE COMPARATOR WITH PUSH-PULL DRIVER
ALD4303 ALD-ALD4303 Datasheet
59Kb / 6P
QUAD PRECISION MICROPOWER CMOS VOLTAGE COMPARATOR WITH DRIVER
ALD4302A ALD-ALD4302A_05 Datasheet
47Kb / 6P
QUAD PRECISION CMOS VOLTAGE COMPARATOR WITH PUSH-PULL DRIVER
ALD2301 ALD-ALD2301_10 Datasheet
64Kb / 7P
DUAL PRECISION CMOS VOLTAGE COMPARATOR WITH OPEN DRAIN DRIVER
ALD2331 ALD-ALD2331 Datasheet
75Kb / 8P
DUAL PRECISION CMOS VOLTAGE COMPARATOR WITH OPEN DRAIN OUTPUT DRIVER
ALD4302 ALD-ALD4302_10 Datasheet
78Kb / 9P
QUAD PRECISION CMOS VOLTAGE COMPARATOR WITH PUSH-PULL DRIVER
ALD4303 ALD-ALD4303_10 Datasheet
86Kb / 9P
QUAD PRECISION MICROPOWER CMOS VOLTAGE COMPARATOR WITH DRIVER
ALD2301A ALD-ALD2301A_V01 Datasheet
461Kb / 7P
DUAL PRECISION CMOS VOLTAGE COMPARATOR WITH OPEN DRAIN DRIVER
2018
More results




About Advanced Linear Devices


Advanced Linear Devices (ALD) is a semiconductor company that specializes in designing and manufacturing precision analog integrated circuits (ICs) and related products. The company was founded in 1985 and is based in Sunnyvale, California, USA.

ALD's products are used in a wide range of applications, including industrial automation, medical devices, automotive electronics, and telecommunications. Some of the company's key products include voltage references, operational amplifiers, and analog switches.

One of ALD's main areas of expertise is in the design and manufacture of MOSFETs (metal-oxide-semiconductor field-effect transistors) and JFETs (junction field-effect transistors) that are used in precision analog circuits. ALD's MOSFETs and JFETs are known for their low noise, low drift, high precision, and high reliability.

Overall, ALD has a reputation for producing high-quality analog ICs that are well-suited to demanding applications where accuracy, stability, and low power consumption are critical.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com