Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CXA1685M Datasheet (PDF) - Sony Corporation

CXA1685M Datasheet PDF - Sony Corporation
Part # CXA1685M
Download  CXA1685M Download
File Size   106.45 Kbytes
Page   8 Pages
Manufacturer  SONY [Sony Corporation]
Direct Link  http://www.sony.co.jp
Logo SONY - Sony Corporation
Description High-Speed Transimpedance Amplifier

CXA1685M Datasheet (PDF)

Go To PDF Page Download Datasheet
CXA1685M Datasheet PDF - Sony Corporation

Part # CXA1685M
Download  CXA1685M Click to download

File Size   106.45 Kbytes
Page   8 Pages
Manufacturer  SONY [Sony Corporation]
Direct Link  http://www.sony.co.jp
Logo SONY - Sony Corporation
Description High-Speed Transimpedance Amplifier

CXA1685M Datasheet (HTML) - Sony Corporation


CXA1685M Product details

Description
CXA1685M is a low noise transimpedance amplifier, particularly suitable for fiber-optic system.
CXA1685M is fabricated using high-speed bipolar process.

Features
• High transimpedance: Q 11.2kΩ (Typ.) Q 10.8kΩ (Typ.)
• Wide band width (–3dB): Q 177MHz (Typ.) Q 157MHz (Typ.)
• Maximum input current: 1mA
• Low noise: 1.7pA/√ Hz (Typ.)

Applications
• SONET/SDH: 155Mb/s
• Fiber channel: 133Mb/s
• FDDI: 125Mb/s




Similar Part No. - CXA1685M

ManufacturerPart #DatasheetDescription
logo
Sony Corporation
CXA1684M SONY-CXA1684M Datasheet
95Kb / 6P
High-Speed Transimpedance Amplifier
More results


Similar Description - CXA1685M

ManufacturerPart #DatasheetDescription
logo
Sony Corporation
CXA1684M SONY-CXA1684M Datasheet
95Kb / 6P
High-Speed Transimpedance Amplifier
logo
ANADIGICS, Inc
ATA30013 ANADIGICS-ATA30013 Datasheet
133Kb / 4P
TRANSIMPEDANCE AMPLIFIER
REV 1
logo
Burr-Brown (TI)
OPA380 BURR-BROWN-OPA380 Datasheet
362Kb / 18P
Precision, High-Speed Transimpedance Amplifier
logo
Sony Corporation
CXA1547Q SONY-CXA1547Q Datasheet
280Kb / 5P
High-Speed Transimpedance Amplifier
logo
SIRENZA MICRODEVICES
SFT-0100 SIRENZA-SFT-0100 Datasheet
162Kb / 4P
Transimpedance Amplifier
logo
Texas Instruments
OPA380AID TI-OPA380AID Datasheet
695Kb / 22P
Precision, High-Speed Transimpedance Amplifier
logo
ELMOS Semiconductor AG
E909.07 ELMOS-E909.07 Datasheet
392Kb / 13P
TRANSIMPEDANCE AMPLIFIER WITH HIGH SENSITIVITY
logo
Analog Devices
HMC6590 AD-HMC6590 Datasheet
563Kb / 7P
Transimpedance Amplifier
logo
Maxim Integrated Produc...
PHY1095 MAXIM-PHY1095 Datasheet
329Kb / 10P
1.25Gbps High Sensitivity Transimpedance Amplifier
19-5689; Rev 1/11
PHY1097 MAXIM-PHY1097 Datasheet
363Kb / 10P
2.5Gbps High Sensitivity Transimpedance Amplifier
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com