Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SFM11-M Datasheet (PDF) - Formosa MS

SFM11-M Datasheet PDF - Formosa MS
Part # SFM11-M
Download  SFM11-M Download
File Size   95.07 Kbytes
Page   7 Pages
Manufacturer  FORMOSA [Formosa MS]
Direct Link  http://www.formosams.com
Logo FORMOSA - Formosa MS
Description 1.0A Surface Mount Super Fast Rectifiers-50-600V

SFM11-M Datasheet (PDF)

Go To PDF Page Download Datasheet
SFM11-M Datasheet PDF - Formosa MS

Part # SFM11-M
Download  SFM11-M Click to download

File Size   95.07 Kbytes
Page   7 Pages
Manufacturer  FORMOSA [Formosa MS]
Direct Link  http://www.formosams.com
Logo FORMOSA - Formosa MS
Description 1.0A Surface Mount Super Fast Rectifiers-50-600V

SFM11-M Datasheet (HTML) - Formosa MS




Similar Part No. - SFM11-M

ManufacturerPart #DatasheetDescription
logo
Formosa MS
SFM11-M FORMOSA-SFM11-M Datasheet
70Kb / 2P
Super fast recovery type
logo
PACELEADER INDUSTRIAL
SFM11-M PACELEADER-SFM11-M Datasheet
524Kb / 2P
SUPER FAST RECOVER TYPE
logo
WILLAS ELECTRONIC CORP
SFM11-M WILLAS-SFM11-M Datasheet
896Kb / 4P
1.0A SUFRACE MOUNT SUPER FAST RECTIFIERS - 50-600V
logo
Microdiode Semiconducto...
SFM11-M CHENDA-SFM11-M Datasheet
662Kb / 2P
SURFACE MOUNT SUPER FAST RECTIFIER
logo
Formosa MS
SFM11-M FORMOSA-SFM11-M Datasheet
58Kb / 7P
Chip Super Fast Rectifiers
More results


Similar Description - SFM11-M

ManufacturerPart #DatasheetDescription
logo
Formosa MS
SFM11-MH FORMOSA-SFM11-MH_10 Datasheet
95Kb / 7P
1.0A Surface Mount Super Fast Rectifiers-50-600V
SFM11-MS FORMOSA-SFM11-MS Datasheet
96Kb / 7P
1.0A Surface Mount Super Fast Rectifiers-50-600V
SFM11-S FORMOSA-SFM11-S Datasheet
95Kb / 7P
1.0A Surface Mount Super Fast Rectifiers-50-600V
SFM21-B FORMOSA-SFM21-B Datasheet
95Kb / 7P
2.0A Surface Mount Super Fast Rectifiers-50-600V
SFM31-B FORMOSA-SFM31-B Datasheet
97Kb / 7P
3.0A Surface Mount Super Fast Rectifiers-50-600V
logo
WILLAS ELECTRONIC CORP
SFM18-FN3 WILLAS-SFM18-FN3 Datasheet
292Kb / 3P
1.0A SURFACE MOUNT SUPER FAST RECTIFIERS - 600V
SFM11-M WILLAS-SFM11-M Datasheet
896Kb / 4P
1.0A SUFRACE MOUNT SUPER FAST RECTIFIERS - 50-600V
logo
E-CMOS Corporation
ECCSR0011-MH1 E-CMOS-ECCSR0011-MH1 Datasheet
323Kb / 4P
1.0A Surface Mount Super Fast Rectifiers-50-600V
logo
Shenzhen Luguang Electr...
MURSL160 LUGUANG-MURSL160 Datasheet
1Mb / 2P
1.0A Surface Mount Super Fast Rectifiers
Revision:20170701-P2
MURSL160A LUGUANG-MURSL160A Datasheet
1Mb / 2P
1.0A Surface Mount Super Fast Rectifiers
Revision:20170701-P2
More results




About Formosa MS


Formosa MS is a Taiwanese semiconductor company that specializes in the design and manufacture of integrated circuits (ICs) and semiconductor devices for a wide range of applications. The company was founded in 1979 and is based in Taipei, Taiwan.

Formosa MS's product portfolio includes analog and mixed-signal ICs, power management ICs, LED lighting ICs, and automotive ICs, among others. The company's products are used in various industries, such as automotive, industrial, consumer electronics, and communications.

Formosa MS is committed to quality and reliability, and it has obtained various certifications, including ISO 9001, ISO 14001, and IATF 16949. The company's manufacturing facilities use advanced production equipment and quality control processes to ensure the highest levels of product performance and reliability.

Today, Formosa MS is recognized as a leading semiconductor company in Taiwan, with a strong reputation for providing high-quality and innovative solutions to its customers. The company continues to invest in research and development to stay at the forefront of new technologies and applications in the semiconductor industry.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com