Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

39VF400A Datasheet (PDF) - Silicon Storage Technology, Inc

39VF400A Datasheet PDF - Silicon Storage Technology, Inc
Part # 39VF400A
Download  39VF400A Download
File Size   340.99 Kbytes
Page   30 Pages
Manufacturer  SST [Silicon Storage Technology, Inc]
Direct Link  http://www.sst.com/
Logo SST - Silicon Storage Technology, Inc
Description 2 Mbit / 4 Mbit / 8 Mbit (x16) Multi-Purpose Flash

39VF400A Datasheet (PDF)

Go To PDF Page Download Datasheet
39VF400A Datasheet PDF - Silicon Storage Technology, Inc

Part # 39VF400A
Download  39VF400A Click to download

File Size   340.99 Kbytes
Page   30 Pages
Manufacturer  SST [Silicon Storage Technology, Inc]
Direct Link  http://www.sst.com/
Logo SST - Silicon Storage Technology, Inc
Description 2 Mbit / 4 Mbit / 8 Mbit (x16) Multi-Purpose Flash

39VF400A Datasheet (HTML) - Silicon Storage Technology, Inc


39VF400A Product details

PRODUCT DESCRIPTION
The SST39LF200A/400A/800A and SST39VF200A/400A/800A devices are 128K x16 / 256K x16 / 512K x16 CMOS Multi-Purpose Flash (MPF) manufactured with SST proprietary, high-performance CMOS SuperFlash technology. The split-gate cell design and thick oxide tunneling injector attain better reliability and manufacturability compared with alternate approaches. The SST39LF200A/400A/800A write (Program or Erase) with a 3.0-3.6V power supply. The SST39VF200A/400A/800A write (Program or Erase) with a 2.7-3.6V power supply. These devices conform to JEDEC standard pinouts for x16 memories.

FEATURES:
• Organized as 128K x16 / 256K x16 / 512K x16
• Single Voltage Read and Write Operations
   – 3.0-3.6V for SST39LF200A/400A/800A
   – 2.7-3.6V for SST39VF200A/400A/800A
• Superior Reliability
   – Endurance: 100,000 Cycles (typical)
   – Greater than 100 years Data Retention
• Low Power Consumption (typical values at 14 MHz)
   – Active Current: 9 mA (typical)
   – Standby Current: 3 µA (typical)
• Sector-Erase Capability
   – Uniform 2 KWord sectors
• Block-Erase Capability
   – Uniform 32 KWord blocks
• Fast Read Access Time
   – 55 ns for SST39LF200A/400A/800A
   – 70 ns for SST39VF200A/400A/800A
• Latched Address and Data
• Fast Erase and Word-Program
   – Sector-Erase Time: 18 ms (typical)
   – Block-Erase Time: 18 ms (typical)
   – Chip-Erase Time: 70 ms (typical)
   – Word-Program Time: 14 µs (typical)
   – Chip Rewrite Time:
      2 seconds (typical) for SST39LF/VF200A
      4 seconds (typical) for SST39LF/VF400A
      8 seconds (typical) for SST39LF/VF800A
• Automatic Write Timing
   – Internal VPP Generation
• End-of-Write Detection
   – Toggle Bit
   – Data# Polling
• CMOS I/O Compatibility
• JEDEC Standard
   – Flash EEPROM Pinouts and command sets
• Packages Available
   – 48-lead TSOP (12mm x 20mm)
   – 48-ball TFBGA (6mm x 8mm)
   – 48-ball WFBGA (4mm x 6mm)
   – 48-bump XFLGA (4mm x 6mm) – 4 and 8Mbit
• All non-Pb (lead-free) devices are RoHS compliant




Similar Part No. - 39VF400A

ManufacturerPart #DatasheetDescription
logo
Silicon Storage Technol...
39VF040 SST-39VF040 Datasheet
284Kb / 24P
512 Kbit / 1 Mbit / 2 Mbit / 4 Mbit (x8) Multi-Purpose Flash
39VF080 SST-39VF080 Datasheet
454Kb / 25P
8 Mbit (x8) Multi-Purpose Flash
39VF3201 SST-39VF3201 Datasheet
509Kb / 32P
16 Mbit / 32 Mbit / 64 Mbit (x16) Multi-Purpose Flash Plus
More results


Similar Description - 39VF400A

ManufacturerPart #DatasheetDescription
logo
Silicon Storage Technol...
SST39CF200A SST-SST39CF200A Datasheet
343Kb / 20P
2 MBIT / 4 MBIT / 8 MBIT ( X 16 ) MULTI - PURPOSE FLASH
SST39WF800A SST-SST39WF800A Datasheet
444Kb / 25P
8 Mbit (x16) Multi-Purpose Flash
SST39WF400A SST-SST39WF400A Datasheet
462Kb / 26P
4 Mbit (x16) Multi-Purpose Flash
SST39LF200A SST-SST39LF200A_07 Datasheet
843Kb / 31P
2 Mbit / 4 Mbit / 8 Mbit (x16) Multi-Purpose Flash
SST39WF800B SST-SST39WF800B Datasheet
861Kb / 26P
8 Mbit (x16) Multi-Purpose Flash
SST39WF800A SST-SST39WF800A_07 Datasheet
659Kb / 27P
8 Mbit (x16) Multi-Purpose Flash
SST39WF400A SST-SST39WF400A_03 Datasheet
415Kb / 26P
4 Mbit (x16) Multi-Purpose Flash
SST39LF200A SST-SST39LF200A_10 Datasheet
862Kb / 31P
2 Mbit / 4 Mbit / 8 Mbit (x16) Multi-Purpose Flash
logo
Microchip Technology
SST39LF200A MICROCHIP-SST39LF200A_11 Datasheet
4Mb / 37P
Mbit / 4 Mbit / 8 Mbit (x16) Multi-Purpose Flash
2011 Silicon
SST39VF800A-70-4I-B3KE-T MICROCHIP-SST39VF800A-70-4I-B3KE-T Datasheet
4Mb / 37P
2 Mbit / 4 Mbit / 8 Mbit (x16) Multi-Purpose Flash
03/11
More results




About Silicon Storage Technology, Inc


Silicon Storage Technology, Inc. (SST) was an American technology company that specialized in the design and manufacture of non-volatile memory solutions, including flash memory and microcontrollers.
The company was founded in 1991 and had its headquarters in Sunnyvale, California.
SST was known for its innovative technology and high-quality products, and it had a strong reputation in the memory and storage industry.
In 2010, SST was acquired by Microchip Technology Inc., a leading provider of microcontroller and analog semiconductors.
Today, SST operates as a subsidiary of Microchip and continues to provide non-volatile memory solutions for a variety of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com