Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CXA1812 Datasheet (PDF) - Sony Corporation

CXA1812 Datasheet PDF - Sony Corporation
Part # CXA1812
Download  CXA1812 Download
File Size   309.72 Kbytes
Page   22 Pages
Manufacturer  SONY [Sony Corporation]
Direct Link  http://www.sony.co.jp
Logo SONY - Sony Corporation
Description S-terminal Compatible Video I/O

CXA1812 Datasheet (PDF)

Go To PDF Page Download Datasheet
CXA1812 Datasheet PDF - Sony Corporation

Part # CXA1812
Download  CXA1812 Click to download

File Size   309.72 Kbytes
Page   22 Pages
Manufacturer  SONY [Sony Corporation]
Direct Link  http://www.sony.co.jp
Logo SONY - Sony Corporation
Description S-terminal Compatible Video I/O

CXA1812 Datasheet (HTML) - Sony Corporation


CXA1812 Product details

Description
The CXA1812Q is an IC developed for processing video I/O signals in VCRs. This IC has a built-in video output circuit designed especially for use with viewfinders (VF), making this IC optimal for use in camcorders. In addition, both the video input system and the viewfinder video output system provide title insertion functions, making it possible to insert characters and graphics into video signals.
   
Features
• Built-in video output circuit for use with viewfinders
    (title insertion function (white or black character),
    compatible with SY/C and composite video output)
• Built-in C system EE/PB switch
    EE : Electric-Electric monitor mode
• Title insertion function (white or black character)
• C MUTE function for playback in PAL mode
    (Outputs C signal used for generating the
    composite video signal)
• Built-in switch for switching between the two input
    systems, Y and C
• Built-in 75 Ω driver for the two input systems, Y
    and C
    (with power saving function)
   




Similar Part No. - CXA1812

ManufacturerPart #DatasheetDescription
logo
Sony Corporation
CXA1810 SONY-CXA1810 Datasheet
969Kb / 53P
Luminance and Color Signal Processing for 8mm VCR
CXA1810AQ SONY-CXA1810AQ Datasheet
969Kb / 53P
Luminance and Color Signal Processing for 8mm VCR
CXA1810AR SONY-CXA1810AR Datasheet
969Kb / 53P
Luminance and Color Signal Processing for 8mm VCR
CXA1814 SONY-CXA1814 Datasheet
374Kb / 20P
8 mm VCR ATF
CXA1814N SONY-CXA1814N Datasheet
374Kb / 20P
8 mm VCR ATF
More results


Similar Description - CXA1812

ManufacturerPart #DatasheetDescription
logo
SHANTOU HUASHAN ELECTRO...
HS600K HUASHAN-HS600K Datasheet
192Kb / 3P
NPN S I L I C O N T R A N S I S T O R
logo
Rohm
BH7624KS2 ROHM-BH7624KS2_05 Datasheet
538Kb / 17P
PAL Video I/O Interface
BH7625KS2 ROHM-BH7625KS2_05 Datasheet
565Kb / 17P
NTSC-PAL Video I/O Interface
logo
New Jersey Semi-Conduct...
1N200AR NJSEMI-1N200AR Datasheet
78Kb / 1P
SI RECTIFIER, I(O)/I(F) S 100MA
logo
List of Unclassifed Man...
HSL-TB32-M-DIN ETC2-HSL-TB32-M-DIN Datasheet
218Kb / 1P
32-CH I/O Terminal Base
logo
E-Tech Electronics LTD
GSMBTA05 ETL-GSMBTA05 Datasheet
211Kb / 2P
N P N S I L I C O N T R A N S I S T O R
GSMBTA06 ETL-GSMBTA06 Datasheet
211Kb / 2P
N P N S I L I C O N T R A N S I S T O R
GSMBTA64 ETL-GSMBTA64 Datasheet
217Kb / 2P
P N P S I L I C O N T R A N S I S T O R
logo
Contec Co., Ltd
DIO-0808TY-USB CONTEC-DIO-0808TY-USB Datasheet
166Kb / 3P
Digital I/O Terminal for USB2.0
logo
NHP Electrical Engineer...
1734-VTM NHP-1734-VTM Datasheet
430Kb / 1P
POINT I/O VOLTAGE TERMINAL MODULE
7 June 2023,
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com