Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CXA1940N Datasheet (PDF) - Sony Corporation

CXA1940N Datasheet PDF - Sony Corporation
Part # CXA1940N
Download  CXA1940N Download
File Size   225.02 Kbytes
Page   16 Pages
Manufacturer  SONY [Sony Corporation]
Direct Link  http://www.sony.co.jp
Logo SONY - Sony Corporation
Description 4ch. Read/Write Amplifier for Thin Film Head of Hard Disk Drive

CXA1940N Datasheet (PDF)

Go To PDF Page Download Datasheet
CXA1940N Datasheet PDF - Sony Corporation

Part # CXA1940N
Download  CXA1940N Click to download

File Size   225.02 Kbytes
Page   16 Pages
Manufacturer  SONY [Sony Corporation]
Direct Link  http://www.sony.co.jp
Logo SONY - Sony Corporation
Description 4ch. Read/Write Amplifier for Thin Film Head of Hard Disk Drive

CXA1940N Datasheet (HTML) - Sony Corporation


CXA1940N Product details

Description
The CXA1940N is a Read/Write Amplifier for the thin film head of hard disk drives and designed to handle up to 4-channel heads.

Features
• Operate on single +5V power supply.
• Low power consumption.
    Read : 95mW
    Write (IW=20mA) : 130mW+IW × 5
    Power save : 5.5mW
• Write current can be varied through an external resistor. Built-in stabilizing circuit provides stable current during voltage and temperature drift.
• Drives up to 4 heads.
• Designed for two-terminal thin-film or MIG heads.
• Built-in power save function.
• Read amplifier emitter follower output featuring 290 times gain (Typ.).
• Built-in Write unsafe detection circuit.
• Built-in supply voltage monitor circuit prohibits incorrect Write during power on or abnormal voltage.
• Built-in IC protection circuit for short of head and GND.
• Differential input capacitance for Read : 14pF (Typ.).
• Write data input minimum pulse width : 10ns
• Read data output become high impedance in write mode to improve read data offset when switching from write to read mode.
• Unselected head DC voltage is GND potential.
• Self switching damping resistance (RD=310Ω)

Function
    Read, Write and Write unsafe detection for HDD, Power supply ON/OFF detection.




Similar Part No. - CXA1940N

ManufacturerPart #DatasheetDescription
logo
Sony Corporation
CXA1946 SONY-CXA1946 Datasheet
367Kb / 24P
Electronic Volume
CXA1946 SONY-CXA1946 Datasheet
365Kb / 23P
Electronic Volume
CXA1946 SONY-CXA1946 Datasheet
419Kb / 23P
Electronic Volume
CXA1946AQ SONY-CXA1946AQ Datasheet
367Kb / 24P
Electronic Volume
CXA1946AR SONY-CXA1946AR Datasheet
367Kb / 24P
Electronic Volume
More results


Similar Description - CXA1940N

ManufacturerPart #DatasheetDescription
logo
Sony Corporation
CXA1829N SONY-CXA1829N Datasheet
264Kb / 15P
8ch. Read/Write Amplifier for Thin Film Heads of Hard Disk Drive
CXA3090N SONY-CXA3090N Datasheet
223Kb / 17P
6ch. Read/Write Amplifier for Thin Film Head of Hard Disk Drive
CXA3092N SONY-CXA3092N Datasheet
192Kb / 18P
4ch. Read/Write Amplifier for Thin Film Head of Hard Disk Drive
CXA3170AN SONY-CXA3170AN Datasheet
232Kb / 18P
6ch. Read/Write Amplifier for Thin Film Head of Hard Disk Drive
CXA3171N SONY-CXA3171N Datasheet
230Kb / 18P
4ch. Read/Write Amplifier for three terminal MIG Head of Hard Disk Drive
CXA3188N SONY-CXA3188N Datasheet
209Kb / 16P
2ch. Read/Write Amplifier for Thin Film Head of Hard Disk Drive
CXA3238TN SONY-CXA3238TN Datasheet
333Kb / 27P
6/4-channel Read/Write Amplifier for GMR-Ind Head Hard Disk Drive
CXA3510N SONY-CXA3510N Datasheet
205Kb / 18P
4ch. Read/Write Amplifier for Thin Film Head of Hard Disk Drive
CXA3541N SONY-CXA3541N Datasheet
190Kb / 17P
2-channel Read/Write Amplifier for GMR-Ind Head Hard Disk Drive
logo
Hitachi Semiconductor
HA166024FP HITACHI-HA166024FP Datasheet
150Kb / 6P
Read/Write IC for Hard Disk Drive
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com