Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VS-25TTS..FPPBF Datasheet (PDF) - Vishay Siliconix

VS-25TTS..FPPBF Datasheet PDF - Vishay Siliconix
Part # VS-25TTS..FPPBF
Download  VS-25TTS..FPPBF Download
File Size   168.7 Kbytes
Page   7 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description High Voltage Phase Control Thyristor, 25 A

VS-25TTS..FPPBF Datasheet (PDF)

Go To PDF Page Download Datasheet
VS-25TTS..FPPBF Datasheet PDF - Vishay Siliconix

Part # VS-25TTS..FPPBF
Download  VS-25TTS..FPPBF Click to download

File Size   168.7 Kbytes
Page   7 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description High Voltage Phase Control Thyristor, 25 A

VS-25TTS..FPPBF Datasheet (HTML) - Vishay Siliconix




Similar Part No. - VS-25TTS..FPPBF

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
VS-25TTS-M3 VISHAY-VS-25TTS-M3 Datasheet
688Kb / 7P
High Voltage Phase Control Thyristor, 25 A
10-Nov-11
VS-25TTS08-M3 VISHAY-VS-25TTS08-M3 Datasheet
874Kb / 7P
Thyristor High Voltage, Phase Control SCR, 25 A
18-Jun-13
VS-25TTS08-M3 VISHAY-VS-25TTS08-M3 Datasheet
147Kb / 7P
Thyristor High Voltage, Phase Control SCR
26-Jul-13
VS-25TTS08-M3 VISHAY-VS-25TTS08-M3 Datasheet
201Kb / 7P
Thyristor High Voltage, Phase Control SCR, 25 A
21-Aug-17
VS-25TTS08-M3 VISHAY-VS-25TTS08-M3 Datasheet
204Kb / 7P
Thyristor High Voltage, Phase Control SCR, 25 A
29-Nov-2021
More results


Similar Description - VS-25TTS..FPPBF

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
VS-16TTS..FPPBF VISHAY-VS-16TTS..FPPBF Datasheet
182Kb / 7P
High Voltage Phase Control Thyristor, 16 A
10-Nov-11
VS-40TPS12PBF VISHAY-VS-40TPS12PBF Datasheet
180Kb / 8P
High Voltage Phase Control Thyristor, 40 A
10-Nov-11
VS-25TTS08PBF VISHAY-VS-25TTS08PBF Datasheet
874Kb / 7P
Thyristor High Voltage, Phase Control SCR, 25 A
18-Jun-13
VS-16TTS08FP-M3 VISHAY-VS-16TTS08FP-M3 Datasheet
182Kb / 7P
High Voltage Phase Control Thyristor, 16 A
24-Aug-17
VS-25TTS12HM3 VISHAY-VS-25TTS12HM3 Datasheet
180Kb / 7P
Thyristor High Voltage, Phase Control SCR, 25 A
04-Jun-2018
VS-25TTS0812-M3 VISHAY-VS-25TTS0812-M3 Datasheet
201Kb / 7P
Thyristor High Voltage, Phase Control SCR, 25 A
21-Aug-17
VS-25TTS08-M3 VISHAY-VS-25TTS08-M3 Datasheet
204Kb / 7P
Thyristor High Voltage, Phase Control SCR, 25 A
29-Nov-2021
VS-25TTS08FP-M3 VISHAY-VS-25TTS08FP-M3_V01 Datasheet
172Kb / 7P
Thyristor High Voltage, Phase Control SCR, 25 A
09-Jan-18
VS-25TTS12HM3 VISHAY-VS-25TTS12HM3_V01 Datasheet
180Kb / 7P
Thyristor High Voltage, Phase Control SCR, 25 A
04-Jun-2018
VS-25TTSPBF VISHAY-VS-25TTSPBF Datasheet
688Kb / 7P
High Voltage Phase Control Thyristor, 25 A
10-Nov-11
More results




About Vishay Siliconix


Vishay Siliconix is a subsidiary of Vishay Intertechnology, a global manufacturer of passive electronic components.
Vishay Siliconix specializes in the design, manufacturing, and marketing of power MOSFETs, IGBTs, and other power semiconductors.
The company was founded in 1962 and is headquartered in Santa Clara, California.
Vishay Siliconix provides power solutions for a variety of applications, including renewable energy systems, industrial equipment, computing and telecommunications, and automotive electronics.
The company's products are designed for high efficiency, low power consumption, and high reliability, and are manufactured in state-of-the-art facilities using advanced fabrication processes.
With a focus on innovation and customer satisfaction, Vishay Siliconix is committed to providing its customers with the best power management solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com