Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST230S Datasheet (PDF) - Vishay Siliconix

ST230S Datasheet PDF - Vishay Siliconix
Part # ST230S
Download  ST230S Download
File Size   187.75 Kbytes
Page   8 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description Phase Control Thyristors (Stud Version), 230 A

ST230S Datasheet (PDF)

Go To PDF Page Download Datasheet
ST230S Datasheet PDF - Vishay Siliconix

Part # ST230S
Download  ST230S Click to download

File Size   187.75 Kbytes
Page   8 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description Phase Control Thyristors (Stud Version), 230 A

ST230S Datasheet (HTML) - Vishay Siliconix


ST230S Product details

FEATURES
• Center amplifying gate
• International standard case TO-209AB (TO-93)
• Hermetic metal case with ceramic insulator (Also available with glass-metal seal up to 1200 V)
• Compression bonded encapsulation for heavy duty operations such as severe thermal cycling
• Compliant to RoHS Directive 2011/65/EU
• Designed and qualified for industrial level

TYPICAL APPLICATIONS
• DC motor controls
• Controlled DC power supplies
• AC controllers




Similar Part No. - ST230S

ManufacturerPart #DatasheetDescription
logo
International Rectifier
ST230S IRF-ST230S Datasheet
289Kb / 10P
PHASE CONTROL THYRISTORS Stud Version
logo
Inchange Semiconductor ...
ST230S ISC-ST230S Datasheet
311Kb / 2P
Phase Control Thyristors
More results


Similar Description - ST230S

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
110RKI40PBF VISHAY-110RKI40PBF Datasheet
138Kb / 7P
Phase Control Thyristors (Stud Version), 110 A
11-Aug-08
ST110SPBF VISHAY-ST110SPBF Datasheet
136Kb / 7P
Phase Control Thyristors (Stud Version), 110 A
11-Aug-08
110RKI40PBF VISHAY-110RKI40PBF_09 Datasheet
153Kb / 8P
Phase Control Thyristors (Stud Version), 110 A
04-Nov-09
ST300SPBF VISHAY-ST300SPBF_12 Datasheet
172Kb / 8P
Phase Control Thyristors (Stud Version), 300 A
11-Aug-08
VS-ST230SVPBF VISHAY-VS-ST230SVPBF Datasheet
203Kb / 8P
Phase Control Thyristors (Stud Version), 230 A
28-Sep-17
VS-ST180SVPBF VISHAY-VS-ST180SVPBF Datasheet
193Kb / 8P
Phase Control Thyristors (Stud Version), 200 A
28-Sep-17
VS-180RKIPBF VISHAY-VS-180RKIPBF_V01 Datasheet
179Kb / 8P
Phase Control Thyristors (Stud Version), 180 A
26-Sep-17
VS-ST230SVPBF VISHAY-VS-ST230SVPBF_V01 Datasheet
197Kb / 8P
Phase Control Thyristors (Stud Version), 230 A
23-Apr-2020
VS-ST230SPBF VISHAY-VS-ST230SPBF_V01 Datasheet
199Kb / 8P
Phase Control Thyristors (Stud Version), 230 A
27-Sep-17
More results




About Vishay Siliconix


Vishay Siliconix is a subsidiary of Vishay Intertechnology, a global manufacturer of passive electronic components.
Vishay Siliconix specializes in the design, manufacturing, and marketing of power MOSFETs, IGBTs, and other power semiconductors.
The company was founded in 1962 and is headquartered in Santa Clara, California.
Vishay Siliconix provides power solutions for a variety of applications, including renewable energy systems, industrial equipment, computing and telecommunications, and automotive electronics.
The company's products are designed for high efficiency, low power consumption, and high reliability, and are manufactured in state-of-the-art facilities using advanced fabrication processes.
With a focus on innovation and customer satisfaction, Vishay Siliconix is committed to providing its customers with the best power management solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com