Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CXA1999N Datasheet (PDF) - Sony Corporation

CXA1999N Datasheet PDF - Sony Corporation
Part # CXA1999N
Download  CXA1999N Download
File Size   303.39 Kbytes
Page   19 Pages
Manufacturer  SONY [Sony Corporation]
Direct Link  http://www.sony.co.jp
Logo SONY - Sony Corporation
Description IF Amplifier for M-ary FSK Pagers

CXA1999N Datasheet (PDF)

Go To PDF Page Download Datasheet
CXA1999N Datasheet PDF - Sony Corporation

Part # CXA1999N
Download  CXA1999N Click to download

File Size   303.39 Kbytes
Page   19 Pages
Manufacturer  SONY [Sony Corporation]
Direct Link  http://www.sony.co.jp
Logo SONY - Sony Corporation
Description IF Amplifier for M-ary FSK Pagers

CXA1999N Datasheet (HTML) - Sony Corporation


CXA1999N Product details

Description

The CXA1999N is a low current consumption FM IF amplifier which employs the newest bipolar

process.  It is suitable for M-ary FSK pagers.



Features

• Low current consumption: 1.16 mA(typ. at VCC= 1.4 V)

• Low voltage operation: VCC= 1.1 to 4.0 V

• Small package 20-pin SSOP

• Second mixer and oscillator

• Needless of IF decoupling capacitor

• Reference power supply for operational amplifier and comparator

• IF input, VCCstandard



Applications

• M-ary FSK pagers

• Double conversion pagers




Similar Part No. - CXA1999N

ManufacturerPart #DatasheetDescription
logo
Sony Corporation
CXA1991 SONY-CXA1991 Datasheet
245Kb / 12P
FM Pager/FM Multiplex Tuner
CXA1991N SONY-CXA1991N Datasheet
245Kb / 12P
FM Pager/FM Multiplex Tuner
CXA1992 SONY-CXA1992 Datasheet
714Kb / 49P
RF Signal Processing Servo Amplifier
CXA1992AR SONY-CXA1992AR Datasheet
714Kb / 49P
RF Signal Processing Servo Amplifier
CXA1992BR SONY-CXA1992BR Datasheet
718Kb / 49P
RF Signal Processing Servo Amplifier
More results


Similar Description - CXA1999N

ManufacturerPart #DatasheetDescription
logo
New Japan Radio
NJM2537 NJRC-NJM2537 Datasheet
321Kb / 10P
FM IF IC FOR PAGERS
logo
Nippon Precision Circui...
SM1124 NPC-SM1124 Datasheet
92Kb / 10P
Multimelody IC for Pagers
SM1125 NPC-SM1125 Datasheet
96Kb / 12P
Multimelody IC for Pagers
logo
Sony Corporation
CXA1994AM SONY-CXA1994AM Datasheet
119Kb / 8P
M-ary FSK Demodulating Comparator
CXA3099N SONY-CXA3099N Datasheet
261Kb / 15P
IF Amplifier for M-ary FSK Pagers
CXA3107N SONY-CXA3107N Datasheet
276Kb / 18P
IF Amplifier for M-ary FSK Pagers
CXA3117AN SONY-CXA3117AN Datasheet
394Kb / 30P
IF Amplifier for M-ary FSK Pagers
CXA3117N SONY-CXA3117N Datasheet
397Kb / 30P
IF Amplifier for M-ary FSK Pagers
CXA3179N SONY-CXA3179N Datasheet
374Kb / 27P
IF Amplifier for M-ary FSK Pagers (AFC Supported)
logo
New Japan Radio
NJM2537 NJRC-NJM2537_1 Datasheet
228Kb / 10P
FM IF IC FOR PAGERS
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com