Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CXA2016S Datasheet (PDF) - Sony Corporation

CXA2016S Datasheet PDF - Sony Corporation
Part # CXA2016S
Download  CXA2016S Download
File Size   183.52 Kbytes
Page   12 Pages
Manufacturer  SONY [Sony Corporation]
Direct Link  http://www.sony.co.jp
Logo SONY - Sony Corporation
Description Sync Identification for CRT Display

CXA2016S Datasheet (PDF)

Go To PDF Page Download Datasheet
CXA2016S Datasheet PDF - Sony Corporation

Part # CXA2016S
Download  CXA2016S Click to download

File Size   183.52 Kbytes
Page   12 Pages
Manufacturer  SONY [Sony Corporation]
Direct Link  http://www.sony.co.jp
Logo SONY - Sony Corporation
Description Sync Identification for CRT Display

CXA2016S Datasheet (HTML) - Sony Corporation


CXA2016S Product details

Description

The CXA2016S is used for sync signal

identification and waveform shaping in the CRT

computers display for multi-scan system. There are

three types of sync input signals for identification:

separate sync, composite sync, and sync on video

signals.



Features

• Power save function available (5 V power supply)

• Clamp pulse output position selectable among sync interval, back porch interval, and AUTO.

• Polarity information of sync signals is output.

• Polarity and amplitude of input signals:

                      Polarity               Amplitude (Vp-p)

V. separate sync: Positive/Negative       1 to 5

H. separate sync: Positive/Negative       1 to 5

Composite sync: Positive/Negative        1 to 5

Sync on video:

  Sync signals part of Negative             0.2 to 0.4

  Video part                                      0 to 1.4



Applications

CRT display monitor




Similar Part No. - CXA2016S

ManufacturerPart #DatasheetDescription
logo
Cree, Inc
CXA2011 CREE-CXA2011 Datasheet
920Kb / 12P
Cree® XLamp® CXA2011 LED
Rev 1a
CXA2011 CREE-CXA2011 Datasheet
1Mb / 12P
Cree® XLamp® CXA2011 LED
REV 0
CXA2011 CREE-CXA2011 Datasheet
1Mb / 14P
Cree XLamp CXA2011 LED
Rev 5A
CXA2011-0000-000P00F00E8 CREE-CXA2011-0000-000P00F00E8 Datasheet
1Mb / 14P
Cree XLamp CXA2011 LED
Rev 5A
CXA2011-0000-000P00F027F CREE-CXA2011-0000-000P00F027F Datasheet
1Mb / 14P
Cree XLamp CXA2011 LED
Rev 5A
More results


Similar Description - CXA2016S

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
M52759SP MITSUBISHI-M52759SP Datasheet
466Kb / 25P
UNIFORMITY FOR CRT DISPLAY MONITOR
logo
NTE Electronics
NTE7086 NTE-NTE7086 Datasheet
24Kb / 3P
Integrated Circuit Sync Deflection Circuit for CRT Display
logo
Panasonic Semiconductor
AN5790N PANASONIC-AN5790N Datasheet
41Kb / 4P
Horizontal Signal Processing ICs for CRT Display
logo
Sony Corporation
CXA1616N SONY-CXA1616N Datasheet
496Kb / 20P
Sync Discriminator for CRT Displays
logo
Fairchild Semiconductor
KSA1381 FAIRCHILD-KSA1381 Datasheet
73Kb / 5P
CRT Display, Video Output
logo
Rohm
BR24C21 ROHM-BR24C21 Datasheet
671Kb / 12P
ID ROM for CRT display
logo
NEC
UPC1884 NEC-UPC1884 Datasheet
194Kb / 3P
SYNC SIGNAL PROCESSOR FOR MULTI-SYNC DISPLAY
logo
Panasonic Semiconductor
MN1227 PANASONIC-MN1227 Datasheet
592Kb / 8P
CRT Control LSI for 60-Character Display
logo
Renesas Technology Corp
M52759SP RENESAS-M52759SP Datasheet
321Kb / 27P
Uniformity for CRT Display Monitor
Mar 31, 2008
logo
Sanyo Semicon Device
TT2076 SANYO-TT2076 Datasheet
45Kb / 3P
For CRT display horizontal deflection output
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com