Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

G27 Datasheet (PDF) - Shenzhen Taychipst Electronic Co., Ltd

G27 Datasheet PDF - Shenzhen Taychipst Electronic Co., Ltd
Part # G27
Download  G27 Download
File Size   1982.02 Kbytes
Page   3 Pages
Manufacturer  TAYCHIPST [Shenzhen Taychipst Electronic Co., Ltd]
Direct Link  http://www.taychipst.com
Logo TAYCHIPST - Shenzhen Taychipst Electronic Co., Ltd
Description Silicon Z?밆iodes

G27 Datasheet (PDF)

Go To PDF Page Download Datasheet
G27 Datasheet PDF - Shenzhen Taychipst Electronic Co., Ltd

Part # G27
Download  G27 Click to download

File Size   1982.02 Kbytes
Page   3 Pages
Manufacturer  TAYCHIPST [Shenzhen Taychipst Electronic Co., Ltd]
Direct Link  http://www.taychipst.com
Logo TAYCHIPST - Shenzhen Taychipst Electronic Co., Ltd
Description Silicon Z?밆iodes

G27 Datasheet (HTML) - Shenzhen Taychipst Electronic Co., Ltd


G27 Product details

FEATURES
• High reliability
• Voltage range 10 V to 270 V Fits onto 5 mm SMD footpads
• Wave and reflow solderable
• Glass passivated junction




Similar Part No. - G27

ManufacturerPart #DatasheetDescription
logo
Bel Fuse Inc.
G27-111T-118 BEL-G27-111T-118 Datasheet
587Kb / 2P
10GBASE-T ICMs Single Port 60W PoE MagJack짰 ICMs
G27-122T-015 BEL-G27-122T-015 Datasheet
587Kb / 2P
10GBASE-T ICMs Single Port 60W PoE MagJack짰 ICMs
G27-122T-066A BEL-G27-122T-066A Datasheet
587Kb / 2P
10GBASE-T ICMs Single Port 60W PoE MagJack짰 ICMs
logo
EIC discrete Semiconduc...
G270 EIC-G270 Datasheet
26Kb / 1P
SIDACs
logo
New Jersey Semi-Conduct...
G270 NJSEMI-G270 Datasheet
84Kb / 1P
SIDACs
More results


Similar Description - G27

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
BZG03C VISHAY-BZG03C Datasheet
71Kb / 5P
Silicon Z-Diodes
01-Apr-99
BZG05C VISHAY-BZG05C Datasheet
64Kb / 4P
Silicon Z-Diodes
01-Apr-99
TZM5221B VISHAY-TZM5221B Datasheet
59Kb / 4P
Silicon Z-Diodes
01-Apr-99
BZG47 VISHAY-BZG47 Datasheet
84Kb / 4P
Silicon Z–Diodes
06-Aug-99
logo
WILLAS ELECTRONIC CORP
1N5221B WILLAS-1N5221B Datasheet
385Kb / 3P
Silicon Z?밆iodes
logo
Gaomi Xinghe Electronic...
1N5221B GXELECTRONICS-1N5221B Datasheet
203Kb / 2P
Silicon Z?밆iodes
logo
List of Unclassifed Man...
BZY83C ETC-BZY83C Datasheet
157Kb / 5P
Silicon Z-diodes
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com