Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CXA2161R Datasheet (PDF) - Sony Corporation

CXA2161R Datasheet PDF - Sony Corporation
Part # CXA2161R
Download  CXA2161R Download
File Size   494.47 Kbytes
Page   43 Pages
Manufacturer  SONY [Sony Corporation]
Direct Link  http://www.sony.co.jp
Logo SONY - Sony Corporation
Description I2C Bus Compatible Audio Video (AV) Switch & Electronic Volume Control

CXA2161R Datasheet (PDF)

Go To PDF Page Download Datasheet
CXA2161R Datasheet PDF - Sony Corporation

Part # CXA2161R
Download  CXA2161R Click to download

File Size   494.47 Kbytes
Page   43 Pages
Manufacturer  SONY [Sony Corporation]
Direct Link  http://www.sony.co.jp
Logo SONY - Sony Corporation
Description I2C Bus Compatible Audio Video (AV) Switch & Electronic Volume Control

CXA2161R Datasheet (HTML) - Sony Corporation


CXA2161R Product details

Description

The Sony CXA2161R is an Audio/Video switch designed primarily for application in Digital Set Top Boxes. It provides video and audio routing from the digital encoder source to the TV and VCR scart (peritelevision) connectors. In addition, the TV audio output has a programmable volume control. The chip is programmed by means of an I2C interface and can operate from a single or dual power supply.

Target specifications: Canal+, BSkyB, TPS, NorDig, and ECCA Euro-Box



Features

Supply

• Single: 0V, +5V, +12V

• Dual: 0V, –5V, +5V and +12V (Low number of external parts required) Video

• 2 scart switching (VCR, TV)

• VCR input supports RGB mode

• Integrated 75Ω drivers for direct video connection

• Y/C mixer with trap for RF modulators

• Switchable clamps on inputs

• Adjustable gain on RGB outputs

• Video output shutdown for low power modes

• Fast blanking switch

• Slow blanking switch for TV and VCR output

• SVHS switch on VCR output

• Y/C auxiliary input



Audio

• Four stereo audio inputs

• Volume control (–56dB to +6dB in 2dB steps)

• Additional switchable gain on audio DAC inputs

• Audio overlay facility

• Volume bypass for TV and Phono outputs

• Mono switching on TV, VCR outputs

• High drive capability (600Ω loads possible)

• Switchable audio limiter function

• Switchable Mono output for RF modulators

• Audio output disable



I2C and Logic

• Fast mode compatible I2C bus

• Function monitor with loop through

• Interrupt output for function monitor

• Logic output pin

• Sync detector for Y/CVBS inputs



Applications

• Digital Set Top Box

• Integrated digital television



 




Similar Part No. - CXA2161R

ManufacturerPart #DatasheetDescription
logo
Sony Corporation
CXA2164Q SONY-CXA2164Q Datasheet
343Kb / 29P
US Audio Multiplexing Decoder
More results


Similar Description - CXA2161R

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
M52791SP MITSUBISHI-M52791SP Datasheet
121Kb / 10P
AV SWITCH with I2C BUS CONTROL
M52795SP MITSUBISHI-M52795SP Datasheet
114Kb / 9P
AV SWITCH with I2C BUS CONTROL
M52797SP MITSUBISHI-M52797SP Datasheet
104Kb / 9P
AV SWITCH with I2C BUS CONTROL
logo
Sony Corporation
CXA1114P SONY-CXA1114P Datasheet
367Kb / 20P
AUDIO VIDEO SWITCH COMPATIBLE WITH I2C BUS
CXA1845Q SONY-CXA1845Q Datasheet
390Kb / 19P
I2C BUS-COMPATIBLE AUDIO/VIDEO SWITCH
CXA1855Q SONY-CXA1855Q Datasheet
369Kb / 19P
I2C BUS-COMPATIBLE AUDIO/VIDEO SWITCH
CXA2078Q SONY-CXA2078Q Datasheet
568Kb / 35P
I2C Bus-Compatible Audio/Video Switch with Electronic Volume
CXA7002R SONY-CXA7002R Datasheet
424Kb / 47P
I2C Bus Compatible Audio Video (AV) Switch & Electronic Volume Control
logo
Renesas Technology Corp
M52790SP RENESAS-M52790SP Datasheet
188Kb / 14P
AV Switch with I2C Bus Control
M52791SP RENESAS-M52791SP Datasheet
175Kb / 14P
AV Switch with I2C Bus Control
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com